Electronic Components Datasheet Search |
|
SS8B-02-10K-JC Datasheet(PDF) 3 Page - Welwyn Components Limited |
|
SS8B-02-10K-JC Datasheet(HTML) 3 Page - Welwyn Components Limited |
3 / 3 page Welwyn Components SOIC Series Issue June 2006 © Welwyn Components Limited Bedlington, Northumberland NE22 7AA, UK Telephone: +44 (0) 1670 822181 • Facsimile: +44 (0) 1670 829465 • Email: info@welwyn-tt.com • Website: www.welwyn-tt.com Surface Mount SOIC Resistor Networks Power Derating Data 25° 70° 125° 100 50 10 Temperature in °C Physical and Schematic Data (mm) 1 2 3 N 1.27 Typ L 0.41 ± 0.08 0.18 ± 0.08 E B H N N Schematic A Isolated Schematic B Bussed Note: N = number of pins (8, 14, 16) R1 1 2 3 R1 1 2 3 N - C I O S W - C I O S n i P - 8 n i P - 4 1 n i P - 6 1 n i P - 6 1 n i P - 0 2 ± 1.5 0.2 ± 3.9 0.1 ± 6.0 0.2 E L B H ± 2.5 0.15 ± 7.5 0.1 ± 10.3 0.3 ± 8.66 0.1 ± 4.9 0.1 ± 9.91 0.1 ± 10.21 0.1 ± 12.75 0.1 For additional information or to discuss your specific requirements, please contact our Applications Team using the contact details below. SS8 A - 01 - 10K - F B Style SS4 = 8-pin SOIC-N SS7 = 14-pin SOIC-N SS8 = 16-pin SOIC-N SL8 = 16-pin SOIC-W SL0 = 20-pin SOIC-W Schematic A = Isolated network B = Bussed network Absolute TCR Code 00 = ±250ppm/°C; 01 = ±100ppm/°C 02 = ±50ppm/°C; 03 = ±25ppm/°C Resistance Code 4-Digit Resistance Code Ex: 1002 = 10KW, 50R1 = 50.1W Absolute Tolerance Code J = ±5%; G = ±2%; F = ±1%; D = ±0.5% C = ±0.25%; B = ±0.1% Optional Ratio Tolerance Code G = ±2%; F = ±1%; D = ±0.5%; C = ±0.25%; B = ±0.1%; A = ±0.05% Packaging Specify tubes or tape & reel. Finish Blank = Pb - free PB = SnPb Ordering Data N N Schematic A Isolated Schematic B Bussed Note: N = number of pins (8, 14, 16) R1 1 2 3 R1 1 2 3 Note: All dimesions exclude mold flash and end flash which shall not exceed 0.15 per side. N N Schematic A Isolated Schematic B Bussed Note: N = number of pins (8, 14, 16) R1 1 2 3 R1 1 2 3 |
Similar Part No. - SS8B-02-10K-JC |
|
Similar Description - SS8B-02-10K-JC |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |