Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

OM7603ST Datasheet(PDF) 3 Page - List of Unclassifed Manufacturers

Part # OM7603ST
Description  Three Terminal, Adjustable Voltage, 1.5 Amp Precision Negative Regulator In Hermetic JEDEC TO-257AA Package
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

OM7603ST Datasheet(HTML) 3 Page - List of Unclassifed Manufacturers

  OM7603ST Datasheet HTML 1Page - List of Unclassifed Manufacturers OM7603ST Datasheet HTML 2Page - List of Unclassifed Manufacturers OM7603ST Datasheet HTML 3Page - List of Unclassifed Manufacturers OM7603ST Datasheet HTML 4Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
3.3 - 139
3.3
OM7603ST
TYPICAL PERFORMANCE APPLICATIONS
0.2
0
-0.2
-0.4
-0.6
-0.8
-1.0
-1.2
-1.4
-50
-25
025
50
75
100
125
150
4
3
2
1
0
0
10
20
30
40
80
75
70
65
60
55
50
45
40
-50
-25
0
25
50
75
100
125
150
3.0
2.5
2.0
1.5
1.0
-50
-25
025
50
75
100
125
150
LOAD REGULATION
TJ, Junction Temperature (C°)
IL = 0.5A
IL = 1.5A
VI = -15V
VO = -10V
0.2
0
-0.2
-0.4
-0.6
-0.8
-1.0
-1.2
-1.4
-75-50
-25
0
25
50
75
100 125
150
ADJUSTMENT PIN CURRENT
TJ, Junction Temperature (C°)
80
75
70
65
60
55
50
45
40
-75 -50
-25
0
25
50
75
100 125 150
TEMPERATURE STABILITY
TJ, Junction Temperature (C°)
1.270
1.260
1.250
1.240
1.230
-75 -50
-25
0
25
50
75
100 125 150
CURRENT LIMIT
VI - VO, Input - Output Voltage Differential (Vdc)
TJ = -25°C
TJ = -55°C
TJ = -150°C
4
3
2
1
0
0
10203040
DROPOUT VOLTAGE
TJ, Junction Temperature (C°)
IL = 1.5A
VO = -5V ³VO = 100mV
IL = 20mA
IL = 1.0A
IL = 500mA
IL = 200mA
3.0
2.5
2.0
1.5
1.0
-50
-25
0
25
50
75
100
125 150
MINIMUM OPERATING CURRENT
TJ = 25°C
TJ = -55°C
TJ = 150°C
1.8
1.6
1.4
1.2
1.0
0.8
0.6
0.4
0.2
0
010
20
30
40
VI - VO, Input - Output Voltage Differential (Vdc)


Similar Part No. - OM7603ST

ManufacturerPart #DatasheetDescription
logo
International Rectifier
OM7603SM IRF-OM7603SM Datasheet
30Kb / 2P
   Three Terminal, Adjustable Voltage, 1.0 Amp Precision Negative Regulator In A Hermetic Surface Mount Package
More results

Similar Description - OM7603ST

ManufacturerPart #DatasheetDescription
logo
International Rectifier
OM7603SM IRF-OM7603SM Datasheet
30Kb / 2P
   Three Terminal, Adjustable Voltage, 1.0 Amp Precision Negative Regulator In A Hermetic Surface Mount Package
logo
List of Unclassifed Man...
OM1325SMM ETC1-OM1325SMM Datasheet
38Kb / 4P
   Three Terminal, Precision Adjustable Negative Voltage Regulator In Hermetic Style Packages
logo
Micro Electronics
SG117A MICRO-ELECTRONICS-SG117A Datasheet
263Kb / 8P
   1.5 AMP THREE TERMINAL ADJUSTABLE VOLTAGE REGULATOR
logo
Microsemi Corporation
SG117A MICROSEMI-SG117A Datasheet
214Kb / 8P
   1.5 AMP THREE TERMINAL ADJUSTABLE VOLTAGE REGULATOR
logo
List of Unclassifed Man...
OM7604ST ETC-OM7604ST Datasheet
44Kb / 4P
   ISOLATED HERMETIC TO-257AA ADJUSTABLE VOLTAGE REGULATOR
logo
Seme LAB
IP137A SEME-LAB-IP137A_03 Datasheet
48Kb / 4P
   1.5 AMP NEGATIVE ADJUSTABLE VOLTAGE REGULATOR
IP137A SEME-LAB-IP137A Datasheet
43Kb / 4P
   1.5 AMP NEGATIVE ADJUSTABLE VOLTAGE REGULATOR
logo
List of Unclassifed Man...
OM7602 ETC-OM7602 Datasheet
35Kb / 4P
   ISOLATED HERMETIC TO-257AA ADJUSTABLE VOLTAGE REGULATOR
logo
International Rectifier
OM7629NM IRF-OM7629NM Datasheet
33Kb / 4P
   Three Terminal, Fixed Voltage, 1.5 Amp Precision Positive Regulators In Hermetic Surface Mount Package
logo
List of Unclassifed Man...
OM6101ST ETC2-OM6101ST Datasheet
49Kb / 4P
   POWER MOSFET IN HERMETIC ISOLATED JEDEC TO 257AA PACKAGE
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com