Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CY7C199C Datasheet(PDF) 6 Page - Cypress Semiconductor

Part # CY7C199C
Description  256K (32K x 8) Static RAM
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY7C199C Datasheet(HTML) 6 Page - Cypress Semiconductor

Back Button CY7C199C_06 Datasheet HTML 2Page - Cypress Semiconductor CY7C199C_06 Datasheet HTML 3Page - Cypress Semiconductor CY7C199C_06 Datasheet HTML 4Page - Cypress Semiconductor CY7C199C_06 Datasheet HTML 5Page - Cypress Semiconductor CY7C199C_06 Datasheet HTML 6Page - Cypress Semiconductor CY7C199C_06 Datasheet HTML 7Page - Cypress Semiconductor CY7C199C_06 Datasheet HTML 8Page - Cypress Semiconductor CY7C199C_06 Datasheet HTML 9Page - Cypress Semiconductor CY7C199C_06 Datasheet HTML 10Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 13 page
background image
CY7C199C
Document #: 38-05408 Rev. *C
Page 6 of 13
Data Retention Characteristics[8]
Parameter
Description
Condition
ALL
Unit
Min.
Max.
VDR
VCC for Data Retention
2.0
V
ICCDR
Data Retention Current
VCC = VDR=2.0V, CE ≥ VCC – 0.3V,
VIN ≥ VCC – 0.3V or VIN ≤ 0.3V
150
µA
tCDR
Chip Deselect to Data
Retention Time
0
ns
tR
Operation Recovery Time
200
µs
Timing Waveforms
Data Retention Waveform
Read Cycle No. 1[11, 10]
Notes:
8. L-version only.
9. Device is continuously selected. OE = VIL = CE.
10. WE is HIGH for Read Cycle.
CE
DATA RETENTION MODE
t
CDR
t
R
V
CC
Address
Data Out
Previous Data Valid
Data Valid
t
RC
t
AA
t
OHA
[+] Feedback
[+] Feedback


Similar Part No. - CY7C199C_06

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C199C-12VC CYPRESS-CY7C199C-12VC Datasheet
117Kb / 12P
   32K x 8 Static RAM
CY7C199C-12VI CYPRESS-CY7C199C-12VI Datasheet
117Kb / 12P
   32K x 8 Static RAM
CY7C199C-12ZC CYPRESS-CY7C199C-12ZC Datasheet
117Kb / 12P
   32K x 8 Static RAM
CY7C199C-15PC CYPRESS-CY7C199C-15PC Datasheet
117Kb / 12P
   32K x 8 Static RAM
CY7C199C-15VC CYPRESS-CY7C199C-15VC Datasheet
117Kb / 12P
   32K x 8 Static RAM
More results

Similar Description - CY7C199C_06

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C1399B CYPRESS-CY7C1399B_05 Datasheet
185Kb / 10P
   256K(32K x 8) Static RAM
CY62256N CYPRESS-CY62256N Datasheet
712Kb / 13P
   256K (32K x 8) Static RAM
CY7C199CN CYPRESS-CY7C199CN Datasheet
609Kb / 14P
   256K (32K x 8) Static RAM
CY7C199CN CYPRESS-CY7C199CN_09 Datasheet
589Kb / 14P
   256K (32K x 8) Static RAM
CY62256VN CYPRESS-CY62256VN Datasheet
647Kb / 12P
   256K (32K x 8) Static RAM
CY7C199D CYPRESS-CY7C199D_09 Datasheet
374Kb / 12P
   256K (32K x 8) Static RAM
CY62256VN CYPRESS-CY62256VN_09 Datasheet
422Kb / 13P
   256K (32K x 8) Static RAM
CY7C199C-15VIT CYPRESS-CY7C199C-15VIT Datasheet
321Kb / 13P
   256K (32K x 8) Static RAM
CY62256 CYPRESS-CY62256 Datasheet
394Kb / 12P
   256K (32K x 8) Static RAM
CY62256 CYPRESS-CY62256_06 Datasheet
478Kb / 14P
   256K (32K x 8) Static RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com