Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

WRM0207V-1K0JI Datasheet(PDF) 1 Page - Welwyn Components Limited

Part # WRM0207V-1K0JI
Description  Mini Melf Resistors
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WELWYN [Welwyn Components Limited]
Direct Link  http://www.welwyn-tt.com/
Logo WELWYN - Welwyn Components Limited

WRM0207V-1K0JI Datasheet(HTML) 1 Page - Welwyn Components Limited

  WRM0207V-1K0JI Datasheet HTML 1Page - Welwyn Components Limited WRM0207V-1K0JI Datasheet HTML 2Page - Welwyn Components Limited WRM0207V-1K0JI Datasheet HTML 3Page - Welwyn Components Limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Dimensions (mm) and weight (g)
Type
L
D
D1
K
Weight
max
max
max
min
WRM 0102
2.2
1.1
1.1
0.35
0.01
WRM 0204
3.
6
1.4
1.4
0.5
0.02
WRM 0207
6.
0
2.
2
2.2
1.1
0.08
Mini Melf
Resistors
WRM Series
High reliability
Predictable pulse handling capability
Tolerances down to 0.1%
TCR down to 5 ppm/°C
General Note
Welwyn Components reserves the right to make changes in product specification without notice or liability.
All information is subject to Welwyn’s own data and is considered accurate at time of going to print.
© Welwyn Components Limited · Bedlington, Northumberland NE22 7AA, UK
Telephone: +44 (0) 1670 822181 · Facsimile: +44 (0) 1670 829465 · Email: info@welwyn-tt.com · Website: www.welwyn-tt.com
WRM 0102
WRM 0204
WRM 0207
Power rating at 70°C
watts
0.2
0.25
0.4
Resistance range
ohms
R22 – 2M21
R22 – 10M
R22 – 8M2
Limiting element voltage
volts
150
200
250
TCR
ppm/°C
15, 25, 50
5, 15, 25, 50
25, 50
Resistance tolerance
%
0.1, 0.25, 0.5, 1.0, 2, 5
Standard values
E24 & E96
Thermal impedance
k/W
250
200
140
Ambient temperature range
°C
-55 to +125
Insulation resistance
ohms
>1010
Electrical Data
Physical Data
Issue D · 09.06
A subsidiary of
TT electronics plc
Welwyn Components
L
K
L1
D
D1
Construction
A metal film is deposited onto a high dissipation ceramic
former to which tin plated teminating caps are fitted.
The resistor is adjusted to value by a helical cut in the film
and the body is protected by a lacquer coating.
Marking
Resistance values are colour coded with 4 or 5 bands
depending on type.
Terminations
Material
Plated steel cap.
Solderability
The pure tin finish produces ageing free
contacts on which low melting solders can
be used. Dipped area shall be covered with
a smooth and bright solder coating after
3 seconds immersion at 215°C.
Solvent Resistance
The body protection and marking are resistant to all normal
industrial cleaning solvents suitable for printed circuit boards.


Similar Part No. - WRM0207V-1K0JI

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
WRM0207 ETC2-WRM0207 Datasheet
238Kb / 3P
   MELF Resistors
WRM0207C-470RFI ETC2-WRM0207C-470RFI Datasheet
238Kb / 3P
   MELF Resistors
More results

Similar Description - WRM0207V-1K0JI

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SMM0204 VISHAY-SMM0204_11 Datasheet
250Kb / 7P
   Thin Film Mini-MELF Resistors
Revision: 16-Sep-11
SMM02040C1961FB300 VISHAY-SMM02040C1961FB300 Datasheet
250Kb / 7P
   Thin Film Mini-MELF Resistors
Revision: 16-Sep-11
OMM02040000000B300 VISHAY-OMM02040000000B300 Datasheet
250Kb / 7P
   Thin Film Mini-MELF Resistors
Revision: 16-Sep-11
SMM0204 VISHAY-SMM0204_15 Datasheet
146Kb / 11P
   Thin Film Mini-MELF Resistors
Revision: 17-Apr-15
SMM0204 VISHAY-SMM0204_16 Datasheet
179Kb / 12P
   Thin Film Mini-MELF Resistors
Revision: 09-Dec-15
SMM02040C1501FB300 VISHAY-SMM02040C1501FB300 Datasheet
250Kb / 7P
   Thin Film Mini-MELF Resistors
Revision: 16-Sep-11
SMM0204 VISHAY-SMM0204_V01 Datasheet
188Kb / 13P
   Thin Film Mini-MELF Resistors
01-Jan-2022
logo
List of Unclassifed Man...
WRM0207C-470RFI ETC2-WRM0207C-470RFI Datasheet
238Kb / 3P
   MELF Resistors
logo
Vishay Siliconix
MMA02040C3303FB300 VISHAY-MMA02040C3303FB300 Datasheet
235Kb / 13P
   Professional MELF Resistors
Revision: 05-Mar-12
MMU01020C1009FB300 VISHAY-MMU01020C1009FB300 Datasheet
235Kb / 13P
   Professional MELF Resistors
Revision: 05-Mar-12
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com