Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

P3C1024L Datasheet(PDF) 5 Page - Pyramid Semiconductor Corporation

Part # P3C1024L
Description  ULTRA LOW POWER 128K x 8 CMOS STATIC RAM
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PYRAMID [Pyramid Semiconductor Corporation]
Direct Link  http://www.pyramidsemiconductor.com
Logo PYRAMID - Pyramid Semiconductor Corporation

P3C1024L Datasheet(HTML) 5 Page - Pyramid Semiconductor Corporation

  P3C1024L Datasheet HTML 1Page - Pyramid Semiconductor Corporation P3C1024L Datasheet HTML 2Page - Pyramid Semiconductor Corporation P3C1024L Datasheet HTML 3Page - Pyramid Semiconductor Corporation P3C1024L Datasheet HTML 4Page - Pyramid Semiconductor Corporation P3C1024L Datasheet HTML 5Page - Pyramid Semiconductor Corporation P3C1024L Datasheet HTML 6Page - Pyramid Semiconductor Corporation P3C1024L Datasheet HTML 7Page - Pyramid Semiconductor Corporation P3C1024L Datasheet HTML 8Page - Pyramid Semiconductor Corporation P3C1024L Datasheet HTML 9Page - Pyramid Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
P3C1024L
Page 5 of 9
Document # SRAM132 REV OR
-55
Notes:
6.
CE
1 and WE are LOW and CE2 is HIGH for WRITE cycle.
7.
OE is LOW for this WRITE cycle to show twz and tow.
8. If
CE
1 goes HIGH or CE2 goes LOW simultaneously with WE HIGH, the output remains in a high impedance state.
9. Write Cycle Time is measured from the last valid address to the first transitioning address.
AC CHARACTERISTICS - WRITE CYCLE
(Over Recommended Operating Temperature & Supply Voltage)
WRITE CYCLE NO. 1 (
WE
WE
WE
WE
WE CONTROLLED)(6)
Symbol
Parameter
Max
-70
Max
Unit
Min
Min
t
WC
t
CW
t
AS
t
WP
t
AH
t
DH
t
WZ
t
OW
Write Cycle Time
55
70
ns
Chip Enable Time
to End of Write
40
60
ns
Address Valid to
End of Write
40
60
ns
Address Set-up
Time
00
ns
Write Pulse Width
40
50
ns
Address Hold
Time
00
ns
Data Valid to End
of Write
25
30
ns
Data Hold Time
00
ns
Write Enable to
Output in High Z
20
25
ns
Output Active from
End of Write
10
10
ns
t
AW
t
DW


Similar Part No. - P3C1024L

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
P3C1024 ETC1-P3C1024 Datasheet
45Kb / 2P
   HIGH SPEED 128K x 8 3.3V STATIC CMOS RAM
More results

Similar Description - P3C1024L

ManufacturerPart #DatasheetDescription
logo
Integrated Silicon Solu...
IS62WV1288ALL ISSI-IS62WV1288ALL Datasheet
111Kb / 15P
   128K x 8 LOW VOLTAGE, ULTRA LOW POWER CMOS STATIC RAM
logo
Taiwan Memory Technolog...
T15M1024A TMT-T15M1024A Datasheet
85Kb / 13P
   128K X 8 LOW POWER CMOS STATIC RAM
logo
Integrated Silicon Solu...
IS62WV1288DALL ISSI-IS62WV1288DALL Datasheet
468Kb / 16P
   128K x 8 LOW VOLTAGE, ULTRA LOW POWER CMOS STATIC RAM
logo
Taiwan Memory Technolog...
T15M1024A TMT-T15M1024A_04 Datasheet
87Kb / 13P
   128K X 8 LOW POWER CMOS STATIC RAM
logo
Pyramid Semiconductor C...
P4C1024L PYRAMID-P4C1024L Datasheet
281Kb / 11P
   LOW POWER 128K x 8 CMOS STATIC RAM
logo
List of Unclassifed Man...
IS62C1024AL-35QLI-TR ETC2-IS62C1024AL-35QLI-TR Datasheet
313Kb / 11P
   128K x 8 LOW POWER CMOS STATIC RAM
logo
Integrated Circuit Solu...
IC62C1024L ICSI-IC62C1024L Datasheet
123Kb / 8P
   128K X 8 LOW POWER CMOS STATIC RAM
logo
Integrated Silicon Solu...
62C1024L ISSI-62C1024L Datasheet
65Kb / 11P
   128K x 8 LOW POWER CMOS STATIC RAM
IS62C1024AL ISSI-IS62C1024AL Datasheet
75Kb / 11P
   128K x 8 LOW POWER CMOS STATIC RAM
logo
Integrated Circuit Solu...
IS62C1024LL ICSI-IS62C1024LL Datasheet
122Kb / 8P
   128K x 8 LOW POWER CMOS STATIC RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com