Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN65HVD07D Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # SN65HVD07D
Description  HIGH OUTPUT RS-485 TRANSCEIVERS
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN65HVD07D Datasheet(HTML) 4 Page - Texas Instruments

  SN65HVD07D Datasheet HTML 1Page - Texas Instruments SN65HVD07D Datasheet HTML 2Page - Texas Instruments SN65HVD07D Datasheet HTML 3Page - Texas Instruments SN65HVD07D Datasheet HTML 4Page - Texas Instruments SN65HVD07D Datasheet HTML 5Page - Texas Instruments SN65HVD07D Datasheet HTML 6Page - Texas Instruments SN65HVD07D Datasheet HTML 7Page - Texas Instruments SN65HVD07D Datasheet HTML 8Page - Texas Instruments SN65HVD07D Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 24 page
background image
www.ti.com
DRIVER SWITCHING CHARACTERISTICS
SN65HVD05
,, SN65HVD06
SN75HVD05, SN65HVD07
SN75HVD06, SN75HVD07
SLLS533D – MAY 2002 – REVISED JULY 2006
over operating free-air temperature range unless otherwise noted
PARAMETER
TEST CONDITIONS
MIN TYP(1)
MAX
UNIT
HVD05
6.5
11
tPLH
Propagation delay time, low-to-high-level output
HVD06
27
40
ns
HVD07
250
400
HVD05
6.5
11
tPHL
Propagation delay time, high-to-low-level output
HVD06
27
40
ns
HVD07
250
400
HVD05
2.7
3.6
6
RL = 54 Ω, CL = 50 pF,
tr
Differential output signal rise time
HVD06
18
28
55
ns
See Figure 4
HVD07
150
300
450
HVD05
2.7
3.6
6
tf
Differential output signal fall time
HVD06
18
28
55
ns
HVD07
150
300
450
HVD05
2
tsk(p)
Pulse skew (|tPHL - tPLH|)
HVD06
2.5
ns
HVD07
10
HVD05
3.5
tsk(pp)(2) Part-to-part skew
HVD06
14
ns
HVD07
100
HVD05
25
Propagation delay time,
tPZH1
HVD06
45
ns
high-impedance-to-high-level output
HVD07
250
RE at 0 V, RL = 110 Ω,
See Figure 5
HVD05
25
Propagation delay time,
tPHZ
HVD06
60
ns
high-level-to-high-impedance output
HVD07
250
HVD05
15
Propagation delay time,
tPZL1
HVD06
45
ns
high-impedance-to-low-level output
HVD07
200
RE at 0 V, RL = 110 Ω,
See Figure 6
HVD05
14
Propagation delay time,
tPLZ
HVD06
90
ns
low-level-to-high-impedance output
HVD07
550
RL = 110Ω , RE at 3 V,
tPZH2
Propagation delay time, standby-to-high-level output
6
µs
See Figure 5
RL = 110 Ω, RE at 3 V,
tPZL2
Propagation delay time, standby-to-low-level output
6
µs
See Figure 6
(1)
All typical values are at 25°C and with a 5-V supply.
(2)
tsk(pp) is the magnitude of the difference in propagation delay times between any specified terminals of two devices when both devices
operate with the same supply voltages, at the same temperature, and have identical packages and test circuits.
4
Submit Documentation Feedback


Similar Part No. - SN65HVD07D

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN65HVD07D TI-SN65HVD07D Datasheet
220Kb / 19P
[Old version datasheet]   HIGH OUTPUT RS-485 TRANSCEIVERS
More results

Similar Description - SN65HVD07D

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN65HVD05 TI-SN65HVD05 Datasheet
220Kb / 19P
[Old version datasheet]   HIGH OUTPUT RS-485 TRANSCEIVERS
logo
Exar Corporation
XR3080-88X EXAR-XR3080-88X Datasheet
834Kb / 24P
   HIGH OUTPUT 18V TOLERANT RS-485/RS-422 5V TRANSCEIVERS
logo
Texas Instruments
SN65HVD1176 TI1-SN65HVD1176_15 Datasheet
1Mb / 29P
[Old version datasheet]   RS-485 Transceivers
logo
Shenzhen Huazhimei Semi...
MAX485 HMSEMI-MAX485 Datasheet
592Kb / 10P
   RS-485/RS-422 Transceivers
HM485 HMSEMI-HM485 Datasheet
530Kb / 10P
   RS-485/RS-422 Transceivers
logo
Intersil Corporation
ISL3170E INTERSIL-ISL3170E_08 Datasheet
953Kb / 19P
   RS-485/RS-422 Transceivers
logo
Texas Instruments
SN65HVD10 TI-SN65HVD10 Datasheet
273Kb / 20P
[Old version datasheet]   3.3V RS 485 TRANSCEIVERS
SN65HVD1176 TI-SN65HVD1176 Datasheet
248Kb / 17P
[Old version datasheet]   PROFIBUS RS-485 TRANSCEIVERS
SN65HVD1176 TI-SN65HVD1176_08 Datasheet
629Kb / 19P
[Old version datasheet]   PROFIBUS RS-485 TRANSCEIVERS
logo
National Semiconductor ...
DS75176B NSC-DS75176B Datasheet
209Kb / 8P
   Multipoint RS-485/RS-422 Transceivers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com