Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CY7C199CN-15ZC Datasheet(PDF) 10 Page - Cypress Semiconductor

Part # CY7C199CN-15ZC
Description  256K (32K x 8) Static RAM
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY7C199CN-15ZC Datasheet(HTML) 10 Page - Cypress Semiconductor

Back Button CY7C199CN-15ZC Datasheet HTML 6Page - Cypress Semiconductor CY7C199CN-15ZC Datasheet HTML 7Page - Cypress Semiconductor CY7C199CN-15ZC Datasheet HTML 8Page - Cypress Semiconductor CY7C199CN-15ZC Datasheet HTML 9Page - Cypress Semiconductor CY7C199CN-15ZC Datasheet HTML 10Page - Cypress Semiconductor CY7C199CN-15ZC Datasheet HTML 11Page - Cypress Semiconductor CY7C199CN-15ZC Datasheet HTML 12Page - Cypress Semiconductor CY7C199CN-15ZC Datasheet HTML 13Page - Cypress Semiconductor CY7C199CN-15ZC Datasheet HTML 14Page - Cypress Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 10 / 14 page
background image
CY7C199CN
Document #: 001-06435 Rev. *B
Page 10 of 14
Ordering Information
Contact local sales representative regarding availability of these parts.
Speed
(ns)
Ordering Code
Package
Diagram
Package Type
Power Op-
tion
Operating
Range
12
CY7C199CN–12VC
51-85031
28-Lead (300-Mil) Molded SOJ
Standard
Commercial
CY7C199CN–12ZC
51-85071
28 TSOP I (8 x 13.4 mm)
Standard
Commercial
CY7C199CN–12ZXC
51-85071
28 TSOP I (8 x 13.4 mm), Pb-free
Standard
Commercial
CY7C199CN–12VI
51-85031
28-Lead (300-Mil) Molded SOJ
Standard
Industrial
CY7C199CN–12VXI
51-85031
28-Lead (300-Mil) Molded SOJ, Pb-free
Standard
Industrial
CY7C199CN–12VXA
51-85031
28-Lead (300-Mil) Molded SOJ, Pb-free
Standard
Automotive-A
15
CY7C199CN–15PC
51-85014
28 DIP (6.9 x 35.6 x 3.5 mm)
Standard
Commercial
CY7C199CN–15PXC
51-85014
28 DIP (6.9 x 35.6 x 3.5 mm), Pb-free
Standard
Commercial
CY7C199CN–15VC
51-85031
28-Lead (300-Mil) Molded SOJ
Standard
Commercial
CY7C199CN–15VXC
51-85031
28-Lead (300-Mil) Molded SOJ, Pb-free
Standard
Commercial
CY7C199CN–15ZC
51-85071
28 TSOP I (8 x 13.4 mm), Pb-free
Standard
Commercial
CY7C199CN–15ZXC
51-85071
28 TSOP I (8 x 13.4 mm), Pb-free
Standard
Commercial
CY7C199CN–15VI
51-85031
28-Lead (300-Mil) Molded SOJ
Standard
Industrial
CY7C199CNL–15VC
51-85031
28-Lead (300-Mil) Molded SOJ
Low Power Commercial
CY7C199CNL–15VXC
51-85031
28-Lead (300-Mil) Molded SOJ, Pb-free
Low Power Commercial
CY7C199CNL–15ZXC
51-85071
28 TSOP I (8 x 13.4 mm), Pb-free
Low Power Commercial
CY7C199CNL–15VXI
51-85031
28-Lead (300-Mil) Molded SOJ, Pb-free
Low Power Industrial
20
CY7C199CN–20VC
51-85031
28-Lead (300-Mil) Molded SOJ
Standard
Commercial
CY7C199CN–20ZI
51-85071
28 TSOP I (8 x 13.4 mm)
Standard
Industrial
CY7C199CN–20ZXI
51-85071
28 TSOP I (8 x 13.4 mm), Pb-free
Standard
Industrial
25
CY7C199CN–25PC
51-85014
28 DIP (6.9 x 35.6 x 3.5 mm)
Standard
Commercial
CY7C199CN–25PXC
51-85014
28 DIP (6.9 x 35.6 x 3.5 mm), Pb-free
Standard
Commercial
[+] Feedback
[+] Feedback


Similar Part No. - CY7C199CN-15ZC

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C199CN-15ZC CYPRESS-CY7C199CN-15ZC Datasheet
589Kb / 14P
   256K (32K x 8) Static RAM
More results

Similar Description - CY7C199CN-15ZC

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C1399B CYPRESS-CY7C1399B_05 Datasheet
185Kb / 10P
   256K(32K x 8) Static RAM
CY62256N CYPRESS-CY62256N Datasheet
712Kb / 13P
   256K (32K x 8) Static RAM
CY7C199CN CYPRESS-CY7C199CN_09 Datasheet
589Kb / 14P
   256K (32K x 8) Static RAM
CY62256VN CYPRESS-CY62256VN Datasheet
647Kb / 12P
   256K (32K x 8) Static RAM
CY7C199D CYPRESS-CY7C199D_09 Datasheet
374Kb / 12P
   256K (32K x 8) Static RAM
CY62256VN CYPRESS-CY62256VN_09 Datasheet
422Kb / 13P
   256K (32K x 8) Static RAM
CY7C199C CYPRESS-CY7C199C_06 Datasheet
317Kb / 13P
   256K (32K x 8) Static RAM
CY7C199C-15VIT CYPRESS-CY7C199C-15VIT Datasheet
321Kb / 13P
   256K (32K x 8) Static RAM
CY62256 CYPRESS-CY62256 Datasheet
394Kb / 12P
   256K (32K x 8) Static RAM
CY62256 CYPRESS-CY62256_06 Datasheet
478Kb / 14P
   256K (32K x 8) Static RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com