Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CY7C0833AV-133BBI Datasheet(PDF) 3 Page - Cypress Semiconductor

Part # CY7C0833AV-133BBI
Description  FLEx18??3.3V 64K/128K x 36 and 128K/256K x 18 Synchronous Dual-Port RAM
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY7C0833AV-133BBI Datasheet(HTML) 3 Page - Cypress Semiconductor

  CY7C0833AV-133BBI Datasheet HTML 1Page - Cypress Semiconductor CY7C0833AV-133BBI Datasheet HTML 2Page - Cypress Semiconductor CY7C0833AV-133BBI Datasheet HTML 3Page - Cypress Semiconductor CY7C0833AV-133BBI Datasheet HTML 4Page - Cypress Semiconductor CY7C0833AV-133BBI Datasheet HTML 5Page - Cypress Semiconductor CY7C0833AV-133BBI Datasheet HTML 6Page - Cypress Semiconductor CY7C0833AV-133BBI Datasheet HTML 7Page - Cypress Semiconductor CY7C0833AV-133BBI Datasheet HTML 8Page - Cypress Semiconductor CY7C0833AV-133BBI Datasheet HTML 9Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 28 page
background image
CY7C0837AV
CY7C0830AV/CY7C0831AV
CY7C0832AV/CY7C0833AV
Document #: 38-06059 Rev. *Q
Page 3 of 28
Pin Configurations
144-ball BGA
Top View
CY7C0837AV / CY7C0830AV / CY7C0831AV
CY7C0832AV / CY7C0833AV
12
345
678
9
10
11
12
A
DQ17L
DQ16L
DQ14L
DQ12L
DQ10L
DQ9L
DQ9R
DQ10R
DQ12R
DQ14R
DQ16R
DQ17R
B
A0L
A1L
DQ15L
DQ13L
DQ11L
MRST
NC
DQ11R
DQ13R
DQ15R
A1R
A0R
C
A2L
A3L
CE1L
[6]
INTL
CNTINTL
[8]
ADSL
[7]
ADSR
[7]
CNTINTR
[8]
INTR
CE1R
[6]
A3R
A2R
D
A4L
A5L
CE0L
[7]
NC
VDD
VDD
VDD
VDD
NC
CE0R
[7]
A5R
A4R
E
A6L
A7L
B1L
NC
VDD
VSS
VSS
VDD
NC
B1R
A7R
A6R
F
A8L
A9L
CL
NC
VSS
VSS
VSS
VSS
NC
CR
A9R
A8R
G
A10L
A11L
B0L
NC
VSS
VSS
VSS
VSS
NC
B0R
A11R
A10R
H
A12L
A13L
OEL
NC
VDD
VSS
VSS
VDD
NC
OER
A13R
A12R
J
A14L
A15L
[2]
RWL
NC
VDD
VDD
VDD
VDD
NC
RWR
A15R
[2]
A14R
K
A16L
[3]
A17L
[4]
CNT/MSKL
[6]
TDO
CNTRSTL
[6]
TCK
TMS
CNTRSTR
[6]
TDI
CNT/MSKR
[6]
A17R
[4]
A16R
[3]
L
A18L
[5]
NC
DQ6L
DQ4L
DQ2L
CNTENL
[7]
CNTENR
[7]
DQ2R
DQ4R
DQ6R
NC
A18R
[5]
M
DQ8L
DQ7L
DQ5L
DQ3L
DQ1L
DQ0L
DQ0R
DQ1R
DQ3R
DQ5R
DQ7R
DQ8R
Notes:
2. Leave this ball unconnected for CY7C0837AV.
3. Leave this ball unconnected for CY7C0837AV and CY7C0830AV.
4. Leave this ball unconnected for CY7C0837AV, CY7C0830AV and CY7C0831AV.
5. Leave this ball unconnected for CY7C0837AV, CY7C0830AV, CY7C0831AV and CY7C0832AV.
6. These balls are not applicable for CY7C0833AV device. They need to be tied to VDD.
7. These balls are not applicable for CY7C0833AV device. They need to be tied to VSS.
8. These balls are not applicable for CY7C0833AV device. They need to be no connected.
[+] Feedback
[+] Feedback


Similar Part No. - CY7C0833AV-133BBI

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C0833AV-133BBI CYPRESS-CY7C0833AV-133BBI Datasheet
700Kb / 28P
   FLEx18 3.3V 64K/128K x 36 and 128K/256K x 18 Synchronous Dual-Port RAM
More results

Similar Description - CY7C0833AV-133BBI

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C0837AV CYPRESS-CY7C0837AV_09 Datasheet
700Kb / 28P
   FLEx18 3.3V 64K/128K x 36 and 128K/256K x 18 Synchronous Dual-Port RAM
CYD01S18V CYPRESS-CYD01S18V Datasheet
585Kb / 26P
   FLEx18??3.3V 64K/128K/256K/512K x 18 Synchronous Dual-Port RAM
CY7C0837V CYPRESS-CY7C0837V Datasheet
446Kb / 28P
   FLEx18-TM 3.3V 32K/64K/128K/256K/512K x 18 Synchronous Dual-Port RAM
CY7C0852V CYPRESS-CY7C0852V Datasheet
764Kb / 29P
   FLEx36TM 3.3V 32K/64K/128K/256K x 36 Synchronous Dual-Port RAM
CY7C0850AV CYPRESS-CY7C0850AV Datasheet
829Kb / 31P
   FLEx36TM 3.3V 32K/64K/128K/256K x 36 Synchronous Dual-Port RAM
CYD01S36V CYPRESS-CYD01S36V_08 Datasheet
623Kb / 28P
   FLEx36??3.3V 32K/64K/128K/256K/512 x 36 Synchronous Dual-Port RAM
CYD01S36V CYPRESS-CYD01S36V Datasheet
483Kb / 28P
   FLEx36 3.3V 32K/64K/128K/256K/512 x 36 Synchronous Dual-Port RAM
CYD18S72V CYPRESS-CYD18S72V Datasheet
470Kb / 26P
   FLEx72 3.3V 64K/128K/256K x 72 Synchronous Dual-Port RAM
CYD04S72V CYPRESS-CYD04S72V_06 Datasheet
700Kb / 25P
   FLEx72??3.3V 64K/128K/256K x 72 Synchronous Dual-Port RAM
logo
Integrated Silicon Solu...
IS61LF12832A ISSI-IS61LF12832A Datasheet
166Kb / 25P
   128K x 32, 128K x 36, 256K x 18 4 Mb SYNCHRONOUS FLOW-THROUGH STATIC RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com