CY7C1011DV33
Document #: 38-05609 Rev. *C
Page 11 of 11
Document History
Document Title: CY7C1011DV33 2-Mbit (128K x 16)Static RAM
Document Number: 38-05609
REV.
ECN NO.
Issue Date
Orig. of
Change
Description of Change
**
250650
See ECN
RKF
New Data Sheet
*A
399070
See ECN
NXR
Changed from Advance to Preliminary
Changed address of Cypress Semiconductor Corporation on Page# 1 from
“3901 North First Street” to “198 Champion Court”
Removed TQFP Package from product offering
Removed –15 speed bin
Corrected DC voltage limits in maximum ratings section from –0.5 to –0.3V
and VCC +0.5V to VCC +0.3V
Redefined ICC values for Com’l and Ind’l temperature ranges
ICC (Com’l): Changed from 100, 80 and 70 mA to 90, 80 and 75 mA for 8, 10
and 12ns speed bins respectively
ICC (Ind’l): Changed from 80 and 70 mA to 90 and 85 mA for 10 and 12ns
speed bins respectively
Modified Note# 4 on AC Test Loads
Added Static Discharge Voltage and latch-up current spec
Added VIH(max) spec in Note# 2
Changed reference voltage level for measurement of Hi-Z parameters from
±500 mV to ±200 mV
Added Data Retention Characteristics Table and footnote on tR
Added Write Cycle (WE Controlled, OE HIGH During Write) Timing Diagram
Changed package name for 44-pin TSOP II from Z to ZS
Added 8 ns parts in the Ordering Information table
Shaded Ordering Information Table
*B
459073
See ECN
NXR
Converted Preliminary to Final.
Removed –8 and –12 Speed bins
Removed Commercial Operating Range from product offering.
Changed the description of IIX from “Input Load Current” to “Input Leakage
Current”
Updated the Thermal Resistance table.
Changed tHZBE from 5 ns to 6 ns.
Updated footnote #7 on High-Z parameter measurement
Added footnote #12.
Updated the Ordering Information and replaced Package Name column with
Package Diagram in the Ordering Information table.
*C
480177
See ECN
VKN
Added -10BVI product ordering code in the Ordering Information table.
[+] Feedback
[+] Feedback