Electronic Components Datasheet Search |
|
P4C163-35FMB Datasheet(PDF) 3 Page - Pyramid Semiconductor Corporation |
|
P4C163-35FMB Datasheet(HTML) 3 Page - Pyramid Semiconductor Corporation |
3 / 12 page P4C163/163L Page 3 of 12 Document # SRAM120 REV C POWER DISSIPATION CHARACTERISTICS Over recommended operating temperature and supply voltage(2) P4C163 P4C163L Min Max Min Max I CC Dynamic Operating V CC = Max., f = Max., Mil. — 145 — 145 mA Current – 25 Outputs Open Com’l. — 125 — N/A I CC Dynamic Operating V CC = Max., f = Max., Mil. — 120 — 120 mA Current – 35, 45 Outputs Open Com’l. — 95 — N/A I SB Standby Power Supply CE 1 ≥ VIH or Mil. — 40 — 40 mA Current (TTL Input Levels) CE 2 ≤ VIL, VCC = Max., Com’l. — 35 — N/A f = Max., Outputs Open I SB1 Standby Power Supply CE 1 ≥ VHC or Mil. — 20 — 1 mA Current CE 2 ≤ VLC, VCC = Max., Com’l. — 18 — N/A (CMOS Input Levels) f = 0, Outputs Open, V IN ≤ VLC or VIN ≥ VHC DATA RETENTION WAVEFORM Symbol Parameter Test Conditions Unit n/a = Not Applicable DATA RETENTION CHARACTERISTICS (P4C163L, Military Temperature Only) Typ.* Max Symbol Parameter Test Condition Min V CC=VCC=Unit 2.0V 3.0V 2.0V 3.0V V DR V CC for Data Retention 2.0 V I CCDR Data Retention Current 10 15 200 300 µA t CDR Chip Deselect to 0 ns Data Retention Time t R † Operation Recovery Time t RC § ns *T A = +25°C § t RC = Read Cycle Time † This parameter is guaranteed but not tested. CE 1 ≥ VCC – 0.2V or CE 2 ≤ 0.2V, VIN ≥ VCC – 0.2V or V IN ≤ 0.2V |
Similar Part No. - P4C163-35FMB |
|
Similar Description - P4C163-35FMB |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |