Part Name
         Description
IDTCSPU877D

 1.8V PHASE LOCKED LOOP DIFFERENTIAL 1:10 SDRAM CLOCK DRIVER ( 13 Page)


IDT
100% 
Zoom Out Zoom In
 
 1 page
background image
1
IDTCSPU877D
1.8V PLL DIFFERENTIAL 1:10 SDRAM CLOCK DRIVER
COMMERCIALTEMPERATURERANGE
Y0
Y0
FBOUT
Y1
Y1
Y5
Y5
Y4
Y4
Y3
Y3
Y2
Y2
Y8
Y8
Y6
Y6
Y7
Y7
Y9
Y9
FBOUT
FBIN
FBIN
PLL
CLK
CLK
POWER
DOWN
AND
TEST
MODE
LOGIC
LD
AVDD
OE
OS
LD or OE
LD, OS, or OE
PLL BYPASS
10K
Ω - 100KΩ
2004
Integrated Device Technology, Inc.
DSC 6575/4
c
IDTCSPU877D
COMMERCIAL TEMPERATURE RANGE
1.8V PHASE LOCKED LOOP
DIFFERENTIAL 1:10 SDRAM
CLOCK DRIVER
AUGUST 2004
The IDT logo is a registered trademark of Integrated Device Technology, Inc.
FEATURES:
• 1 to 10 differential clock distribution
• Optimized for clock distribution in DDR2 (Double Data Rate)
SDRAM applications
• Operating frequency: 125MHz to 340MHz
• Very low skew:
≤≤≤≤≤40ps
• Very low jitter:
≤≤≤≤≤40ps
• 1.8V AVDD and 1.8V VDDQ
• CMOS control signal input
• Test mode enables buffers while disabling PLL
• Low current power-down mode
• Tolerant of Spread Spectrum input clock
• Available in 52-Ball VFBGA and 40-pin MLF packages
FUNCTIONAL BLOCK DIAGRAM
NOTE:
The Logic Detect (LD) powers down the device when a logic LOW is applied to both CLK and CLK.
DESCRIPTION:
TheCSPU877DisaPLLbasedclockdriverthatactsasazerodelaybuffer
to distribute one differential clock input pair(CLK, CLK ) to 10 differential
output pairs (Y [0:9], Y [0:9]) and one differential pair of feedback clock output
(FBOUT,FBOUT). Externalfeedbackpins(FBIN,FBIN)forsynchronization
oftheoutputstotheinputreferenceisprovided.OE,OS,andAVDDcontrolthe
power-down and test mode logic. When AVDD is grounded, the PLL is turned
off and bypassed for test mode purposes. When the differential clock inputs
(CLK,CLK)arebothatlogiclow,thisdevicewillenteralowpower-downmode.
In this mode, the receivers are disabled, the PLL is turned off, and the output
clockdriversaredisabled,resultinginacurrentconsumptiondeviceoflessthan
500
µA.
TheCSPU877Drequiresnoexternalcomponentsandhasbeenoptimised
forverylowphaseerror,skew,andjitter,whilemaintainingfrequencyandduty
cycle over the operating voltage and temperature range. The CSPU877D,
designedforuseinbothmoduleassembliesandsystemmotherboardbased
solutions,providesanoptimumhigh-performanceclocksource.
The CSPU877D is available in Commercial Temperature Range (0°C to
+70°C). See Ordering Information for details.
APPLICATIONS:
• Meets or exceeds JEDEC standard 82.8 for registered DDR2
clock driver
• Along with SSTU32864/65/66, DDR2 register, provides complete
solution for DDR2 DIMMs
1  2  3  4  5  6  7  8  9  10  11  12  13 



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
IDTCSPUA877A1.8V PHASE LOCKED LOOP DIFFERENTIAL 1:10 SDRAM CLOCK DRIVER 1 2 3 4 5 MoreIntegrated Device Technology
MC100LVEP111_062.5V / 3.3V 1:10 Differential ECL/PECL/HSTL Clock Driver 1 2 3 4 5 MoreON Semiconductor
ICS95V842IDDR Phase Lock Loop Clock Driver 60MHz - 220MHz 1 2 3 4 5 MoreIntegrated Circuit Systems
STLVD111_07Programmable low voltage 1:10 differential LVDS clock driver 1 2 3 4 5 MoreSTMicroelectronics
AZ100LVE210ECL/PECL 1:4 1:5 Differential Clock Driver 1 2 3 4 5 Arizona Microtek, Inc
TLC2933AHIGH PERFORMANCE PHASE LOCKED LOOP 1 2 3 4 5 MoreTexas Instruments
NB7L111M2.5V / 3.3V 6.125Gb/s 1:10 Differential Clock/Data Driver with CML Output 1 2 3 4 5 MoreON Semiconductor
MC100LVE111_063.3V ECL 1:9 Differential Clock Driver 1 2 3 4 5 MoreON Semiconductor
AZ100LVE310ECL/PECL 2:8 Differential Clock Driver 1 2 3 4 5 Arizona Microtek, Inc
NBSG1112.5V/3.3V SiGe Differential 1:10 Clock/Data Driver with RSECL Outputs 1 2 3 4 5 MoreON Semiconductor

Link URL

Sponsor of Alldatasheet


Chinese Marketplace to Buy/Sell Semiconductor Electronic components on-line for Brokers and Distributors.
IC5858.com


Japanese Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
ICBAIBAI.com


Korean Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
ICpart.com

World wide Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
IC2IC.com

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2012    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl