Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

P4C147-35LM Datasheet(PDF) 9 Page - Pyramid Semiconductor Corporation

Part # P4C147-35LM
Description  ULTRA HIGH SPEED 4K x 1 STATIC CMOS RAM
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PYRAMID [Pyramid Semiconductor Corporation]
Direct Link  http://www.pyramidsemiconductor.com
Logo PYRAMID - Pyramid Semiconductor Corporation

P4C147-35LM Datasheet(HTML) 9 Page - Pyramid Semiconductor Corporation

Back Button P4C147-35LM Datasheet HTML 2Page - Pyramid Semiconductor Corporation P4C147-35LM Datasheet HTML 3Page - Pyramid Semiconductor Corporation P4C147-35LM Datasheet HTML 4Page - Pyramid Semiconductor Corporation P4C147-35LM Datasheet HTML 5Page - Pyramid Semiconductor Corporation P4C147-35LM Datasheet HTML 6Page - Pyramid Semiconductor Corporation P4C147-35LM Datasheet HTML 7Page - Pyramid Semiconductor Corporation P4C147-35LM Datasheet HTML 8Page - Pyramid Semiconductor Corporation P4C147-35LM Datasheet HTML 9Page - Pyramid Semiconductor Corporation P4C147-35LM Datasheet HTML 10Page - Pyramid Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 9 / 10 page
background image
P4C147
Page 9 of 10
Document # SRAM103 REV A
Pkg #
# Pins
Symbol
Min
Max
A
0.060
0.075
A1
0.050
0.065
B1
0.022
0.028
D
0.280
0.305
D1
D2
D3
-
0.305
E
0.345
0.365
E1
E2
E3
-
0.365
e
h
j
L
0.045
0.055
L1
0.045
0.055
L2
0.075
0.125
ND
NE
L7-1
18
.150 BSC
.075 BSC
0.020 REF
4
5
0.200 BSC
0.100 BSC
0.050 BSC
0.040 REF
RECTANGULAR LEADLESS CHIP CARRIER
Pkg #
# Pins
Symbol
Min
Max
A
-
0.210
A1
0.015
-
b
0.014
0.022
b2
0.045
0.070
C
0.008
0.014
D
0.880
0.920
E1
0.240
0.280
E
0.300
0.325
e
eB
-
0.430
L
0.115
0.150
15°
0.100 BSC
P1
18
α
PLASTIC DUAL IN-LINE PACKAGE


Similar Part No. - P4C147-35LM

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
P4C147-35LM ETC-P4C147-35LM Datasheet
59Kb / 6P
   ULTRA HIGH SPEED 4K x 1 STATIC CMOS RAM
P4C147-35LMB ETC-P4C147-35LMB Datasheet
59Kb / 6P
   ULTRA HIGH SPEED 4K x 1 STATIC CMOS RAM
More results

Similar Description - P4C147-35LM

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
P4C147 ETC-P4C147 Datasheet
59Kb / 6P
   ULTRA HIGH SPEED 4K x 1 STATIC CMOS RAM
logo
Pyramid Semiconductor C...
P4C107 PYRAMID-P4C107 Datasheet
544Kb / 8P
   ULTRA HIGH SPEED 1M x 1 STATIC CMOS RAM
logo
Cypress Semiconductor
CY7C147 CYPRESS-CY7C147 Datasheet
384Kb / 7P
   4K x 1 STATIC RAM
logo
List of Unclassifed Man...
P4C168 ETC1-P4C168 Datasheet
75Kb / 8P
   ULTRA HIGH SPEED 4K x 4 STATIC CMOS RAMS
logo
Pyramid Semiconductor C...
P4C168 PYRAMID-P4C168 Datasheet
234Kb / 15P
   ULTRA HIGH SPEED 4K x 4 STATIC CMOS RAMS
logo
List of Unclassifed Man...
P4C1681 ETC-P4C1681 Datasheet
59Kb / 6P
   ULTRA HIGH SPEED 4K x 4 STATIC CMOS RAMS
logo
Pyramid Semiconductor C...
P4C1681 PYRAMID-P4C1681 Datasheet
194Kb / 10P
   ULTRA HIGH SPEED 4K x 4 STATIC CMOS RAMS
logo
Integrated Silicon Solu...
IS61C67 ISSI-IS61C67 Datasheet
346Kb / 8P
   16K X 1 HIGH SPEED CMOS STATIC RAM
logo
Integrated Device Techn...
IDT7014S IDT-IDT7014S_17 Datasheet
92Kb / 10P
   HIGH-SPEED 4K x 9DUAL-PORT STATIC RAM
logo
List of Unclassifed Man...
P4C422 ETC1-P4C422 Datasheet
65Kb / 6P
   ULTRA HIGH SPEED 256 X 4 STATIC CMOS RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com