Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STAC9766 Datasheet(PDF) 9 Page - Integrated Device Technology

Part # STAC9766
Description  TWO-CHANNEL, 20-BIT, AC??7 2.3 CODECS WITH STEREO MICROPHONE AND MIC/JACK SENSING
Download  97 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

STAC9766 Datasheet(HTML) 9 Page - Integrated Device Technology

Back Button STAC9766 Datasheet HTML 5Page - Integrated Device Technology STAC9766 Datasheet HTML 6Page - Integrated Device Technology STAC9766 Datasheet HTML 7Page - Integrated Device Technology STAC9766 Datasheet HTML 8Page - Integrated Device Technology STAC9766 Datasheet HTML 9Page - Integrated Device Technology STAC9766 Datasheet HTML 10Page - Integrated Device Technology STAC9766 Datasheet HTML 11Page - Integrated Device Technology STAC9766 Datasheet HTML 12Page - Integrated Device Technology STAC9766 Datasheet HTML 13Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 97 page
background image
STAC9766/9767
TWO-CHANNEL, 20-BIT, AC’97 2.3 CODECS WITH STEREO MICROPHONE AND MIC/JACK SENSING
PC AUDIO
IDT™
9
STAC9766/9767
V 7.4 12/06
TWO-CHANNEL, 20-BIT, AC’97 2.3 CODECS WITH STEREO MICROPHONE AND MIC/JACK SENSING
2. CHARACTERISTICS AND SPECIFICATIONS
2.1.
Electrical Specifications
2.1.1.
Absolute Maximum Ratings
Stresses above the ratings listed below can cause permanent damage to the STAC9766/9767. These ratings, which are standard
values for IDT commercially rated parts, are stress ratings only. Functional operation of the device at these or any other
conditions above those indicated in the operational sections of the specifications is not implied. Exposure to absolute maximum
rating conditions for extended periods can affect product reliability. Electrical parameters are guaranteed only over the
recommended operating temperature range.
2.1.2.
Recommended Operation Conditions
Item
Pin
Maximum Rating
Analog maximum supply voltage
AVdd
6 Volts
Digital maximum supply voltage
DVdd
5.5 Volts
VREFOUT output current
5 mA
Voltage on any pin relative to ground
Vss - 0.3 V to Vdd + 0.3 V
Operating temperature
0oC to +70oC
Storage temperature
-55 oC to +125 oC
Soldering temperature
260
oC for 10 seconds *
Soldering temperature information for all available packages
begins on page 92.
Parameter
Min.
Typ.
Max.
Units
Power Supply Voltage
Digital - 3.3 V
3.135
3.3
3.465
V
Analog - 3.3 V
3.135
3.3
3.465
V
Analog - 5 V
4.75
5
5.25
V
Ambient Operating Temperature
0
+70
°C
Case Temperature
Tcase (48-LQFP)
+90
°C
ESD: The STAC9766/9767 is an ESD (electrostatic discharge) sensitive device. The human body and test equipment can
accumulate and discharge electrostatic charges up to 4000 Volts without detection. Even though the STAC9766/9767
implements internal ESD protection circuitry, proper ESD precautions should be followed to avoid damaging the functionality
or performance.


Similar Part No. - STAC9766

ManufacturerPart #DatasheetDescription
logo
Hynix Semiconductor
STAC9704 HYNIX-STAC9704 Datasheet
218Kb / 49P
   Multimedia Audio Codec for AC97
STAC9704T HYNIX-STAC9704T Datasheet
218Kb / 49P
   Multimedia Audio Codec for AC97
STAC9707 HYNIX-STAC9707 Datasheet
218Kb / 49P
   Multimedia Audio Codec for AC97
STAC9707T HYNIX-STAC9707T Datasheet
218Kb / 49P
   Multimedia Audio Codec for AC97
logo
List of Unclassifed Man...
STAC9708 ETC-STAC9708 Datasheet
247Kb / 56P
   Multi-Channel AC97 Codec With Multi-Codec Option
More results

Similar Description - STAC9766

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
STAC9752 IDT-STAC9752 Datasheet
434Kb / 95P
   TWO-CHANNEL, 20-BIT, AC??7 2.3 CODECS WITH HEADPHONE DRIVE, SPDIF OUTPUT MICROPHONE & JACK SENSING
STAC9752A IDT-STAC9752A Datasheet
625Kb / 106P
   AC??7 2.3 CODECS WITH STEREO MICROPHONE & UNIVERSAL JACK
STAC9750 IDT-STAC9750 Datasheet
634Kb / 73P
   VALUE-LINE TWO-CHANNEL AC??7 CODECS
logo
Realtek Semiconductor C...
ALC203 REALTEK-ALC203 Datasheet
725Kb / 50P
   TWO-CHANNEL AC??7 2.3 AUDIO CODEC
logo
List of Unclassifed Man...
ALC250 ETC2-ALC250 Datasheet
619Kb / 46P
   TWO CHANNEL AC??7 2.3 AUDIO CODEC with EQUALIZER
logo
Realtek Semiconductor C...
ALC250 REALTEK-ALC250 Datasheet
655Kb / 47P
   TWO-CHANNEL AC??7 2.3 AUDIO CODEC with EQUALIZER
logo
Asahi Kasei Microsystem...
AK4665A AKM-AK4665A Datasheet
527Kb / 52P
   20-Bit Stereo CODEC with MIC/HP-AMP
logo
Maxim Integrated Produc...
MAX9851 MAXIM-MAX9851 Datasheet
1Mb / 71P
   Stereo Audio CODECs with Microphone, DirectDrive Headphones, Speaker Amplifiers, or Line Outputs
Rev 1; 8/06
MAX9851 MAXIM-MAX9851_V01 Datasheet
1Mb / 71P
   Stereo Audio CODECs with Microphone, DirectDrive Headphones, Speaker Amplifiers, or Line Outputs
2007
logo
Realtek Semiconductor C...
ALC850 REALTEK-ALC850 Datasheet
596Kb / 56P
   EIGHT CHANNEL AC??7 2.3 AUDIO CODEC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com