Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STAC9750XXTAEYYX Datasheet(PDF) 9 Page - Integrated Device Technology

Part # STAC9750XXTAEYYX
Description  VALUE-LINE TWO-CHANNEL AC??7 CODECS
Download  73 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

STAC9750XXTAEYYX Datasheet(HTML) 9 Page - Integrated Device Technology

Back Button STAC9750XXTAEYYX Datasheet HTML 5Page - Integrated Device Technology STAC9750XXTAEYYX Datasheet HTML 6Page - Integrated Device Technology STAC9750XXTAEYYX Datasheet HTML 7Page - Integrated Device Technology STAC9750XXTAEYYX Datasheet HTML 8Page - Integrated Device Technology STAC9750XXTAEYYX Datasheet HTML 9Page - Integrated Device Technology STAC9750XXTAEYYX Datasheet HTML 10Page - Integrated Device Technology STAC9750XXTAEYYX Datasheet HTML 11Page - Integrated Device Technology STAC9750XXTAEYYX Datasheet HTML 12Page - Integrated Device Technology STAC9750XXTAEYYX Datasheet HTML 13Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 73 page
background image
STAC9750/9751
VALUE-LINE TWO-CHANNEL AC’97 CODECS
PC AUDIO
IDT™
9
STAC9750/9751
V 5.8 103106
VALUE-LINE TWO-CHANNEL AC’97 CODECS
2.1.3.
Power Consumption
Parameter
Min
Typ
Max
Unit
Digital Supply Current
+ 3.3 V Digital
-
30
-
mA
Analog Supply Current (at Reset state)
+ 5 V Analog
-
35
-
mA
+ 3.3 V Analog
-
35
-
mA
Power Down Status (individually asserted)
All PR measurements taken while unmuted.
All paths unmuted
+5 V Analog Supply Current
+3.3 V Analog Supply Current
+3.3 V Digital Supply Current
-
50
44
33
-mA
PR0
+5 V Analog Supply Current
+3.3 V Analog Supply Current
+3.3 V Digital Supply Current
-
42
39
22
-mA
PR1
+5 V Analog Supply Current
+3.3 V Analog Supply Current
+3.3 V Digital Supply Current
-
41
38
28
-mA
PR2
+5 V Analog Supply Current
+3.3 V Analog Supply Current
+3.3 V Digital Supply Current
-
32
29
12
-mA
PR3
+5 V Analog Supply Current
+3.3 V Analog Supply Current
+3.3 V Digital Supply Current
-
23
19
12
-mA
PR4
+5 V Analog Supply Current
+3.3 V Analog Supply Current
+3.3 V Digital Supply Current
-
50
44
0.2
-mA
PR5
+5 V Analog Supply Current
+3.3 V Analog Supply Current
+3.3 V Digital Supply Current
-
50
44
12
-mA
PR6
+5 V Analog Supply Current
+3.3 V Analog Supply Current
+3.3 V Digital Supply Current
-
38
36
33
-mA
PR0 & PR1
+5 V Analog Supply Current
+3.3 V Analog Supply Current
+3.3 V Digital Supply Current
-
35
35
12
-mA
PR0, PR1, PR2, PR6
+5 V Analog Supply Current
+3.3 V Analog Supply Current
+3.3 V Digital Supply Current
-
5
5
12
-mA
PR0, PR1, PR2, PR3, PR6
+5 V Analog Supply Current
+3.3 V Analog Supply Current
+3.3 V Digital Supply Current
-
0.6
0.6
12
-mA


Similar Part No. - STAC9750XXTAEYYX

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
STAC9752 IDT-STAC9752 Datasheet
434Kb / 95P
   TWO-CHANNEL, 20-BIT, AC??7 2.3 CODECS WITH HEADPHONE DRIVE, SPDIF OUTPUT MICROPHONE & JACK SENSING
STAC9752A IDT-STAC9752A Datasheet
625Kb / 106P
   AC??7 2.3 CODECS WITH STEREO MICROPHONE & UNIVERSAL JACK
STAC9752AXNAEYYX IDT-STAC9752AXNAEYYX Datasheet
625Kb / 106P
   AC??7 2.3 CODECS WITH STEREO MICROPHONE & UNIVERSAL JACK
STAC9752AXTAEYYX IDT-STAC9752AXTAEYYX Datasheet
625Kb / 106P
   AC??7 2.3 CODECS WITH STEREO MICROPHONE & UNIVERSAL JACK
STAC9752XXTAEYYX IDT-STAC9752XXTAEYYX Datasheet
434Kb / 95P
   TWO-CHANNEL, 20-BIT, AC??7 2.3 CODECS WITH HEADPHONE DRIVE, SPDIF OUTPUT MICROPHONE & JACK SENSING
More results

Similar Description - STAC9750XXTAEYYX

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
STAC9766 IDT-STAC9766 Datasheet
438Kb / 97P
   TWO-CHANNEL, 20-BIT, AC??7 2.3 CODECS WITH STEREO MICROPHONE AND MIC/JACK SENSING
STAC9752 IDT-STAC9752 Datasheet
434Kb / 95P
   TWO-CHANNEL, 20-BIT, AC??7 2.3 CODECS WITH HEADPHONE DRIVE, SPDIF OUTPUT MICROPHONE & JACK SENSING
logo
Realtek Semiconductor C...
ALC203 REALTEK-ALC203 Datasheet
725Kb / 50P
   TWO-CHANNEL AC??7 2.3 AUDIO CODEC
logo
Integrated Device Techn...
STAC9752A IDT-STAC9752A Datasheet
625Kb / 106P
   AC??7 2.3 CODECS WITH STEREO MICROPHONE & UNIVERSAL JACK
logo
List of Unclassifed Man...
ALC250 ETC2-ALC250 Datasheet
619Kb / 46P
   TWO CHANNEL AC??7 2.3 AUDIO CODEC with EQUALIZER
logo
Realtek Semiconductor C...
ALC250 REALTEK-ALC250 Datasheet
655Kb / 47P
   TWO-CHANNEL AC??7 2.3 AUDIO CODEC with EQUALIZER
ALC202 REALTEK-ALC202 Datasheet
590Kb / 42P
   REALTEK/AVANCE LOGIC, INC. TWO CHANNEL AC??7 AUDIO CODEC
logo
Winbond
W682510 WINBOND-W682510_05 Datasheet
389Kb / 35P
    DUAL-CHANNEL VOICEBAND CODECS
W682510 WINBOND-W682510 Datasheet
1Mb / 35P
   DUAL-CHANNEL VOICEBAND CODECS
logo
Integrated Device Techn...
92HD66B IDT-92HD66B Datasheet
3Mb / 286P
   FOUR CHANNEL HD AUDIO CODECS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com