Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

P4C150-35SM Datasheet(PDF) 2 Page - Pyramid Semiconductor Corporation

Part # P4C150-35SM
Description  ULTRA HIGH SPEED 1K X 4 RESETTABLE STATIC CMOS RAM
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PYRAMID [Pyramid Semiconductor Corporation]
Direct Link  http://www.pyramidsemiconductor.com
Logo PYRAMID - Pyramid Semiconductor Corporation

P4C150-35SM Datasheet(HTML) 2 Page - Pyramid Semiconductor Corporation

  P4C150-35SM Datasheet HTML 1Page - Pyramid Semiconductor Corporation P4C150-35SM Datasheet HTML 2Page - Pyramid Semiconductor Corporation P4C150-35SM Datasheet HTML 3Page - Pyramid Semiconductor Corporation P4C150-35SM Datasheet HTML 4Page - Pyramid Semiconductor Corporation P4C150-35SM Datasheet HTML 5Page - Pyramid Semiconductor Corporation P4C150-35SM Datasheet HTML 6Page - Pyramid Semiconductor Corporation P4C150-35SM Datasheet HTML 7Page - Pyramid Semiconductor Corporation P4C150-35SM Datasheet HTML 8Page - Pyramid Semiconductor Corporation P4C150-35SM Datasheet HTML 9Page - Pyramid Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
P4C150
Page 2 of 11
Document # SRAM105 REV A
Symbol
Parameter
Value
Unit
V
CC
Power Supply Pin with
– 0.5 to +7
V
Respect to GND
Terminal Voltage with
– 0.5 to
V
TERM
Respect to GND
V
CC +0.5
V
(up to 7.0V)
T
A
Operating Temperature – 55 to +125
°C
Symbol
Parameter
Value
Unit
T
BIAS
Temperature Under
– 55 to +125
°C
Bias
T
STG
Storage Temperature
– 65 to +150
°C
P
T
Power Dissipation
1.0
W
I
OUT
DC Output Current
50
mA
CAPACITANCES(4)
(V
CC = 5.0V, TA = 25°C, f = 1.0MHz)
Grade(2)
Commercial
Military
Symbol
Parameter
Conditions Typ. Unit
C
IN
Input Capacitance
V
IN = 0V
5
pF
C
OUT
Output Capacitance V
OUT= 0V
7
pF
Ambient Temp
0°C to 70°C
-55°C to +125°C
Gnd
0V
0V
V
CC
5.0V ± 10%
5.0V ± 10%
RECOMMENDED OPERATING
CONDITIONS
V
OH
V
OL
V
IH
V
IL
I
LI
I
LO
Parameter
Symbol
Output High Voltage
(TTL Load)
Output Low Voltage
(TTL Load)
Input High Voltage
Input Low Voltage
Input Leakage Current
Output Leakage Current
Test Conditions
I
OH = –4 mA, VCC = Min.
I
OL = +8 mA, VCC = Min
V
CC = Max., VIN = GND to VCC
V
CC = Max., CS = VIH, VOUT = GND to VCC
P4C150
Min.
2.4
2.2
–0.5(3)
–5
–5
DC ELECTRICAL CHARACTERISTICS
Over recommended operating temperature and supply voltage (2)
Max.
V
CC =+0.5
0.8
+5
+5
Unit
V
V
V
µA
µA
V
0.4
Symbol
Parameter
Temperature
Range
130
N/A
Unit
mA
mA
130
N/A
120
145
115
135
100
125
N/A
120
Commercial
Military
Dynamic Operating Current
I
CC
-10
-12
-15
-20
-25
-35
Notes:
1. Stresses greater than those listed under MAXIMUM RATINGS may
cause permanent damage to the device. This is a stress rating only
and functional operation of the device at these or any other condi-
tions above those indicated in the operational sections of this
specification is not implied. Exposure to MAXIMUM rating condi-
tions for extended periods may affect reliability.
2. Extended temperature operation guaranteed with 400 linear feet per
minute of air flow.
3. Transient inputs with V
IL and IIL not more negative than – 3.0V and
– 100mA, respectively, are permissible for pulse widths up to 20ns.
4. This parameter is sampled and not 100% tested.
POWER DISSIPATION CHARACTERISTICS VS. SPEED
MAXIMUM RATINGS(1)


Similar Part No. - P4C150-35SM

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
P4C150-35SM ETC1-P4C150-35SM Datasheet
83Kb / 8P
   ULTRA HIGH SPEED 1K X 4 RESETTABLE STATIC CMOS RAM
P4C150-35SMB ETC1-P4C150-35SMB Datasheet
83Kb / 8P
   ULTRA HIGH SPEED 1K X 4 RESETTABLE STATIC CMOS RAM
More results

Similar Description - P4C150-35SM

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
P4C150 ETC1-P4C150 Datasheet
83Kb / 8P
   ULTRA HIGH SPEED 1K X 4 RESETTABLE STATIC CMOS RAM
logo
Pyramid Semiconductor C...
P4C165 PYRAMID-P4C165 Datasheet
178Kb / 9P
   ULTRA HIGH SPEED 8K x 8 RESETTABLE STATIC CMOS RAM
P4C148 PYRAMID-P4C148 Datasheet
281Kb / 10P
   ULTRA HIGH SPEED 1K x 4 STATIC CMOS RAMS
P4C1299 PYRAMID-P4C1299 Datasheet
904Kb / 11P
   ULTRA HIGH SPEED 64K x 4 STATIC CMOS RAM
P4C1258 PYRAMID-P4C1258 Datasheet
174Kb / 9P
   ULTRA HIGH SPEED 64K x 4 STATIC CMOS RAM
logo
List of Unclassifed Man...
P4C422 ETC1-P4C422 Datasheet
65Kb / 6P
   ULTRA HIGH SPEED 256 X 4 STATIC CMOS RAM
logo
Pyramid Semiconductor C...
P4C1298 PYRAMID-P4C1298 Datasheet
124Kb / 11P
   ULTRA HIGH SPEED 64K x 4 STATIC CMOS RAM
P4C1026 PYRAMID-P4C1026 Datasheet
290Kb / 10P
   ULTRA HIGH SPEED 256K x 4 STATIC CMOS RAM
logo
Cypress Semiconductor
CY7C149 CYPRESS-CY7C149 Datasheet
161Kb / 8P
   1K x 4 Static RAM
logo
Pyramid Semiconductor C...
P4C423 PYRAMID-P4C423 Datasheet
172Kb / 8P
   HIGH SPEED 256 x 4 STATIC CMOS RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com