Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CY7C1020BN-12VXC Datasheet(PDF) 3 Page - Cypress Semiconductor

Part # CY7C1020BN-12VXC
Description  32K x 16 Static RAM
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY7C1020BN-12VXC Datasheet(HTML) 3 Page - Cypress Semiconductor

  CY7C1020BN-12VXC Datasheet HTML 1Page - Cypress Semiconductor CY7C1020BN-12VXC Datasheet HTML 2Page - Cypress Semiconductor CY7C1020BN-12VXC Datasheet HTML 3Page - Cypress Semiconductor CY7C1020BN-12VXC Datasheet HTML 4Page - Cypress Semiconductor CY7C1020BN-12VXC Datasheet HTML 5Page - Cypress Semiconductor CY7C1020BN-12VXC Datasheet HTML 6Page - Cypress Semiconductor CY7C1020BN-12VXC Datasheet HTML 7Page - Cypress Semiconductor CY7C1020BN-12VXC Datasheet HTML 8Page - Cypress Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
CY7C1020BN
Document #: 001-06443 Rev. **
Page 3 of 8
AC Test Loads and Waveforms
Switching Characteristics[5] Over the Operating Range
Parameter
Description
7C1020BN-12
7C1020BN-15
Unit
Min.
Max.
Min.
Max.
Read Cycle
tRC
Read Cycle Time
12
15
ns
tAA
Address to Data Valid
12
15
ns
tOHA
Data Hold from Address Change
3
3
ns
tACE
CE LOW to Data Valid
12
15
ns
tDOE
OE LOW to Data Valid
6
7
ns
tLZOE
OE LOW to Low Z[6]
0
0
ns
tHZOE
OE HIGH to High Z[6, 7]
6
7
ns
tLZCE
CE LOW to Low Z[6]
3
3
ns
tHZCE
CE HIGH to High Z[6, 7]
6
7
ns
tPU
CE LOW to Power-Up
0
0
ns
tPD
CE HIGH to Power-Down
12
15
ns
tDBE
Byte Enable to Data Valid
6
7
ns
tLZBE
Byte Enable to Low Z
0
0
ns
tHZBE
Byte Disable to High Z
6
7
ns
Write Cycle[8]
tWC
Write Cycle Time
12
15
ns
tSCE
CE LOW to Write End
9
10
ns
tAW
Address Set-Up to Write End
8
10
ns
tHA
Address Hold from Write End
0
0
ns
tSA
Address Set-Up to Write Start
0
0
ns
tPWE
WE Pulse Width
8
10
ns
tSD
Data Set-Up to Write End
6
8
ns
tHD
Data Hold from Write End
0
0
ns
tLZWE
WE HIGH to Low Z[6]
3
3
ns
tHZWE
WE LOW to High Z[6, 7]
6
7
ns
tBW
Byte Enable to End of Write
8
9
ns
Notes:
5. Test conditions assume signal transition time of 3 ns or less, timing reference levels of 1.5V, input pulse levels of 0 to 3.0V, and output loading of the specified
IOL/IOH and 30-pF load capacitance.
6. At any given temperature and voltage condition, tHZCE is less than tLZCE, tHZOE is less than tLZOE, and tHZWE is less than tLZWE for any given device.
7. tHZOE, tHZBE, tHZCE, and tHZWE are specified with a load capacitance of 5 pF as in part (b) of AC Test Loads. Transition is measured ±500 mV from steady-state
voltage.
8. The internal write time of the memory is defined by the overlap of CE LOW, WE LOW and BHE / BLE LOW. CE, WE and BHE / BLE must be LOW to initiate
a write, and the transition of these signals can terminate the write. The input data set-up and hold timing should be referenced to the leading edge of the signal
that terminates the write.
90%
10%
3.0V
GND
90%
10%
ALL INPUT PULSES
5V
OUTPUT
30 pF
INCLUDING
JIG AND
SCOPE
5V
OUTPUT
5 pF
INCLUDING
JIG AND
SCOPE
(a)
(b)
OUTPUT
R 481
R 481
R2
255
R2
255
167
Equivalent to: THÉVENIN
EQUIVALENT
1.73V
30 pF
Rise Time: 1 V/ns
Fall Time: 1 V/ns
[+] Feedback
[+] Feedback


Similar Part No. - CY7C1020BN-12VXC

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C1020BN CYPRESS-CY7C1020BN Datasheet
424Kb / 8P
   32K x 16 Static RAM
CY7C1020BN CYPRESS-CY7C1020BN_10 Datasheet
424Kb / 8P
   32K x 16 Static RAM
More results

Similar Description - CY7C1020BN-12VXC

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C1020 CYPRESS-CY7C1020 Datasheet
183Kb / 9P
   32K x 16 Static RAM
CY7C1020B CYPRESS-CY7C1020B Datasheet
180Kb / 10P
   32K x 16 Static RAM
CY7C1020 CYPRESS-CY7C1020 Datasheet
175Kb / 9P
   32K x 16 Static RAM
CY7C1020BN CYPRESS-CY7C1020BN_10 Datasheet
424Kb / 8P
   32K x 16 Static RAM
CY7C1020 CYPRESS-CY7C1020_01 Datasheet
190Kb / 10P
   32K x 16 Static RAM
CY7C1020B CYPRESS-CY7C1020B_06 Datasheet
507Kb / 9P
   32K x 16 Static RAM
CY7C1022 CYPRESS-CY7C1022 Datasheet
125Kb / 8P
   32K x 16 Static RAM
CY7C1020V CYPRESS-CY7C1020V Datasheet
179Kb / 9P
   32K x 16 Static RAM
CY7C1020CV33 CYPRESS-CY7C1020CV33 Datasheet
147Kb / 8P
   32K x 16 Static RAM
CY7C1020CV26 CYPRESS-CY7C1020CV26 Datasheet
147Kb / 8P
   512Kb (32K x 16) Static RAM
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com