Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CY7C1019CV33-15VXC Datasheet(PDF) 3 Page - Cypress Semiconductor

Part # CY7C1019CV33-15VXC
Description  128K x 8 Static RAM
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY7C1019CV33-15VXC Datasheet(HTML) 3 Page - Cypress Semiconductor

  CY7C1019CV33-15VXC Datasheet HTML 1Page - Cypress Semiconductor CY7C1019CV33-15VXC Datasheet HTML 2Page - Cypress Semiconductor CY7C1019CV33-15VXC Datasheet HTML 3Page - Cypress Semiconductor CY7C1019CV33-15VXC Datasheet HTML 4Page - Cypress Semiconductor CY7C1019CV33-15VXC Datasheet HTML 5Page - Cypress Semiconductor CY7C1019CV33-15VXC Datasheet HTML 6Page - Cypress Semiconductor CY7C1019CV33-15VXC Datasheet HTML 7Page - Cypress Semiconductor CY7C1019CV33-15VXC Datasheet HTML 8Page - Cypress Semiconductor CY7C1019CV33-15VXC Datasheet HTML 9Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
CY7C1019CV33
Document #: 38-05130 Rev. *F
Page 3 of 10
Maximum Ratings
(Above which the useful life may be impaired. For user guide-
lines, not tested.)
Storage Temperature ................................. –65°C to +150°C
Ambient Temperature with
Power Applied............................................. –55°C to +125°C
Supply Voltage on VCC to Relative GND
[2] .... –0.5V to +4.6V
DC Voltage Applied to Outputs
in High-Z State[2] ....................................–0.5V to VCC + 0.5V
DC Input Voltage[2].................................–0.5V to VCC + 0.5V
Current into Outputs (LOW)......................................... 20 mA
Static Discharge Voltage............................................ >2001V
(per MIL-STD-883, Method 3015)
Latch-up Current...................................................... >200 mA
Operating Range
Range
Ambient
Temperature
VCC
Commercial
0°C to +70°C
3.3V
± 10%
Industrial
–40
°C to +85°C
3.3V
± 10%
Electrical Characteristics Over the Operating Range
Parameter
Description
Test Conditions
–10
–12
–15
Unit
Min.
Max.
Min.
Max.
Min.
Max.
VOH
Output HIGH Voltage VCC = Min.,
IOH = –4.0 mA
2.4
2.4
2.4
V
VOL
Output LOW Voltage
VCC = Min.,
IOL = 8.0 mA
0.4
0.4
0.4
V
VIH
Input HIGH Voltage
2.0
VCC + 0.3
2.0
VCC + 0.3
2.0
VCC + 0.3
V
VIL
Input LOW Voltage[2]
–0.3
0.8
–0.3
0.8
–0.3
0.8
V
IIX
Input Leakage Current GND < VI < VCC
–1
+1
–1
+1
–1
+1
µA
IOZ
Output Leakage
Current
GND < VI < VCC,
Output Disabled
–1
+1
–1
+1
–1
+1
µA
ICC
VCC Operating
Supply Current
VCC = Max.,
IOUT = 0 mA,
f = fMAX = 1/tRC
80
75
70
mA
ISB1
Automatic CE
Power-down Current
—TTL Inputs
Max. VCC, CE > VIH
VIN > VIH or
VIN < VIL, f = fMAX
15
15
15
mA
ISB2
Automatic CE
Power-down Current
—CMOS Inputs
Max. VCC,
CE > VCC – 0.3V,
VIN > VCC – 0.3V,
or VIN < 0.3V, f = 0
55
5
mA
Capacitance[3]
Parameter
Description
Test Conditions
Max.
Unit
CIN
Input Capacitance
TA = 25°C, f = 1 MHz,
VCC = 5.0V
8pF
COUT
Output Capacitance
8
pF
Notes:
2. VIL (min.) = –2.0V for pulse durations of less than 20 ns.
3. Tested initially and after any design or process changes that may affect these parameters.
[+] Feedback
[+] Feedback


Similar Part No. - CY7C1019CV33-15VXC

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C1019CV33-15VC CYPRESS-CY7C1019CV33-15VC Datasheet
193Kb / 8P
   128K x 8 Static RAM
CY7C1019CV33-15VI CYPRESS-CY7C1019CV33-15VI Datasheet
193Kb / 8P
   128K x 8 Static RAM
More results

Similar Description - CY7C1019CV33-15VXC

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY62128 CYPRESS-CY62128 Datasheet
250Kb / 8P
   128K x 8 Static RAM
logo
Weida Semiconductor, In...
WCMA1008C1X WEIDA-WCMA1008C1X Datasheet
211Kb / 11P
   128K x 8 Static RAM
WCMA1008U1X WEIDA-WCMA1008U1X Datasheet
237Kb / 12P
   128K x 8 Static RAM
logo
LOGIC Devices Incorpora...
L7C108 LODEV-L7C108 Datasheet
711Kb / 15P
   128K x 8 Static RAM
logo
Cypress Semiconductor
CY7C1018BV33 CYPRESS-CY7C1018BV33 Datasheet
258Kb / 9P
   128K x 8 Static RAM
CY7C1019B CYPRESS-CY7C1019B_06 Datasheet
329Kb / 8P
   128K x 8 Static RAM
CY7C1018V33 CYPRESS-CY7C1018V33 Datasheet
168Kb / 8P
   128K x 8 Static RAM
CY7C1019BV33 CYPRESS-CY7C1019BV33 Datasheet
252Kb / 7P
   128K x 8 Static RAM
logo
Mosel Vitelic, Corp
V62C5181024 MOSEL-V62C5181024 Datasheet
59Kb / 12P
   128K X 8 STATIC RAM
logo
Cypress Semiconductor
CY7C1009V33 CYPRESS-CY7C1009V33 Datasheet
201Kb / 9P
   128K x 8 Static RAM
CY62128V CYPRESS-CY62128V_01 Datasheet
344Kb / 12P
   128K x 8 Static RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com