Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

P4C150-15CMB Datasheet(PDF) 9 Page - Pyramid Semiconductor Corporation

Part # P4C150-15CMB
Description  ULTRA HIGH SPEED 1K X 4 RESETTABLE STATIC CMOS RAM
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PYRAMID [Pyramid Semiconductor Corporation]
Direct Link  http://www.pyramidsemiconductor.com
Logo PYRAMID - Pyramid Semiconductor Corporation

P4C150-15CMB Datasheet(HTML) 9 Page - Pyramid Semiconductor Corporation

Back Button P4C150-15CMB Datasheet HTML 3Page - Pyramid Semiconductor Corporation P4C150-15CMB Datasheet HTML 4Page - Pyramid Semiconductor Corporation P4C150-15CMB Datasheet HTML 5Page - Pyramid Semiconductor Corporation P4C150-15CMB Datasheet HTML 6Page - Pyramid Semiconductor Corporation P4C150-15CMB Datasheet HTML 7Page - Pyramid Semiconductor Corporation P4C150-15CMB Datasheet HTML 8Page - Pyramid Semiconductor Corporation P4C150-15CMB Datasheet HTML 9Page - Pyramid Semiconductor Corporation P4C150-15CMB Datasheet HTML 10Page - Pyramid Semiconductor Corporation P4C150-15CMB Datasheet HTML 11Page - Pyramid Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 9 / 11 page
background image
P4C150
Page 9 of 11
Document # SRAM105 REV A
Pkg #
# Pins
Symbol
Min
Max
A
0.060
0.090
b
0.015
0.022
c
0.004
0.009
D
-
0.630
E
0.330
0.380
e
k
0.008
0.015
L
0.250
0.370
Q
0.026
0.045
S
-
0.085
S1
0.005
-
F3
24
0.050 BSC
CERPACK CERAMIC FLAT PACKAGE
Pkg #
# Pins
Symbol
Min
Max
A
0.060
0.075
A1
0.050
0.065
B1
0.022
0.028
D
0.342
0.358
D1
D2
D3
-
0.358
E
0.540
0.560
E1
E2
E3
-
0.558
e
h
j
L
0.045
0.055
L1
0.045
0.055
L2
0.075
0.095
ND
NE
0.020 REF
5
9
0.400 BSC
0.200 BSC
0.050 BSC
0.040 REF
L5
28
0.200 BSC
0.100 BSC
RECTANGULAR LEADLESS CHIP CARRIER


Similar Part No. - P4C150-15CMB

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
P4C150-15DC ETC1-P4C150-15DC Datasheet
83Kb / 8P
   ULTRA HIGH SPEED 1K X 4 RESETTABLE STATIC CMOS RAM
P4C150-15DM ETC1-P4C150-15DM Datasheet
83Kb / 8P
   ULTRA HIGH SPEED 1K X 4 RESETTABLE STATIC CMOS RAM
P4C150-15DMB ETC1-P4C150-15DMB Datasheet
83Kb / 8P
   ULTRA HIGH SPEED 1K X 4 RESETTABLE STATIC CMOS RAM
P4C150-15FC ETC1-P4C150-15FC Datasheet
83Kb / 8P
   ULTRA HIGH SPEED 1K X 4 RESETTABLE STATIC CMOS RAM
P4C150-15FM ETC1-P4C150-15FM Datasheet
83Kb / 8P
   ULTRA HIGH SPEED 1K X 4 RESETTABLE STATIC CMOS RAM
More results

Similar Description - P4C150-15CMB

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
P4C150 ETC1-P4C150 Datasheet
83Kb / 8P
   ULTRA HIGH SPEED 1K X 4 RESETTABLE STATIC CMOS RAM
logo
Pyramid Semiconductor C...
P4C165 PYRAMID-P4C165 Datasheet
178Kb / 9P
   ULTRA HIGH SPEED 8K x 8 RESETTABLE STATIC CMOS RAM
P4C148 PYRAMID-P4C148 Datasheet
281Kb / 10P
   ULTRA HIGH SPEED 1K x 4 STATIC CMOS RAMS
P4C1299 PYRAMID-P4C1299 Datasheet
904Kb / 11P
   ULTRA HIGH SPEED 64K x 4 STATIC CMOS RAM
P4C1258 PYRAMID-P4C1258 Datasheet
174Kb / 9P
   ULTRA HIGH SPEED 64K x 4 STATIC CMOS RAM
logo
List of Unclassifed Man...
P4C422 ETC1-P4C422 Datasheet
65Kb / 6P
   ULTRA HIGH SPEED 256 X 4 STATIC CMOS RAM
logo
Pyramid Semiconductor C...
P4C1298 PYRAMID-P4C1298 Datasheet
124Kb / 11P
   ULTRA HIGH SPEED 64K x 4 STATIC CMOS RAM
P4C1026 PYRAMID-P4C1026 Datasheet
290Kb / 10P
   ULTRA HIGH SPEED 256K x 4 STATIC CMOS RAM
logo
Cypress Semiconductor
CY7C149 CYPRESS-CY7C149 Datasheet
161Kb / 8P
   1K x 4 Static RAM
logo
Pyramid Semiconductor C...
P4C423 PYRAMID-P4C423 Datasheet
172Kb / 8P
   HIGH SPEED 256 x 4 STATIC CMOS RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com