Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

P4C163-25PMLF Datasheet(PDF) 7 Page - Pyramid Semiconductor Corporation

Part # P4C163-25PMLF
Description  ULTRA HIGH SPEED 8K x 9 STATIC CMOS RAMS
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PYRAMID [Pyramid Semiconductor Corporation]
Direct Link  http://www.pyramidsemiconductor.com
Logo PYRAMID - Pyramid Semiconductor Corporation

P4C163-25PMLF Datasheet(HTML) 7 Page - Pyramid Semiconductor Corporation

Back Button P4C163-25PMLF Datasheet HTML 3Page - Pyramid Semiconductor Corporation P4C163-25PMLF Datasheet HTML 4Page - Pyramid Semiconductor Corporation P4C163-25PMLF Datasheet HTML 5Page - Pyramid Semiconductor Corporation P4C163-25PMLF Datasheet HTML 6Page - Pyramid Semiconductor Corporation P4C163-25PMLF Datasheet HTML 7Page - Pyramid Semiconductor Corporation P4C163-25PMLF Datasheet HTML 8Page - Pyramid Semiconductor Corporation P4C163-25PMLF Datasheet HTML 9Page - Pyramid Semiconductor Corporation P4C163-25PMLF Datasheet HTML 10Page - Pyramid Semiconductor Corporation P4C163-25PMLF Datasheet HTML 11Page - Pyramid Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
P4C163/163L
Page 7 of 12
Document # SRAM120 REV C
TIMING WAVEFORM OF WRITE CYCLE NO. 2 (CE
CE
CE
CE
CE CONTROLLED)(11)
Mode
CE
CE
CE
CE
CE
1
CE
2
OE
OE
OE
OE
OE
WE
WE
WE
WE
WE
I/O
Power
Standby
H
X
X
X
High Z Standby
Standby
X
L
X
X
High Z Standby
D
OUT
Disabled
L
H
H
H
High Z Active
Read
L
H
L
H
D
OUT
Active
Write
L
H
X
L
D
IN
Active
AC TEST CONDITIONS
Input Pulse Levels
GND to 3.0V
Input Rise and Fall Times
3ns
Input Timing Reference Level
1.5V
Output Timing Reference Level
1.5V
Output Load
See Figures 1 and 2
TRUTH TABLE
1527 10
Figure 1. Output Load
Figure 2. Thevenin Equivalent
* including scope and test fixture.
Note:
Because of the ultra-high speed of the P4C163/L, care must be taken
when testing this device; an inadequate setup can cause a normal
functioning part to be rejected as faulty. Long high-inductance leads that
cause supply bounce must be avoided by bringing the V
CC and ground
planes directly up to the contactor fingers. A 0.01 µF high frequency
capacitor is also required between V
CC and ground.
To avoid signal
reflections, proper termination must be used; for example, a 50
Ω test
environment should be terminated into a 50
Ω load with 1.73V (Thevenin
Voltage) at the comparator input, and a 116
Ω resistor must be used in
series with D
OUT to match 166Ω (Thevenin Resistance).


Similar Part No. - P4C163-25PMLF

ManufacturerPart #DatasheetDescription
logo
Pyramid Semiconductor C...
P4C164 PYRAMID-P4C164 Datasheet
182Kb / 16P
   ULTRA HIGH SPEED 8K x 8 STATIC CMOS RAMS
P4C164-10CCLF PYRAMID-P4C164-10CCLF Datasheet
182Kb / 16P
   ULTRA HIGH SPEED 8K x 8 STATIC CMOS RAMS
P4C164-10CILF PYRAMID-P4C164-10CILF Datasheet
182Kb / 16P
   ULTRA HIGH SPEED 8K x 8 STATIC CMOS RAMS
P4C164-10CMBLF PYRAMID-P4C164-10CMBLF Datasheet
182Kb / 16P
   ULTRA HIGH SPEED 8K x 8 STATIC CMOS RAMS
P4C164-10CMLF PYRAMID-P4C164-10CMLF Datasheet
182Kb / 16P
   ULTRA HIGH SPEED 8K x 8 STATIC CMOS RAMS
More results

Similar Description - P4C163-25PMLF

ManufacturerPart #DatasheetDescription
logo
Force Technologies Ltd
FT6163 FORCE-FT6163 Datasheet
932Kb / 13P
   Ultra High Speed 8K x 9 Static Cmos Rams
logo
Pyramid Semiconductor C...
P4C164 PYRAMID-P4C164 Datasheet
182Kb / 16P
   ULTRA HIGH SPEED 8K x 8 STATIC CMOS RAMS
logo
Force Technologies Ltd
FT6264 FORCE-FT6264 Datasheet
953Kb / 17P
   ULTRA HIGH SPEED 8K x 8 STATIC CMOS RAMS
logo
List of Unclassifed Man...
P4C187 ETC-P4C187 Datasheet
70Kb / 8P
   ULTRA HIGH SPEED 64K x 1 STATIC CMOS RAMS
logo
Pyramid Semiconductor C...
P4C1257 PYRAMID-P4C1257 Datasheet
957Kb / 11P
   ULTRA HIGH SPEED 256K x 1 STATIC CMOS RAMS
P4C167 PYRAMID-P4C167 Datasheet
192Kb / 10P
   ULTRA HIGH SPEED 16K X 1 STATIC CMOS RAMS
P4C198 PYRAMID-P4C198 Datasheet
231Kb / 13P
   ULTRA HIGH SPEED 16K x 4 STATIC CMOS RAMS
P4C187 PYRAMID-P4C187 Datasheet
314Kb / 12P
   ULTRA HIGH SPEED 64K x 1 STATIC CMOS RAMS
P4C116 PYRAMID-P4C116 Datasheet
239Kb / 14P
   ULTRA HIGH SPEED 2K x 8 STATIC CMOS RAMS
logo
List of Unclassifed Man...
P4C116 ETC-P4C116 Datasheet
76Kb / 8P
   ULTRA HIGH SPEED 2K x 8 STATIC CMOS RAMS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com