Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CY7C1021BNV33L-15ZC Datasheet(PDF) 8 Page - Cypress Semiconductor

Part # CY7C1021BNV33L-15ZC
Description  64K x 16 Static RAM
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY7C1021BNV33L-15ZC Datasheet(HTML) 8 Page - Cypress Semiconductor

Back Button CY7C1021BNV33L-15ZC Datasheet HTML 2Page - Cypress Semiconductor CY7C1021BNV33L-15ZC Datasheet HTML 3Page - Cypress Semiconductor CY7C1021BNV33L-15ZC Datasheet HTML 4Page - Cypress Semiconductor CY7C1021BNV33L-15ZC Datasheet HTML 5Page - Cypress Semiconductor CY7C1021BNV33L-15ZC Datasheet HTML 6Page - Cypress Semiconductor CY7C1021BNV33L-15ZC Datasheet HTML 7Page - Cypress Semiconductor CY7C1021BNV33L-15ZC Datasheet HTML 8Page - Cypress Semiconductor CY7C1021BNV33L-15ZC Datasheet HTML 9Page - Cypress Semiconductor CY7C1021BNV33L-15ZC Datasheet HTML 10Page - Cypress Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 8 / 10 page
background image
CY7C1021BNV33
Document #: 001-06433 Rev. **
Page 8 of 10
Ordering Information
Speed (ns)
Ordering Code
Package
Diagram
Package Type
Operating
Range
10
CY7C1021BNV33L-10VXC
51-85082
44-Lead (400-Mil) Molded SOJ (Pb-free)
Commercial
CY7C1021BNV33L-10ZXC
51-85087
44-Lead TSOP Type II (Pb-free)
12
CY7C1021BNV33L-12ZC
51-85087
44-Lead TSOP Type II
CY7C1021BNV33L-12ZXC
51-85087
44-Lead TSOP Type II (Pb-free)
15
CY7C1021BNV33L-15ZC
51-85087
44-Lead TSOP Type II
CY7C1021BNV33L-15ZXC
51-85087
44-Lead TSOP Type II (Pb-free)
CY7C1021BNV33L-15VXC
51-85082
44-Lead (400-Mil) Molded SOJ (Pb-free)
CY7C1021BNV33L-15BAI
51-85096
48-ball Mini Ball Grid Array (7 mm x 7 mm)
Industrial
CY7C1021BNV33L-15VXI
51-85082
44-Lead (400-Mil) Molded SOJ (Pb-free)
CY7C1021BNV33L-15ZXI
51-85087
44-Lead TSOP Type II (Pb-free)
CY7C1021BNV33L-15ZI
51-85087
44-Lead TSOP Type II
Please contact local sales representative regarding availability of these parts.
Package Diagrams
G
F
E
D
C
B
A
5
64
3
2
1
PIN 1 CORNER
3.75
0.75
Ø0.30±0.05(48X)
Ø0.25 M C A B
0.15(4X)
1.20 MAX.
SEATING PLANE
H
E
H
F
G
A
B
C
D
6
5
12
3
4
PIN 1 CORNER
TOP VIEW
BOTTOM VIEW
7.00±0.10
A
B
Ø0.05 M C
(LASER MARK)
B
A
C
7.00±0.10
1.875
48-ball FBGA (7 mm x 7 mm x 1.2 mm) (51-85096)
51-85096-*F
[+] Feedback
[+] Feedback


Similar Part No. - CY7C1021BNV33L-15ZC

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C1021BNV33L-15ZC CYPRESS-CY7C1021BNV33L-15ZC Datasheet
521Kb / 10P
   64K x 16 Static RAM
More results

Similar Description - CY7C1021BNV33L-15ZC

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY62126BV CYPRESS-CY62126BV Datasheet
188Kb / 9P
   64K x 16 Static RAM
logo
Weida Semiconductor, In...
WCFS1016C1C WEIDA-WCFS1016C1C Datasheet
185Kb / 9P
   64K x 16 Static RAM
logo
Cypress Semiconductor
CY7C1021CV33 CYPRESS-CY7C1021CV33 Datasheet
231Kb / 12P
   64K x 16 Static RAM
CY62127BV CYPRESS-CY62127BV Datasheet
264Kb / 11P
   64K x 16 Static RAM
CY7C1021BNV33 CYPRESS-CY7C1021BNV33_09 Datasheet
521Kb / 10P
   64K x 16 Static RAM
CY7C1021 CYPRESS-CY7C1021 Datasheet
181Kb / 9P
   64K x 16 Static RAM
CY7C1021BNV33 CYPRESS-CY7C1021BNV33_10 Datasheet
727Kb / 11P
   64K x 16 Static RAM
logo
Weida Semiconductor, In...
WCMA1016U4X WEIDA-WCMA1016U4X Datasheet
308Kb / 11P
   64K x 16 Static RAM
WCFS1016V1C WEIDA-WCFS1016V1C Datasheet
187Kb / 9P
   64K x 16 Static RAM
logo
Cypress Semiconductor
CY7C1021BV33 CYPRESS-CY7C1021BV33 Datasheet
239Kb / 11P
   64K x 16 Static RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com