Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IDT82P2828 Datasheet(PDF) 10 Page - Integrated Device Technology

Part # IDT82P2828
Description  28(1) Channel High-Density T1/E1/J1 Line Interface Unit
Download  154 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

IDT82P2828 Datasheet(HTML) 10 Page - Integrated Device Technology

Back Button IDT82P2828 Datasheet HTML 6Page - Integrated Device Technology IDT82P2828 Datasheet HTML 7Page - Integrated Device Technology IDT82P2828 Datasheet HTML 8Page - Integrated Device Technology IDT82P2828 Datasheet HTML 9Page - Integrated Device Technology IDT82P2828 Datasheet HTML 10Page - Integrated Device Technology IDT82P2828 Datasheet HTML 11Page - Integrated Device Technology IDT82P2828 Datasheet HTML 12Page - Integrated Device Technology IDT82P2828 Datasheet HTML 13Page - Integrated Device Technology IDT82P2828 Datasheet HTML 14Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 154 page
background image
10
January 11, 2007
IDT82P2828
 2007 Integrated Device Technology, Inc.
DSC-6248/2
28(+1) Channel
High-Density T1/E1/J1
Line Interface Unit
IDT and the IDT logo are trademarks of Integrated Device Technology, Inc.
FEATURES
Integrates 28+1 channels T1/E1/J1 short haul line interface
units for 100
Ω T1, 120 Ω E1, 110 Ω J1 twisted pair cable and
75
Ω E1 coaxial cable applications
Per-channel configurable Line Interface options
• Supports various line interface options
Differential and Single Ended line interfaces
true Single Ended termination on primary and secondary side of trans-
former for E1 75
Ω coaxial cable applications
transformer-less for Differential interfaces
• Fully integrated and software selectable receive and transmit
termination
Option 1: Fully Internal Impedance Matching with integrated receive
termination resistor
Option 2: Partially Internal Impedance Matching with common external
resistor for improved device power dissipation
Option 3: External impedance Matching termination
• Supports global configuration and per-channel configuration to
T1, E1 or J1 mode
Per-channel programmable features
• Provides T1/E1/J1 short haul waveform templates and user-
programmable arbitrary waveform templates
• Provides two JAs (Jitter Attenuator) for each channel of receiver
and transmitter
• Supports AMI/B8ZS (for T1/J1) and AMI/HDB3 (for E1) encoding
and decoding
Per-channel System Interface options
• Supports Single Rail, Dual Rail with clock or without clock and
sliced system interface
• Integrated Clock Recovery for the transmit interface to recover
transmit clock from system transmit data
Per-channel system and diagnostic functions
• Provides transmit driver over-current detection and protection
with optional automatic high impedance of transmit interface
• Detects and generates PRBS (Pseudo Random Bit Sequence),
ARB (Arbitrary Pattern) and IB (Inband Loopback) in either
receive or transmit direction
• Provides defect and alarm detection in both receive and transmit
directions.
Defects include BPV (Bipolar Violation) /CV (Code Violation) and EXZ
(Excessive Zeroes)
Alarms include LLOS (Line LOS), SLOS (System LOS), TLOS
(Transmit LOS) and AIS (Alarm Indication Signal)
• Programmable LLOS detection /clear levels. Compliant with ITU
and ANSI specifications
• Various pattern, defect and alarm reporting options
Serial hardware LLOS reporting (LLOS, LLOS0) for all 29 channels
Configurable per-channel hardware reporting with RMF/TMF
(Receive /Transmit Multiplex Function)
Register access to individual registers or 16-bit error counters
• Supports Analog Loopback, Digital Loopback and Remote
Loopback
• Supports T1.102 line monitor
Channel 0 monitoring options
• Channel 0 can be configured as monitoring channel or regular
channel to increase capacity
• Supports all internal G.772 Monitoring for Non-Intrusive
Monitoring of any of the 28 channels of receiver or transmitter
• Jitter Measurement per ITU O.171
Hitless Protection Switching (HPS) without external Relays
• Supports 1+1 and 1:1 hitless protection switching
• Asynchronous hardware control (OE, RIM) for fast global high
impedance of receiver and transmitter (hot switching between
working and backup board)
• High impedance transmitter and receiver while powered down
• Per-channel register control for high impedance, independent for
receiver and transmitter
Clock Inputs and Outputs
• Flexible master clock (N x 1.544 MHz or N x 2.048 MHz) (1
≤ N ≤
8, N is an integer number)
• Two selectable reference clock outputs
from the recovered clock of any of the 29 channels
from external clock input
from device master clock
• Integrated clock synthesizer can multiply or divide the reference
clock to a wide range of frequencies: 8 KHz, 64 KHz, 2.048 MHz,
4.096 MHz, 8.192 MHz, 19.44 MHz and 32.768 MHz
• Cascading is provided to select a single reference clock from
multiple devices without the need for any external logic
Microprocessor Interface
• Supports Serial microprocessor interface and Parallel Intel /
Motorola Non-Multiplexed /Multiplexed microprocessor interface
Other Key Features
• IEEE1149.1 JTAG boundary scan
• Two general purpose I/O pins
• 3.3 V I/O with 5 V tolerant inputs
• 3.3 V and 1.8 V power supply
• Package: 640-pin TEPBGA (31 mm X 31 mm)
Applicable Standards
• AT&T Pub 62411 Accunet T1.5 Service
• ANSI T1.102, T1.403 and T1.231
• Bellcore TR-TSY-000009, GR-253-CORE and GR-499-CORE
• ETSI CTR12/13
• ETS 300166 and ETS 300 233
• G.703, G.735, G.736, G.742, G.772, G.775, G.783 and G.823
• O.161
• ITU I.431 and ITU O.171


Similar Part No. - IDT82P2828

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
IDT82P2828 RENESAS-IDT82P2828 Datasheet
1Mb / 154P
   28(1) Channel High-Density T1/E1/J1 Line Interface Unit
February 6, 2009
logo
Integrated Device Techn...
IDT82P2828 IDT-IDT82P2828_09 Datasheet
1Mb / 154P
   28(1) Channel High-Density T1/E1/J1 Line Interface Unit
More results

Similar Description - IDT82P2828

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
IDT82P2828 RENESAS-IDT82P2828 Datasheet
1Mb / 154P
   28(1) Channel High-Density T1/E1/J1 Line Interface Unit
February 6, 2009
logo
Integrated Device Techn...
IDT82P2828 IDT-IDT82P2828_09 Datasheet
1Mb / 154P
   28(1) Channel High-Density T1/E1/J1 Line Interface Unit
IDT82P2821 IDT-IDT82P2821_09 Datasheet
1Mb / 151P
   nul21(1) Channel High-Density T1/E1/J1 Line Interface Unit
IDT82P2816 IDT-IDT82P2816 Datasheet
1Mb / 146P
   16(1) Channel High-Density T1/E1/J1 Line Interface Unit
IDT82P2821 IDT-IDT82P2821 Datasheet
1Mb / 151P
   21(1) Channel High-Density T1/E1/J1 Line Interface Unit
logo
Renesas Technology Corp
IDT82P2821 RENESAS-IDT82P2821 Datasheet
1Mb / 152P
   21(1) Channel High-Density T1/E1/J1 Line Interface Unit
February 6, 2009
IDT82P2816 RENESAS-IDT82P2816 Datasheet
1Mb / 147P
   16(1) Channel High-Density T1/E1/J1 Line Interface Unit
February 6, 2009
logo
Integrated Device Techn...
IDT82P2808 IDT-IDT82P2808 Datasheet
1Mb / 144P
   8(1) Channel High-Density T1/E1/J1 Line Interface Unit
logo
Renesas Technology Corp
IDT82P2816A RENESAS-IDT82P2816A Datasheet
1Mb / 147P
   16(1) Channel High-Density T1/E1/J1 Line Interface Unit
September 3, 2015
IDT82P2917A RENESAS-IDT82P2917A Datasheet
1Mb / 150P
   17-Channel High-Density T1/E1/J1 Line Interface Unit
March 25, 2010
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com