Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CY7C1021CV33-12VXE Datasheet(PDF) 4 Page - Cypress Semiconductor

Part # CY7C1021CV33-12VXE
Description  1-Mbit (64K x 16) Static RAM
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY7C1021CV33-12VXE Datasheet(HTML) 4 Page - Cypress Semiconductor

  CY7C1021CV33-12VXE Datasheet HTML 1Page - Cypress Semiconductor CY7C1021CV33-12VXE Datasheet HTML 2Page - Cypress Semiconductor CY7C1021CV33-12VXE Datasheet HTML 3Page - Cypress Semiconductor CY7C1021CV33-12VXE Datasheet HTML 4Page - Cypress Semiconductor CY7C1021CV33-12VXE Datasheet HTML 5Page - Cypress Semiconductor CY7C1021CV33-12VXE Datasheet HTML 6Page - Cypress Semiconductor CY7C1021CV33-12VXE Datasheet HTML 7Page - Cypress Semiconductor CY7C1021CV33-12VXE Datasheet HTML 8Page - Cypress Semiconductor CY7C1021CV33-12VXE Datasheet HTML 9Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 13 page
background image
CY7C1021CV33
Document #: 38-05132 Rev. *G
Page 4 of 13
Maximum Ratings
(Above which the useful life may be impaired. For user guide-
lines, not tested.)
Storage Temperature ................................. –65
°C to +150°C
Ambient Temperature with
Power Applied............................................. –55
°C to +125°C
Supply Voltage on VCC Relative to GND
[4] .... –0.5V to +4.6V
DC Voltage Applied to Outputs
in High-Z State[4] ......................................–0.5V to VCC+0.5V
DC Input Voltage[4]...................................–0.5V to VCC+0.5V
Current into Outputs (LOW) .........................................20 mA
Static Discharge Voltage............................................ >2001V
(per MIL-STD-883, Method 3015)
Latch-up Current...................................................... >200 mA
Operating Range
Range
Ambient
Temperature (TA)VCC
Commercial
0
°C to +70°C
3.3V
± 10%
Industrial
–40
°C to +85°C
Automotive-A
–40
°C to +85°C
Automotive -E
–40
°C to +125°C
Electrical Characteristics Over the Operating Range
Parameter
Description
Test Conditions
-8
-10
-12
-15
Unit
Min.
Max.
Min.
Max.
Min.
Max.
Min.
Max.
VOH
Output HIGH
Voltage
VCC = Min.,
IOH = –4.0 mA
2.4
2.4
2.4
2.4
V
VOL
Output LOW
Voltage
VCC = Min.,
IOL = 8.0 mA
0.4
0.4
0.4
0.4
V
VIH
Input HIGH
Voltage
2.0
VCC
+ 0.3
2.0
VCC
+ 0.3
2.0
VCC
+ 0.3
2.0
VCC
+ 0.3
V
VIL
Input LOW
Voltage[4]
–0.3
0.8
−0.3
0.8
–0.3
0.8
–0.3
0.8
V
IIX
Input Leakage
Current
GND < VI < VCC Com’l/Ind’l
−1
+1
−1+1–1
+1
–1+1
µA
Auto-A
–1
+1
Auto-E
–12
+12
IOZ
Output Leakage
Current
GND < VI < VCC,
Output Disabled
Com’l/Ind’l
−1
+1
−1+1–1
+1
–1+1
µA
Auto-A
–1
+1
Auto-E
–12
+12
ICC
VCC Operating
Supply Current
VCC = Max.,
IOUT = 0 mA,
f = fMAX = 1/tRC
Com’l/Ind’l
95
90
85
80
mA
Auto-A
80
mA
Auto-E
90
ISB1
Automatic CE
Power-Down
Current —TTL
Inputs
Max. VCC,
CE > VIH
VIN > VIH or
VIN < VIL,
f = fMAX
Com’l/Ind’l
15
15
15
15
mA
Auto-A
15
Auto-E
20
ISB2
Automatic CE
Power-Down
Current —CMOS
Inputs
Max. VCC,
CE > VCC – 0.3V,
VIN > VCC – 0.3V,
or VIN < 0.3V,
f = 0
Com’l/Ind’l
5
5
5
5
mA
Auto-A
5
Auto-E
10
Note:
4. VIL (min.) = –2.0V and VIH(max) = VCC + 0.5V for pulse durations of less than 20 ns.
[+] Feedback
[+] Feedback


Similar Part No. - CY7C1021CV33-12VXE

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C1021CV33-12VXE CYPRESS-CY7C1021CV33-12VXE Datasheet
394Kb / 14P
   1-Mbit (64K x 16) Static RAM
More results

Similar Description - CY7C1021CV33-12VXE

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C1021B CYPRESS-CY7C1021B Datasheet
370Kb / 10P
   1-Mbit (64K x 16) Static RAM
CY7C1021D CYPRESS-CY7C1021D Datasheet
558Kb / 11P
   1-Mbit (64K x 16) Static RAM
CY62126ESL CYPRESS-CY62126ESL Datasheet
419Kb / 12P
   1-Mbit (64K x 16) Static RAM
CY62126EV30 CYPRESS-CY62126EV30_10 Datasheet
299Kb / 16P
   1-Mbit (64K x 16) Static RAM
CY7C1021CV33 CYPRESS-CY7C1021CV33_08 Datasheet
394Kb / 14P
   1-Mbit (64K x 16) Static RAM
CY62126EV30 CYPRESS-CY62126EV30_09 Datasheet
472Kb / 13P
   1-Mbit (64K x 16) Static RAM
CY62126EV30 CYPRESS-CY62126EV30 Datasheet
612Kb / 12P
   1-Mbit (64K x 16) Static RAM
CY62126DV30 CYPRESS-CY62126DV30 Datasheet
398Kb / 11P
   1-Mbit (64K x 16) Static RAM
CY7C1021CV26 CYPRESS-CY7C1021CV26 Datasheet
247Kb / 9P
   1-Mbit (64K x 16) Static RAM
CY7C1021DV33 CYPRESS-CY7C1021DV33 Datasheet
384Kb / 11P
   1-Mbit (64K x 16) Static RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com