Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CY7C1041CV33-15ZXC Datasheet(PDF) 2 Page - Cypress Semiconductor

Part # CY7C1041CV33-15ZXC
Description  4-Mbit (256K x 16) Static RAM
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY7C1041CV33-15ZXC Datasheet(HTML) 2 Page - Cypress Semiconductor

  CY7C1041CV33-15ZXC Datasheet HTML 1Page - Cypress Semiconductor CY7C1041CV33-15ZXC Datasheet HTML 2Page - Cypress Semiconductor CY7C1041CV33-15ZXC Datasheet HTML 3Page - Cypress Semiconductor CY7C1041CV33-15ZXC Datasheet HTML 4Page - Cypress Semiconductor CY7C1041CV33-15ZXC Datasheet HTML 5Page - Cypress Semiconductor CY7C1041CV33-15ZXC Datasheet HTML 6Page - Cypress Semiconductor CY7C1041CV33-15ZXC Datasheet HTML 7Page - Cypress Semiconductor CY7C1041CV33-15ZXC Datasheet HTML 8Page - Cypress Semiconductor CY7C1041CV33-15ZXC Datasheet HTML 9Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
CY7C1041CV33
Document #: 38-05134 Rev. *H
Page 2 of 12
Selection Guide
-10-12
-15-20
Unit
Maximum Access Time
10
12
15
20
ns
Maximum Operating Current
Commercial
90
85
80
75
mA
Industrial
100
95
90
85
mA
Automotive-A
100
85
mA
Automotive-E
90
mA
Maximum CMOS Standby Current
Commercial/
Industrial
10
10
10
10
mA
Automotive-A
10
mA
Automotive-E
15
mA
Pin Configurations
48-ball FBGA
(Top View)
WE
VCC
A11
A10
NC
A6
A0
A3
CE
I/O
2
I/O
0
I/O1
A4
A5
I/O
3
I/O5
I/O4
I/O6
I/O7
VSS
A9
A8
OE
VSS
A7
I/O8
BHE
NC
A17
A2
A1
BLE
VCC
I/O9
I/O10
I/O
11
I/O12
I/O13 I/O14
I/O15
A15
A14
A13
A
12
NC
NC
NC
3
2
6
5
4
1
D
E
B
A
C
F
G
H
A16
[+] Feedback
[+] Feedback


Similar Part No. - CY7C1041CV33-15ZXC

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C1041CV33-15ZXC CYPRESS-CY7C1041CV33-15ZXC Datasheet
432Kb / 14P
   4-Mbit (256K x 16) Static RAM
More results

Similar Description - CY7C1041CV33-15ZXC

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY62146E CYPRESS-CY62146E_11 Datasheet
463Kb / 14P
   4-Mbit (256K x 16) Static RAM
CY62147EV30 CYPRESS-CY62147EV30_09 Datasheet
394Kb / 13P
   4-Mbit (256K x 16) Static RAM
CY62146DV30 CYPRESS-CY62146DV30 Datasheet
406Kb / 11P
   4-Mbit (256K x 16) Static RAM
CY62146E CYPRESS-CY62146E Datasheet
529Kb / 11P
   4-Mbit (256K x 16) Static RAM
CY62147EV18 CYPRESS-CY62147EV18 Datasheet
457Kb / 12P
   4-Mbit (256K x 16) Static RAM
CY7C1041DV33 CYPRESS-CY7C1041DV33 Datasheet
403Kb / 14P
   4-Mbit (256K x 16) Static RAM
CY62146E CYPRESS-CY62146E_09 Datasheet
336Kb / 11P
   4-Mbit (256K x 16) Static RAM
CY7C1041CV33 CYPRESS-CY7C1041CV33_08 Datasheet
432Kb / 14P
   4-Mbit (256K x 16) Static RAM
CY62147DV30 CYPRESS-CY62147DV30 Datasheet
393Kb / 12P
   4-Mbit (256K x 16) Static RAM
CY62146EV30 CYPRESS-CY62146EV30 Datasheet
527Kb / 12P
   4-Mbit (256K x 16) Static RAM
CY62147DV30 CYPRESS-CY62147DV30_06 Datasheet
369Kb / 12P
   4-Mbit (256K x 16) Static RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com