Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

P4C164-25FILF Datasheet(PDF) 4 Page - Pyramid Semiconductor Corporation

Part # P4C164-25FILF
Description  ULTRA HIGH SPEED 8K x 8 STATIC CMOS RAMS
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PYRAMID [Pyramid Semiconductor Corporation]
Direct Link  http://www.pyramidsemiconductor.com
Logo PYRAMID - Pyramid Semiconductor Corporation

P4C164-25FILF Datasheet(HTML) 4 Page - Pyramid Semiconductor Corporation

  P4C164-25FILF Datasheet HTML 1Page - Pyramid Semiconductor Corporation P4C164-25FILF Datasheet HTML 2Page - Pyramid Semiconductor Corporation P4C164-25FILF Datasheet HTML 3Page - Pyramid Semiconductor Corporation P4C164-25FILF Datasheet HTML 4Page - Pyramid Semiconductor Corporation P4C164-25FILF Datasheet HTML 5Page - Pyramid Semiconductor Corporation P4C164-25FILF Datasheet HTML 6Page - Pyramid Semiconductor Corporation P4C164-25FILF Datasheet HTML 7Page - Pyramid Semiconductor Corporation P4C164-25FILF Datasheet HTML 8Page - Pyramid Semiconductor Corporation P4C164-25FILF Datasheet HTML 9Page - Pyramid Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
P4C164
Page 4 of 16
Document # SRAM115 REV F
AC ELECTRICAL CHARACTERISTICS—READ CYCLE
(V
CC = 5V ± 10%, All Temperature Ranges)
(2)
Notes:
5.
WE is HIGH for READ cycle.
6.
CE
1 is LOW, CE2 is HIGH and OE is LOW for READ cycle.
7. ADDRESS must be valid prior to, or coincident with
CE
1 transition
LOW and CE
2 transition HIGH.
8. Transition is measured ± 200 mV from steady state voltage prior to
change, with loading as specified in Figure 1. This parameter is
sampled and not 100% tested.
TIMING WAVEFORM OF READ CYCLE NO. 1 (
OE
OE
OE
OE
OE CONTROLLED)(5)
Min Max Min Max Min Max Min Max Min Max Min Max Min Max Min Max Min Max Min Max
tRC
Read Cycle
Time
8
1012152025
35
4570
100
ns
tAA
Address
Access Time
8
10
12
152025354570
100
ns
tAC
Chip Enable
Access Time
8
10
12
152025354570
100
ns
tOH
Output Hold
from Address
Change
333333333
3
ns
tLZ
Chip Enable to
Output in Low Z
222222222
2
ns
tHZ
Chip Disable
to Output in
High Z
5678
8
10
15
20
35
45
ns
tOE
Output Enable
Low to Data
Valid
5679
10
13
18
20
35
45
ns
tOLZ
Output Enable
Low to Low Z
222222222
2
ns
tOHZ
Output Enable
High to High Z
5679
9
12
15
20
35
45
ns
tPU
Chip Enable to
Power Up
Time
000000000
0
ns
tPD
Chip Disable
to Power Down
Time
8
10
12
15202020253545
ns
Symbol
Parameter
-8
-10
-12
-15
-20
-25
Unit
-35
-45
-70
-100


Similar Part No. - P4C164-25FILF

ManufacturerPart #DatasheetDescription
logo
Pyramid Semiconductor C...
P4C164L PYRAMID-P4C164L Datasheet
112Kb / 11P
   LOW POWER 8K x 8 STATIC CMOS RAM
P4C164L-100P3CLF PYRAMID-P4C164L-100P3CLF Datasheet
112Kb / 11P
   LOW POWER 8K x 8 STATIC CMOS RAM
P4C164L-100P3ILF PYRAMID-P4C164L-100P3ILF Datasheet
112Kb / 11P
   LOW POWER 8K x 8 STATIC CMOS RAM
P4C164L-100P6CLF PYRAMID-P4C164L-100P6CLF Datasheet
112Kb / 11P
   LOW POWER 8K x 8 STATIC CMOS RAM
P4C164L-100P6ILF PYRAMID-P4C164L-100P6ILF Datasheet
112Kb / 11P
   LOW POWER 8K x 8 STATIC CMOS RAM
More results

Similar Description - P4C164-25FILF

ManufacturerPart #DatasheetDescription
logo
Force Technologies Ltd
FT6264 FORCE-FT6264 Datasheet
953Kb / 17P
   ULTRA HIGH SPEED 8K x 8 STATIC CMOS RAMS
logo
Pyramid Semiconductor C...
P4C163 PYRAMID-P4C163 Datasheet
321Kb / 12P
   ULTRA HIGH SPEED 8K x 9 STATIC CMOS RAMS
logo
Force Technologies Ltd
FT6163 FORCE-FT6163 Datasheet
932Kb / 13P
   Ultra High Speed 8K x 9 Static Cmos Rams
logo
Pyramid Semiconductor C...
P4C116 PYRAMID-P4C116 Datasheet
239Kb / 14P
   ULTRA HIGH SPEED 2K x 8 STATIC CMOS RAMS
logo
List of Unclassifed Man...
P4C116 ETC-P4C116 Datasheet
76Kb / 8P
   ULTRA HIGH SPEED 2K x 8 STATIC CMOS RAMS
P4C187 ETC-P4C187 Datasheet
70Kb / 8P
   ULTRA HIGH SPEED 64K x 1 STATIC CMOS RAMS
logo
Pyramid Semiconductor C...
P4C1257 PYRAMID-P4C1257 Datasheet
957Kb / 11P
   ULTRA HIGH SPEED 256K x 1 STATIC CMOS RAMS
P4C167 PYRAMID-P4C167 Datasheet
192Kb / 10P
   ULTRA HIGH SPEED 16K X 1 STATIC CMOS RAMS
P4C198 PYRAMID-P4C198 Datasheet
231Kb / 13P
   ULTRA HIGH SPEED 16K x 4 STATIC CMOS RAMS
P4C187 PYRAMID-P4C187 Datasheet
314Kb / 12P
   ULTRA HIGH SPEED 64K x 1 STATIC CMOS RAMS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com