Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ICS524 Datasheet(PDF) 3 Page - Integrated Device Technology

Part # ICS524
Description  LOW SKEW 1 TO 4 CLOCK BUFFER
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

ICS524 Datasheet(HTML) 3 Page - Integrated Device Technology

  ICS524 Datasheet HTML 1Page - Integrated Device Technology ICS524 Datasheet HTML 2Page - Integrated Device Technology ICS524 Datasheet HTML 3Page - Integrated Device Technology ICS524 Datasheet HTML 4Page - Integrated Device Technology ICS524 Datasheet HTML 5Page - Integrated Device Technology ICS524 Datasheet HTML 6Page - Integrated Device Technology ICS524 Datasheet HTML 7Page - Integrated Device Technology  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
ICS524
LOW SKEW 1 TO 4 CLOCK BUFFER
FAN OUT BUFFER
IDT™ / ICS™ LOW SKEW 1 TO 4 CLOCK BUFFER
3
ICS524
REV A 101705
Absolute Maximum Ratings
Stresses above the ratings listed below can cause permanent damage to the ICS524. These ratings, which are
standard values for ICS commercially rated parts, are stress ratings only. Functional operation of the device at
these or any other conditions above those indicated in the operational sections of the specifications is not implied.
Exposure to absolute maximum rating conditions for extended periods can affect product reliability. Electrical
parameters are guaranteed only over the recommended operating temperature range.
Recommended Operation Conditions
DC Electrical Characteristics
VDD=2.5 V ±5%, Ambient temperature -40 to +85°C, unless stated otherwise
Item
Rating
Supply Voltage, VDD
7 V
Output Enable and All Outputs
-0.5 V to VDD+0.5 V
ICLK
-0.5 V to 5.5 V
Ambient Operating Temperature
-40 to +85
°C
Storage Temperature
-65 to +150
°C
Junction Temperature
125
°C
Soldering Temperature
260
°C
Parameter
Min.
Typ.
Max.
Units
Ambient Operating Temperature
-40
+85
°C
Power Supply Voltage (measured in respect to GND)
+2.375
+5.25
V
Parameter
Symbol
Conditions
Min.
Typ.
Max.
Units
Operating Voltage
VDD
2.375
2.625
V
Input High Voltage, ICLK
VIH
Note 1
VDD/2+0.5
5.5
V
Input Low Voltage, ICLK
VIL
Note 1
VDD/2-0.5
V
Output High Voltage
VOH
IOH = -16 mA
2
V
Output Low Voltage
VOL
IOL = 16 mA
0.4
V
Operating Supply Current
IDD
No load, 135 MHz
25
mA
Nominal Output Impedance
ZO
20
Input Capacitance
CIN
ICLK
5
pF
Short Circuit Current
IOS
±28
mA


Similar Part No. - ICS524

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
ICS525-01 ICST-ICS525-01 Datasheet
70Kb / 8P
   OSCaR??User Configurable Clock
ICS525-01 ICST-ICS525-01 Datasheet
181Kb / 9P
   User Configurable Clock
logo
Integrated Device Techn...
ICS525-0102 IDT-ICS525-0102 Datasheet
104Kb / 9P
   Packaged as 28-pin SSOP
logo
Integrated Circuit Syst...
ICS525-01R ICST-ICS525-01R Datasheet
70Kb / 8P
   OSCaR??User Configurable Clock
ICS525-01R ICST-ICS525-01R Datasheet
181Kb / 9P
   User Configurable Clock
More results

Similar Description - ICS524

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT5T30553 IDT-IDT5T30553 Datasheet
187Kb / 8P
   LOW SKEW 1 TO 4 CLOCK BUFFER
logo
Integrated Circuit Syst...
ICS553 ICST-ICS553 Datasheet
89Kb / 6P
   LOW SKEW 1 TO 4 CLOCK BUFFER
ICS651 ICST-ICS651 Datasheet
82Kb / 7P
   LOW SKEW 1 TO 4 CLOCK BUFFER
ICS553MI ICST-ICS553MI Datasheet
65Kb / 6P
   LOW SKEW 1 TO 4 CLOCK BUFFER
logo
Integrated Device Techn...
551S IDT-551S_18 Datasheet
153Kb / 9P
   Low Skew 1 to 4 Clock Buffer
logo
Pericom Semiconductor C...
PI6C49X0204A PERICOM-PI6C49X0204A Datasheet
981Kb / 10P
   Low Skew 1 TO 4 Clock Buffer
logo
Renesas Technology Corp
ICS556-04 RENESAS-ICS556-04 Datasheet
352Kb / 8P
   LOW SKEW 1 TO 4 CLOCK BUFFER
051310
logo
Integrated Circuit Syst...
ICS556-04 ICST-ICS556-04 Datasheet
145Kb / 6P
   LOW SKEW 1 TO 4 CLOCK BUFFER
logo
Integrated Device Techn...
ICS651B IDT-ICS651B Datasheet
185Kb / 8P
   LOW SKEW 1 TO 4 CLOCK BUFFER
ICS621 IDT-ICS621_10 Datasheet
118Kb / 10P
   LOW SKEW 1 TO 4 CLOCK BUFFER
ICS651MLFT IDT-ICS651MLFT Datasheet
89Kb / 8P
   LOW SKEW 1 TO 4 CLOCK BUFFER
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com