Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AON4413 Datasheet(PDF) 1 Page - Alpha & Omega Semiconductors

Part # AON4413
Description  P-Channel Enhancement Mode Field Effect Transistor
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AOSMD [Alpha & Omega Semiconductors]
Direct Link  http://www.aosmd.com
Logo AOSMD - Alpha & Omega Semiconductors

AON4413 Datasheet(HTML) 1 Page - Alpha & Omega Semiconductors

  AON4413 Datasheet HTML 1Page - Alpha & Omega Semiconductors AON4413 Datasheet HTML 2Page - Alpha & Omega Semiconductors AON4413 Datasheet HTML 3Page - Alpha & Omega Semiconductors AON4413 Datasheet HTML 4Page - Alpha & Omega Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Symbol
10 Sec
Steady State
VDS
VGS
-6.5
-4.7
-5.3
-3.7
IDM
3.1
1.6
2.0
1.0
TJ, TSTG
Parameter
Symbol
Typ
Max
t ≤ 10s
34
40
Steady State
66
80
Steady State
RθJL
20
25
Pulsed Drain Current
B
Power Dissipation
A
TA=25°C
Junction and Storage Temperature Range
TA=70°C
Continuous Drain
Current
A
Units
Parameter
TA=25°C
TA=70°C
V
V
A
ID
Gate-Source Voltage
Drain-Source Voltage
-30
Absolute Maximum Ratings TA=25°C unless otherwise noted
PD
Maximum Junction-to-Lead
C
°C/W
Thermal Characteristics
Units
Maximum Junction-to-Ambient
A
°C/W
Maximum Junction-to-Ambient
A
°C/W
RθJA
°C
-55 to 150
W
±20
-25
G
D
D
D
S
D
D
D
AON4413
P-Channel Enhancement Mode Field Effect Transistor
Features
VDS (V) = -30V
ID = -6.5A
(VGS = -10V)
RDS(ON) < 46mΩ (VGS = -10V)
RDS(ON) < 60mΩ (VGS = -6V)
General Description
The AON4413 uses advanced trench technology to
provide excellent RDS(ON) with low gate charge. This
device is suitable for use as a load switch or in PWM
applications. Standard product AON4413 is Pb-free
(meets ROHS & Sony 259 specifications).
G
D
S
DFN 3x2
Alpha & Omega Semiconductor, Ltd.
www.aosmd.com


Similar Part No. - AON4413

ManufacturerPart #DatasheetDescription
logo
Alpha & Omega Semicondu...
AON4407 AOSMD-AON4407 Datasheet
30Kb / 3P
   Plastic Encapsulated Device
AON4407L AOSMD-AON4407L Datasheet
164Kb / 5P
   P-Channel Enhancement Mode Field Effect Transistor
AON4420L AOSMD-AON4420L Datasheet
148Kb / 5P
   N-Channel Enhancement Mode Field Effect Transistor
AON4421 AOSMD-AON4421 Datasheet
271Kb / 5P
   P-Channel Enhancement Mode Field Effect Transistor
More results

Similar Description - AON4413

ManufacturerPart #DatasheetDescription
logo
Alpha & Omega Semicondu...
AOD419 AOSMD-AOD419 Datasheet
119Kb / 5P
   P-Channel Enhancement Mode Field Effect Transistor
logo
Chino-Excel Technology
CEM4435A CET-CEM4435A Datasheet
106Kb / 4P
   P-Channel Enhancement Mode Field Effect Transistor
CES2321 CET-CES2321 Datasheet
108Kb / 4P
   P-Channel Enhancement Mode Field Effect Transistor
CED2303 CET-CED2303 Datasheet
140Kb / 4P
   P-Channel Enhancement Mode Field Effect Transistor
CED3423 CET-CED3423 Datasheet
258Kb / 4P
   P-Channel Enhancement Mode Field Effect Transistor
logo
Diodes Incorporated
BSS84W DIODES-BSS84W_1 Datasheet
100Kb / 4P
   P-CHANNEL ENHANCEMENT MODE FIELD EFFECT TRANSISTOR
DS30205 Rev. 9 - 2
logo
Alpha & Omega Semicondu...
AO6403 AOSMD-AO6403 Datasheet
114Kb / 4P
   P-Channel Enhancement Mode Field Effect Transistor
AO6419 AOSMD-AO6419 Datasheet
114Kb / 4P
   P-Channel Enhancement Mode Field Effect Transistor
AO7413 AOSMD-AO7413 Datasheet
114Kb / 4P
   P-Channel Enhancement Mode Field Effect Transistor
AOU403 AOSMD-AOU403 Datasheet
72Kb / 5P
   P-Channel Enhancement Mode Field Effect Transistor
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com