Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CY7C1041CV33-20ZC Datasheet(PDF) 10 Page - Cypress Semiconductor

Part # CY7C1041CV33-20ZC
Description  4-Mbit (256K x 16) Static RAM
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY7C1041CV33-20ZC Datasheet(HTML) 10 Page - Cypress Semiconductor

Back Button CY7C1041CV33-20ZC Datasheet HTML 4Page - Cypress Semiconductor CY7C1041CV33-20ZC Datasheet HTML 5Page - Cypress Semiconductor CY7C1041CV33-20ZC Datasheet HTML 6Page - Cypress Semiconductor CY7C1041CV33-20ZC Datasheet HTML 7Page - Cypress Semiconductor CY7C1041CV33-20ZC Datasheet HTML 8Page - Cypress Semiconductor CY7C1041CV33-20ZC Datasheet HTML 9Page - Cypress Semiconductor CY7C1041CV33-20ZC Datasheet HTML 10Page - Cypress Semiconductor CY7C1041CV33-20ZC Datasheet HTML 11Page - Cypress Semiconductor CY7C1041CV33-20ZC Datasheet HTML 12Page - Cypress Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
CY7C1041CV33
Document #: 38-05134 Rev. *H
Page 10 of 12
Package Diagrams
A
1
A1 CORNER
0.75
Ø0.30±0.05(48X)
Ø0.25 M C A B
Ø0.05 M C
B
A
0.15(4X)
C
SEATING PLANE
A1 CORNER
TOP VIEW
BOTTOM VIEW
2
3
4
3.75
B
C
D
E
F
G
H
65
46
5
23
1
D
H
F
G
E
C
B
A
7.00±0.10
A
7.00±0.10
B
1.875
48-Ball (7.00 mm x 8.5 mm x 1.2 mm) FBGA (51-85106)
51-85106-*E
[+] Feedback
[+] Feedback


Similar Part No. - CY7C1041CV33-20ZC

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C1041CV33-20ZC CYPRESS-CY7C1041CV33-20ZC Datasheet
226Kb / 11P
   256K x 16 Static RAM
CY7C1041CV33-20ZC CYPRESS-CY7C1041CV33-20ZC Datasheet
432Kb / 14P
   4-Mbit (256K x 16) Static RAM
More results

Similar Description - CY7C1041CV33-20ZC

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY62146E CYPRESS-CY62146E_11 Datasheet
463Kb / 14P
   4-Mbit (256K x 16) Static RAM
CY62147EV30 CYPRESS-CY62147EV30_09 Datasheet
394Kb / 13P
   4-Mbit (256K x 16) Static RAM
CY62146DV30 CYPRESS-CY62146DV30 Datasheet
406Kb / 11P
   4-Mbit (256K x 16) Static RAM
CY62146E CYPRESS-CY62146E Datasheet
529Kb / 11P
   4-Mbit (256K x 16) Static RAM
CY62147EV18 CYPRESS-CY62147EV18 Datasheet
457Kb / 12P
   4-Mbit (256K x 16) Static RAM
CY7C1041DV33 CYPRESS-CY7C1041DV33 Datasheet
403Kb / 14P
   4-Mbit (256K x 16) Static RAM
CY62146E CYPRESS-CY62146E_09 Datasheet
336Kb / 11P
   4-Mbit (256K x 16) Static RAM
CY7C1041CV33 CYPRESS-CY7C1041CV33_08 Datasheet
432Kb / 14P
   4-Mbit (256K x 16) Static RAM
CY62147DV30 CYPRESS-CY62147DV30 Datasheet
393Kb / 12P
   4-Mbit (256K x 16) Static RAM
CY62146EV30 CYPRESS-CY62146EV30 Datasheet
527Kb / 12P
   4-Mbit (256K x 16) Static RAM
CY62147DV30 CYPRESS-CY62147DV30_06 Datasheet
369Kb / 12P
   4-Mbit (256K x 16) Static RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com