Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

P4C164-15JILF Datasheet(PDF) 9 Page - Pyramid Semiconductor Corporation

Part # P4C164-15JILF
Description  ULTRA HIGH SPEED 8K x 8 STATIC CMOS RAMS
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PYRAMID [Pyramid Semiconductor Corporation]
Direct Link  http://www.pyramidsemiconductor.com
Logo PYRAMID - Pyramid Semiconductor Corporation

P4C164-15JILF Datasheet(HTML) 9 Page - Pyramid Semiconductor Corporation

Back Button P4C164-15JILF Datasheet HTML 5Page - Pyramid Semiconductor Corporation P4C164-15JILF Datasheet HTML 6Page - Pyramid Semiconductor Corporation P4C164-15JILF Datasheet HTML 7Page - Pyramid Semiconductor Corporation P4C164-15JILF Datasheet HTML 8Page - Pyramid Semiconductor Corporation P4C164-15JILF Datasheet HTML 9Page - Pyramid Semiconductor Corporation P4C164-15JILF Datasheet HTML 10Page - Pyramid Semiconductor Corporation P4C164-15JILF Datasheet HTML 11Page - Pyramid Semiconductor Corporation P4C164-15JILF Datasheet HTML 12Page - Pyramid Semiconductor Corporation P4C164-15JILF Datasheet HTML 13Page - Pyramid Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 16 page
background image
P4C164
Page 9 of 16
Document # SRAM115 REV F
8
10
1215
202535
4570
100
Side Brazed DIP
N/A
N/A
-12CM
-15CM
-20CM
-25CM
-35CM
-45CM
-70CM
-100CM
CERDIP (300 mil)
N/A
N/A
-12DM
-15DM
-20DM
-25DM
-35DM
-45DM
-70DM
-100DM
CERDIP (600 mil)
N/A
N/A
-12DW M
-15DW M
-20DWM
-25DW M
-35DW M
-45DW M
-70DW M
-100DW M
CERPACK
N/A
N/A
-12FM
-15FM
-20FM
-25FM
-35FM
-45FM
-70FM
-100FM
28-Pin LCC
N/A
N/A
-12LM
-15LM
-20LM
-25LM
-35LM
-45LM
-70LM
-100LM
28-Pin LCC
**
N/A
N/A
-12LSM
-15LSM
-20LSM
-25LSM
-35LSM
-45LSM
-70LSM
-100LSM
32-Pin LCC
N/A
N/A
-12L32M
-15L32M
-20L32M
-25L32M
-35L32M
-45L32M
-70L32M
-100L32M
Side Brazed DIP
N/A
N/A
-12CMB
-15CMB
-20CMB
-25CMB
-35CMB
-45CMB
-70CMB
-100CMB
CERDIP (300 mil)
N/A
N/A
-12DMB
-15DMB
-20DMB
-25DMB
-35DMB
-45DMB
-70DMB
-100DMB
CERDIP (600 mil)
N/A
N/A
-12DW MB
-15DWMB
-20DW MB
-25DW MB
-35DW MB
-45DW MB
-70DWMB -100DW MB
CERPACK
N/A
N/A
-12FMB
-15FMB
-20FMB
-25FMB
-35FMB
-45FMB
-70FMB
-100FMB
28-Pin LCC
N/A
N/A
-12LMB
-15LMB
-20LMB
-25LMB
-35LMB
-45LMB
-70LMB
-100LMB
28-Pin LCC
**
N/A
N/A
-12LSMB
-15LSMB
-20LSMB
-25LSMB
-35LSMB
-45LSMB
-70LSMB
-100LSMB
32-Pin LCC
N/A
N/A
-12L32MB
-15L32MB
-20L32MB
-25L32MB
-35L32MB
-45L32MB
-70L32MB -100L32MB
Military
Processed
*
Speed (ns)
Military
Temperature
Temperature
Range
Package
SELECTION GUIDE (continued)
* Military temperature range with MIL-STD-883, Class B processing.
**SPECIALPINOUT
N/A = Not available


Similar Part No. - P4C164-15JILF

ManufacturerPart #DatasheetDescription
logo
Pyramid Semiconductor C...
P4C164L PYRAMID-P4C164L Datasheet
112Kb / 11P
   LOW POWER 8K x 8 STATIC CMOS RAM
P4C164L-100P3CLF PYRAMID-P4C164L-100P3CLF Datasheet
112Kb / 11P
   LOW POWER 8K x 8 STATIC CMOS RAM
P4C164L-100P3ILF PYRAMID-P4C164L-100P3ILF Datasheet
112Kb / 11P
   LOW POWER 8K x 8 STATIC CMOS RAM
P4C164L-100P6CLF PYRAMID-P4C164L-100P6CLF Datasheet
112Kb / 11P
   LOW POWER 8K x 8 STATIC CMOS RAM
P4C164L-100P6ILF PYRAMID-P4C164L-100P6ILF Datasheet
112Kb / 11P
   LOW POWER 8K x 8 STATIC CMOS RAM
More results

Similar Description - P4C164-15JILF

ManufacturerPart #DatasheetDescription
logo
Force Technologies Ltd
FT6264 FORCE-FT6264 Datasheet
953Kb / 17P
   ULTRA HIGH SPEED 8K x 8 STATIC CMOS RAMS
logo
Pyramid Semiconductor C...
P4C163 PYRAMID-P4C163 Datasheet
321Kb / 12P
   ULTRA HIGH SPEED 8K x 9 STATIC CMOS RAMS
logo
Force Technologies Ltd
FT6163 FORCE-FT6163 Datasheet
932Kb / 13P
   Ultra High Speed 8K x 9 Static Cmos Rams
logo
Pyramid Semiconductor C...
P4C116 PYRAMID-P4C116 Datasheet
239Kb / 14P
   ULTRA HIGH SPEED 2K x 8 STATIC CMOS RAMS
logo
List of Unclassifed Man...
P4C116 ETC-P4C116 Datasheet
76Kb / 8P
   ULTRA HIGH SPEED 2K x 8 STATIC CMOS RAMS
P4C187 ETC-P4C187 Datasheet
70Kb / 8P
   ULTRA HIGH SPEED 64K x 1 STATIC CMOS RAMS
logo
Pyramid Semiconductor C...
P4C1257 PYRAMID-P4C1257 Datasheet
957Kb / 11P
   ULTRA HIGH SPEED 256K x 1 STATIC CMOS RAMS
P4C167 PYRAMID-P4C167 Datasheet
192Kb / 10P
   ULTRA HIGH SPEED 16K X 1 STATIC CMOS RAMS
P4C198 PYRAMID-P4C198 Datasheet
231Kb / 13P
   ULTRA HIGH SPEED 16K x 4 STATIC CMOS RAMS
P4C187 PYRAMID-P4C187 Datasheet
314Kb / 12P
   ULTRA HIGH SPEED 64K x 1 STATIC CMOS RAMS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com