Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MMG3001NT1 Datasheet(PDF) 1 Page - Freescale Semiconductor, Inc

Part # MMG3001NT1
Description  Heterojunction Bipolar Transistor Technology (InGaP HBT)
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MMG3001NT1 Datasheet(HTML) 1 Page - Freescale Semiconductor, Inc

  MMG3001NT1 Datasheet HTML 1Page - Freescale Semiconductor, Inc MMG3001NT1 Datasheet HTML 2Page - Freescale Semiconductor, Inc MMG3001NT1 Datasheet HTML 3Page - Freescale Semiconductor, Inc MMG3001NT1 Datasheet HTML 4Page - Freescale Semiconductor, Inc MMG3001NT1 Datasheet HTML 5Page - Freescale Semiconductor, Inc MMG3001NT1 Datasheet HTML 6Page - Freescale Semiconductor, Inc MMG3001NT1 Datasheet HTML 7Page - Freescale Semiconductor, Inc MMG3001NT1 Datasheet HTML 8Page - Freescale Semiconductor, Inc MMG3001NT1 Datasheet HTML 9Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 15 page
background image
MMG3001NT1
1
RF Device Data
Freescale Semiconductor
MMG3001NT1
40-3600 MHz, 20 dB
18.5 dBm
InGaP HBT
Heterojunction Bipolar Transistor
Technology (InGaP HBT)
Broadband High Linearity Amplifier
The MMG3001NT1 is a General Purpose Amplifier that is internally
input and output matched. It is designed for a broad range of Class A,
small-signal, high linearity, general purpose applications. It is suitable for
applications with frequencies from 40 to 3600 MHz such as Cellular, PCS,
BWA, WLL, PHS, CATV, VHF, UHF, UMTS and general small-signal RF.
Features
• Frequency: 40-3600 MHz
• P1dB: 18.5 dBm @ 900 MHz
• Small-Signal Gain: 20 dB @ 900 MHz
• Third Order Output Intercept Point: 32 dBm @ 900 MHz
• Single Voltage Supply
• Internally Matched to 50 Ohms
• Low Cost SOT-89 Surface Mount Package
• RoHS Compliant
• In Tape and Reel. T1 Suffix = 1000 Units per 12 mm, 7 inch Reel.
CASE 1514-02, STYLE 1
SOT-89
PLASTIC
1 2
3
Table 1. Typical Performance (1)
Characteristic
Symbol
900
MHz
2140
MHz
3500
MHz
Unit
Small -Signal Gain
(S21)
Gp
20
18
16
dB
Input Return Loss
(S11)
IRL
-25
-25
-19
dB
Output Return Loss
(S22)
ORL
-22
-18
-17
dB
Power Output @1dB
Compression
P1db
18.5
18
15.5
dBm
Third Order Output
Intercept Point
IP3
32
31
28.5
dBm
1. VCC = 5.6 Vdc, TC = 25°C, 50 ohm system
Table 2. Maximum Ratings
Rating
Symbol
Value
Unit
Supply Voltage (2)
VCC
7
V
Supply Current (2)
ICC
300
mA
RF Input Power
Pin
10
dBm
Storage Temperature Range
Tstg
-65 to +150
°C
Junction Temperature (3)
TJ
150
°C
2. Voltage and current applied to device.
3. For reliable operation, the junction temperature should not
exceed 150°C.
Table 3. Thermal Characteristics (VCC = 5.6 Vdc, ICC = 58 mA, TC = 25°C)
Characteristic
Symbol
Value (4)
Unit
Thermal Resistance, Junction to Case
RθJC
92.0
°C/W
4. Refer to AN1955, Thermal Measurement Methodology of RF Power Amplifiers. Go to http://www.freescale.com/rf.
Select Documentation/Application Notes - AN1955.
Document Number: MMG3001NT1
Rev. 6, 7/2007
Freescale Semiconductor
Technical Data
© Freescale Semiconductor, Inc., 2004-2007. All rights reserved.


Similar Part No. - MMG3001NT1

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MMG3001NT1 FREESCALE-MMG3001NT1 Datasheet
300Kb / 15P
   Heterojunction Bipolar Transistor Technology (InGaP HBT)
MMG3001NT1 FREESCALE-MMG3001NT1 Datasheet
461Kb / 15P
   Heterojunction Bipolar Transistor
logo
NXP Semiconductors
MMG3001NT1 NXP-MMG3001NT1 Datasheet
388Kb / 14P
   Heterojunction Bipolar Transistor Technology (InGaP HBT)
Rev. 9, 10/2014
logo
Freescale Semiconductor...
MMG3001NT1 FREESCALE-MMG3001NT1_08 Datasheet
300Kb / 15P
   Heterojunction Bipolar Transistor Technology (InGaP HBT)
MMG3001NT1 FREESCALE-MMG3001NT1_12 Datasheet
461Kb / 15P
   Heterojunction Bipolar Transistor
More results

Similar Description - MMG3001NT1

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MMG3003NT1 FREESCALE-MMG3003NT1_08 Datasheet
410Kb / 18P
   Heterojunction Bipolar Transistor Technology (InGaP HBT)
MMG3014NT1 FREESCALE-MMG3014NT1 Datasheet
356Kb / 17P
   Heterojunction Bipolar Transistor Technology (InGaP HBT)
logo
NXP Semiconductors
MMG3006NT1 NXP-MMG3006NT1 Datasheet
478Kb / 24P
   Heterojunction Bipolar Transistor Technology (InGaP HBT)
Rev. 6, 12/2017
MMG3005NT1 NXP-MMG3005NT1 Datasheet
456Kb / 20P
   Heterojunction Bipolar Transistor Technology (InGaP HBT)
Rev. 9, 10/2014
MMG3012NT1 NXP-MMG3012NT1 Datasheet
423Kb / 14P
   Heterojunction Bipolar Transistor Technology (InGaP HBT)
Rev. 8, 9/2014
MMG3015NT1 NXP-MMG3015NT1 Datasheet
389Kb / 14P
   Heterojunction Bipolar Transistor Technology (InGaP HBT)
Rev. 4, 9/2014
MMZ25332B NXP-MMZ25332B Datasheet
640Kb / 19P
   Heterojunction Bipolar Transistor Technology (InGaP HBT)
Rev. 2, 5/2014
logo
Freescale Semiconductor...
MMG3002NT1 FREESCALE-MMG3002NT1_08 Datasheet
340Kb / 16P
   Heterojunction Bipolar Transistor Technology (InGaP HBT)
MMG3012NT1 FREESCALE-MMG3012NT1_08 Datasheet
311Kb / 15P
   Heterojunction Bipolar Transistor Technology (InGaP HBT)
MMZ25332BT1 FREESCALE-MMZ25332BT1 Datasheet
570Kb / 19P
   Heterojunction Bipolar Transistor Technology (InGaP HBT)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com