Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SOT143-02-B002-BD Datasheet(PDF) 3 Page - Welwyn Components Limited

Part # SOT143-02-B002-BD
Description  4-PIN SMT
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WELWYN [Welwyn Components Limited]
Direct Link  http://www.welwyn-tt.com/
Logo WELWYN - Welwyn Components Limited

SOT143-02-B002-BD Datasheet(HTML) 3 Page - Welwyn Components Limited

  SOT143-02-B002-BD Datasheet HTML 1Page - Welwyn Components Limited SOT143-02-B002-BD Datasheet HTML 2Page - Welwyn Components Limited SOT143-02-B002-BD Datasheet HTML 3Page - Welwyn Components Limited  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
SOT143-01-A002-FB
Style
AbsoluteTCRCode
00 = ±250ppm/°C; 01 = ±100ppm/°C
02 = ±50ppm/°C; 03 = ±25ppm/°C
SchematicCode
A, B, C, D
CircuitNumber
See Schematic/Circuit Detail Tables
AbsoluteToleranceCode
K = ±10%; J = ±5%; G = ±2%; F = ±1%
D = ±0.5%; C = ±0.25%; B = ±0.1%
RatioToleranceCode
G = ±2%; F = ±1%; D = ±0.5%
C = ±0.25%; B = ±0.1%; A = ±0.05%
Finish
Blank = pb-free
PB= SnPb
SOT143 Series Issue June 2006
IRC Advanced Film Division
© Welwyn Components Limited Bedlington, Northumberland NE22 7AA, UK
Telephone: +44 (0) 1670 822181 • Facsimile: +44 (0) 1670 829465 • Email: info@welwyn-tt.com • Website: www.welwyn-tt.com
SOT143
4-PIN SMT Package
Ordering Procedure
Environmental Data
1
0
4
3
8
-
F
R
P
-
L
I
M
o
T
t
s
e
T
l
a
t
n
e
m
n
o
ri
v
n
E
ti
m
i
L
H
c
it
s
ir
e
t
c
a
r
a
h
C
m
u
m
i
x
a
M
e
c
n
a
m
r
o
fr
e
P
l
a
c
i
p
y
T
k
c
o
h
S
la
m
r
e
h
T
%
5
.
0
±
%
1
.
0
±
%
2
0
.
0
±
g
n
i
n
o
it
i
d
n
o
C
r
e
w
o
P
%
5
.
0
±
%
1
.
0
±
%
3
0
.
0
±
d
a
o
lr
e
v
O
e
m
i
T
tr
o
h
S
%
1
.
0
±
%
1
.
0
±
%
2
0
.
0
±
e
r
u
s
o
p
x
E
e
r
u
t
a
r
e
p
m
e
T
h
g
i
H
%
2
.
0
±
%
1
.
0
±
%
5
0
.
0
±
n
o
it
a
r
e
p
O
e
r
u
t
a
r
e
p
m
e
T
w
o
L
%
1
.
0
±
%
1
.
0
±
%
3
0
.
0
±
e
c
n
a
t
si
s
e
R
e
r
u
t
s
i
o
M
%
4
.
0
±
%
1
.
0
±
%
3
0
.
0
±
e
fi
L
%
5
.
0
±
%
1
.
0
±
%
5
0
.
0
±
t
a
e
H
r
e
d
l
o
S
o
t
e
c
n
a
t
si
s
e
R
%
1
.
0
±
%
5
0
.
0
±
%
2
0
.
0
±
h
t
g
n
e
rt
S
la
n
i
m
r
e
T
%
5
2
.
0
±
%
1
.
0
±
%
2
0
.
0
±
.....................................................................................................................................................
.....................................................................................................................................................
.....................................................................................................................................................
.....................................................................................................................................................
.....................................................................................................................................................
.....................................................................................................................................................
.....................................................................................................................................................
.....................................................................................................................................................
.....................................................................................................................................................
For additional information or to discuss your specific
requirements, please contact our Applications Team


Similar Part No. - SOT143-02-B002-BD

ManufacturerPart #DatasheetDescription
logo
Willow Technologies Ltd
SOT143 WILLOW-SOT143 Datasheet
248Kb / 2P
   SMT-Precision-R-Networks
logo
Diodes Incorporated
SOT143 DIODES-SOT143 Datasheet
188Kb / 14P
   SUGGESTED PAD LAYOUT
SOT143 DIODES-SOT143 Datasheet
404Kb / 27P
   SUGGESTED PAD LAYOUT
logo
Global Mixed-mode Techn...
SOT143 GMT-SOT143 Datasheet
130Kb / 1P
   Package Outline
logo
TT Electronics.
SOT143 TTELEC-SOT143 Datasheet
547Kb / 4P
   Extremely small industry standard package
More results

Similar Description - SOT143-02-B002-BD

ManufacturerPart #DatasheetDescription
logo
CUI INC
SDS-40J-SMT CUI-SDS-40J-SMT Datasheet
286Kb / 1P
   CIRCULAR DIN RECEPTACLE, SMT, 4 PIN
logo
E&E Magnetic Products L...
835-01423F EEMAGNETIC-835-01423F Datasheet
183Kb / 4P
   PXFM,EP12, 12mH, 225mA, SMT, 4 PIN
logo
Adam Technologies, Inc.
RT4-3-SMT ADAM-TECH-RT4-3-SMT Datasheet
91Kb / 1P
   SMT TYPE PIN TO PIN
logo
Molex Electronics Ltd.
0855025009 MOLEX9-0855025009 Datasheet
150Kb / 4P
   Modular Jack, Right Angle, Low Profile, SMT,4/4, Pin-in-Hole- Reflow
logo
Harwin Plc
S70-125161545R HARWIN-S70-125161545R Datasheet
63Kb / 1P
   SMT POGO PIN CONTACT PAD
logo
Wurth Elektronik GmbH &...
6100XX21121 WURTH-6100XX21121 Datasheet
763Kb / 2P
   2.54MM DUAL SMT PIN HEADER
61000418221 WURTH-61000418221 Datasheet
350Kb / 7P
   WR-PHD SMT Pin Header
001.003
61002418221 WURTH-61002418221 Datasheet
350Kb / 7P
   WR-PHD SMT Pin Header
001.003
logo
Harwin Plc
P70-7000045 HARWIN-P70-7000045 Datasheet
52Kb / 1P
   SMT SPRING LOADED POGO PIN
logo
Wurth Elektronik GmbH &...
61001618221 WURTH-61001618221 Datasheet
350Kb / 7P
   WR-PHD SMT Pin Header
001.003
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com