Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CY7C1146V18 Datasheet(PDF) 5 Page - Cypress Semiconductor

Part # CY7C1146V18
Description  18-Mbit DDR-II SRAM 2-Word Burst Architecture (2.0 Cycle Read Latency)
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY7C1146V18 Datasheet(HTML) 5 Page - Cypress Semiconductor

  CY7C1146V18 Datasheet HTML 1Page - Cypress Semiconductor CY7C1146V18 Datasheet HTML 2Page - Cypress Semiconductor CY7C1146V18 Datasheet HTML 3Page - Cypress Semiconductor CY7C1146V18 Datasheet HTML 4Page - Cypress Semiconductor CY7C1146V18 Datasheet HTML 5Page - Cypress Semiconductor CY7C1146V18 Datasheet HTML 6Page - Cypress Semiconductor CY7C1146V18 Datasheet HTML 7Page - Cypress Semiconductor CY7C1146V18 Datasheet HTML 8Page - Cypress Semiconductor CY7C1146V18 Datasheet HTML 9Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 27 page
background image
CY7C1146V18
CY7C1157V18
CY7C1148V18
CY7C1150V18
Document Number: 001-06621 Rev. *C
Page 5 of 27
Pin Configurations (continued)
CY7C1148V18 (1M x 18)
165-Ball FBGA (13 x 15 x 1.4 mm) Pinout
234
5
6
7
1
A
B
C
D
E
F
G
H
J
K
L
M
N
P
R
A
CQ
NC
NC
NC
NC
DOFF
NC
NC/72M
A
BWS1
K
R/W
NC/144M
DQ9
NC
NC
NC
NC
TDO
NC
NC
NC
NC
NC
NC
TCK
NC
NC
A
NC/288M
K
BWS0
VSS
ANC
A
DQ10
VSS
VSS
VSS
VSS
VDD
A
VSS
VSS
VSS
VDD
DQ11
NC
VDDQ
NC
DQ14
NC
DQ16
DQ17
A
VDDQ
VSS
VDDQ
VDD
VDD
DQ13
VDDQ
VDD
VDDQ
VDD
VDDQ
VDD
VSS
VDD
VDDQ
VDDQ
VSS
VSS
VSS
VSS
A
A
NC
VSS
A
A
A
NC
VSS
NC
VSS
DQ12
NC
VREF
VSS
VDD
VSS
VSS
A
VSS
QVLD
NC
DQ15
NC
NC
NC
VDD
A
89
10
11
DQ0
A
NC/36M
LD
CQ
A
NC
NC
DQ8
VSS
NC
DQ7
NC
NC
VSS
NC
DQ6
NC
NC
NC
VREF
NC
DQ3
VDDQ
NC
VDDQ
NC
DQ5
VDDQ
VDDQ
VDDQ
NC
VDDQ
NC
DQ4
NC
VDDQ
VDDQ
NC
VSS
NC
NC
NC
TDI
TMS
VSS
A
NC
A
NC
NC
NC
ZQ
NC
DQ2
NC
DQ1
NC
NC
A
CY7C1150V18 (512K x 36)
234
5
6
7
1
A
B
C
D
E
F
G
H
J
K
L
M
N
P
R
A
CQ
NC
NC
NC
NC
DOFF
NC
NC/144M NC/36M
BWS2
K
R/W
BWS1
DQ27
DQ18
NC
NC
NC
TDO
NC
NC
DQ31
NC
NC
NC
TCK
NC
DQ28
A
BWS3
K
BWS0
VSS
ANC
A
DQ19
VSS
VSS
VSS
VSS
VDD
A
VSS
VSS
VSS
VDD
DQ20
DQ21
VDDQ
DQ32
DQ23
DQ34
DQ25
DQ26
A
VDDQ
VSS
VDDQ
VDD
VDD
DQ22
VDDQ
VDD
VDDQ
VDD
VDDQ
VDD
VSS
VDD
VDDQ
VDDQ
VSS
VSS
VSS
VSS
A
A
NC
VSS
A
A
A
DQ29
VSS
NC
VSS
DQ30
NC
VREF
VSS
VDD
VSS
VSS
A
VSS
QVLD
NC
DQ33
NC
DQ35
DQ24
VDD
A
89
10
11
DQ0
A
NC/72M
LD
CQ
A
NC
NC
DQ8
VSS
NC
DQ17
DQ7
NC
VSS
NC
DQ6
DQ14
NC
NC
VREF
NC
DQ3
VDDQ
NC
VDDQ
NC
DQ5
VDDQ
VDDQ
VDDQ
DQ4
VDDQ
NC
DQ13
NC
VDDQ
VDDQ
NC
VSS
NC
DQ1
NC
TDI
TMS
VSS
A
NC
A
DQ16
DQ15
NC
ZQ
DQ12
DQ2
DQ10
DQ11
DQ9
NC
A


Similar Part No. - CY7C1146V18

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C11461KV18 CYPRESS-CY7C11461KV18 Datasheet
854Kb / 29P
   18-Mbit DDR II SRAM 2-Word Burst Architecture (2.0 Cycle Read Latency)
CY7C1146KV18 CYPRESS-CY7C1146KV18 Datasheet
885Kb / 29P
   18-Mbit DDR II SRAM Two-Word Burst Architecture (2.5 Cycle Read Latency)
More results

Similar Description - CY7C1146V18

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C11461KV18 CYPRESS-CY7C11461KV18 Datasheet
854Kb / 29P
   18-Mbit DDR II SRAM 2-Word Burst Architecture (2.0 Cycle Read Latency)
CY7C1546KV18 CYPRESS-CY7C1546KV18 Datasheet
959Kb / 31P
   72-Mbit DDR II SRAM 2-Word Burst Architecture (2.0 Cycle Read Latency)
CY7C1246V18 CYPRESS-CY7C1246V18 Datasheet
1Mb / 27P
   36-Mbit DDR-II SRAM 2-Word Burst Architecture (2.0 Cycle Read Latency)
logo
Renesas Technology Corp
RMQCHA3636DGBA RENESAS-RMQCHA3636DGBA_15 Datasheet
846Kb / 30P
   36-Mbit DDR??II SRAM 2-word Burst Architecture (2.0 Cycle Read latency)
logo
Cypress Semiconductor
CY7C1546V18 CYPRESS-CY7C1546V18 Datasheet
1Mb / 27P
   72-Mbit DDR-II SRAM 2-Word Burst Architecture (2.0 Cycle Read Latency)
CY7C1246KV18 CYPRESS-CY7C1246KV18 Datasheet
913Kb / 28P
   36-Mbit DDR II SRAM 2-Word Burst Architecture (2.0 Cycle Read Latency)
CY7C12461KV18 CYPRESS-CY7C12461KV18 Datasheet
895Kb / 29P
   36-Mbit DDR II SRAM 2-Word Burst Architecture (2.0 Cycle Read Latency)
CY7C1266KV18 CYPRESS-CY7C1266KV18 Datasheet
919Kb / 28P
   36-Mbit DDR II SRAM 2-Word Burst Architecture (2.0 Cycle Read Latency)
CY7C1166V18 CYPRESS-CY7C1166V18 Datasheet
1Mb / 27P
   18-Mbit DDR-II SRAM 2-Word Burst Architecture (2.5 Cycle Read Latency)
logo
Renesas Technology Corp
RMQCLA3636DGBA RENESAS-RMQCLA3636DGBA Datasheet
885Kb / 30P
   36-Mbit DDR™ II SRAM 2-word Burst Architecture (2.0 Cycle Read latency)
Dec. 01, 2014
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com