Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

P4C422-10FC Datasheet(PDF) 4 Page - Pyramid Semiconductor Corporation

Part # P4C422-10FC
Description  HIGH SPEED 256 x 4 STATIC CMOS RAM
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PYRAMID [Pyramid Semiconductor Corporation]
Direct Link  http://www.pyramidsemiconductor.com
Logo PYRAMID - Pyramid Semiconductor Corporation

P4C422-10FC Datasheet(HTML) 4 Page - Pyramid Semiconductor Corporation

  P4C422-10FC Datasheet HTML 1Page - Pyramid Semiconductor Corporation P4C422-10FC Datasheet HTML 2Page - Pyramid Semiconductor Corporation P4C422-10FC Datasheet HTML 3Page - Pyramid Semiconductor Corporation P4C422-10FC Datasheet HTML 4Page - Pyramid Semiconductor Corporation P4C422-10FC Datasheet HTML 5Page - Pyramid Semiconductor Corporation P4C422-10FC Datasheet HTML 6Page - Pyramid Semiconductor Corporation P4C422-10FC Datasheet HTML 7Page - Pyramid Semiconductor Corporation P4C422-10FC Datasheet HTML 8Page - Pyramid Semiconductor Corporation P4C422-10FC Datasheet HTML 9Page - Pyramid Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
P4C422
Page 4 of 10
Document # SRAM101 REV. A
Max
AC CHARACTERISTICS—WRITE CYCLE
(V
CC = 5V ± 10% except as noted, All Temperature Ranges)
(2)
TIMING WAVEFORM OF WRITE CYCLE
Parameter
Write Cycle Time (5)
Write Enable to High-Z (6)
Write Recovery Time
Write Pulse Width (5,7)
Data Setup Time Prior to Write (5)
Data Hold Time (5)
Address Setup Time (5,7)
Address Hold Time (5)
Chip Select Setup Time (5)
Chip Select Hold Time (5)
Sym.
t
WC
t
ZWS
t
WR
t
W
t
WSD
t
WHD
t
WSA
t
WHA
t
WSCS
t
WHCS
-10*
-12
-15
-20
-25
-35
Unit
Min Max Min Max Min Max Min
Min Max Min Max
10
8
0
2
8
8
12
9
0
10
10
15
11
0
2
12
12
20
13
2
15
15
25
15
5
20
20
35
20
5
30
25
ns
ns
ns
ns
ns
*V
CC = 5V ± 5%
22
5
55
ns
00
0
2
5
5
ns
22
4
5
5
5
ns
0
00
2
5
5
ns
22
5
5
5
ns


Similar Part No. - P4C422-10FC

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
P4C422 ETC1-P4C422 Datasheet
65Kb / 6P
   ULTRA HIGH SPEED 256 X 4 STATIC CMOS RAM
More results

Similar Description - P4C422-10FC

ManufacturerPart #DatasheetDescription
logo
Pyramid Semiconductor C...
P4C423 PYRAMID-P4C423 Datasheet
172Kb / 8P
   HIGH SPEED 256 x 4 STATIC CMOS RAM
P93U422 PYRAMID-P93U422 Datasheet
217Kb / 10P
   HIGH SPEED 256 x 4 STATIC CMOS RAM
logo
List of Unclassifed Man...
P4C422 ETC1-P4C422 Datasheet
65Kb / 6P
   ULTRA HIGH SPEED 256 X 4 STATIC CMOS RAM
PDM31564 ETC1-PDM31564 Datasheet
286Kb / 9P
   256 X 16 CMOS 3.3V STATIC RAM
logo
Pyramid Semiconductor C...
P4C1299 PYRAMID-P4C1299 Datasheet
904Kb / 11P
   ULTRA HIGH SPEED 64K x 4 STATIC CMOS RAM
P4C1258 PYRAMID-P4C1258 Datasheet
174Kb / 9P
   ULTRA HIGH SPEED 64K x 4 STATIC CMOS RAM
P4C1298 PYRAMID-P4C1298 Datasheet
124Kb / 11P
   ULTRA HIGH SPEED 64K x 4 STATIC CMOS RAM
P4C1026 PYRAMID-P4C1026 Datasheet
290Kb / 10P
   ULTRA HIGH SPEED 256K x 4 STATIC CMOS RAM
logo
Harris Corporation
HM-6501 HARRIS-HM-6501 Datasheet
275Kb / 6P
   256 x 4 CMOS RAM
logo
Intersil Corporation
HM-6551 INTERSIL-HM-6551 Datasheet
116Kb / 9P
   256 x 4 CMOS RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com