Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IDT82V2051E Datasheet(PDF) 5 Page - Integrated Device Technology

Part # IDT82V2051E
Description  SINGLE CHANNEL E1 SHORT HAUL LINE INTERFACE UNIT
Download  61 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

IDT82V2051E Datasheet(HTML) 5 Page - Integrated Device Technology

  IDT82V2051E Datasheet HTML 1Page - Integrated Device Technology IDT82V2051E Datasheet HTML 2Page - Integrated Device Technology IDT82V2051E Datasheet HTML 3Page - Integrated Device Technology IDT82V2051E Datasheet HTML 4Page - Integrated Device Technology IDT82V2051E Datasheet HTML 5Page - Integrated Device Technology IDT82V2051E Datasheet HTML 6Page - Integrated Device Technology IDT82V2051E Datasheet HTML 7Page - Integrated Device Technology IDT82V2051E Datasheet HTML 8Page - Integrated Device Technology IDT82V2051E Datasheet HTML 9Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 61 page
background image
List of Tables
5
December 9, 2005
Table-1
Pin Description ................................................................................................................ 9
Table-2
Transmit Waveform Value For E1 75 ohm.................................................................... 16
Table-3
Transmit Waveform Value For E1 120 ohm.................................................................. 16
Table-4
Impedance Matching for Transmitter ............................................................................ 17
Table-5
Impedance Matching for Receiver ................................................................................ 18
Table-6
Criteria of Starting Speed Adjustment........................................................................... 22
Table-7
LOS Declare and Clear Criteria, Adaptive Equalizer Disabled ..................................... 22
Table-8
LOS Declare and Clear Criteria, Adaptive Equalizer Enabled ...................................... 23
Table-9
AIS Condition ................................................................................................................ 23
Table-10
Criteria for Setting/Clearing the PRBS_S Bit ................................................................ 24
Table-11
EXZ Definition ............................................................................................................... 27
Table-12
Interrupt Event............................................................................................................... 31
Table-13
Register List and Map ................................................................................................... 32
Table-14
ID: Device Revision Register ........................................................................................ 33
Table-15
RST: Reset Register ..................................................................................................... 33
Table-16
GCF: Global Configuration Register ............................................................................. 33
Table-17
TERM: Transmit and Receive Termination Configuration Register .............................. 33
Table-18
JACF: Jitter Attenuation Configuration Register ........................................................... 34
Table-19
TCF0: Transmitter Configuration Register 0 ................................................................. 35
Table-20
TCF1: Transmitter Configuration Register 1 ................................................................. 35
Table-21
TCF2: Transmitter Configuration Register 2 ................................................................. 35
Table-22
TCF3: Transmitter Configuration Register 3 ................................................................. 36
Table-23
TCF4: Transmitter Configuration Register 4 ................................................................. 36
Table-24
RCF0: Receiver Configuration Register 0..................................................................... 37
Table-25
RCF1: Receiver Configuration Register 1..................................................................... 37
Table-26
RCF2: Receiver Configuration Register 2..................................................................... 38
Table-27
MAINT0: Maintenance Function Control Register 0...................................................... 39
Table-28
MAINT1: Maintenance Function Control Register 1...................................................... 39
Table-29
MAINT6: Maintenance Function Control Register 6...................................................... 39
Table-30
INTM0: Interrupt Mask Register 0 ................................................................................. 41
Table-31
INTM1: Interrupt Masked Register 1 ............................................................................. 41
Table-32
INTES: Interrupt Trigger Edge Select Register ............................................................. 42
Table-33
STAT0: Line Status Register 0 (real time status monitor)............................................. 43
Table-34
STAT1: Line Status Register 1 (real time status monitor)............................................. 44
Table-35
INTS0: Interrupt Status Register 0 ................................................................................ 45
Table-36
INTS1: Interrupt Status Register 1 ................................................................................ 45
Table-37
CNT0: Error Counter L-byte Register 0......................................................................... 46
Table-38
CNT1: Error Counter H-byte Register 1 ........................................................................ 46
Table-39
Hardware Control Pin Summary ................................................................................... 47
Table-40
Absolute Maximum Rating ............................................................................................ 49
Table-41
Recommended Operation Conditions ........................................................................... 49
List of Tables


Similar Part No. - IDT82V2051E

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
IDT82V2051E RENESAS-IDT82V2051E Datasheet
865Kb / 62P
   SINGLE CHANNEL E1 SHORT HAUL LINE INTERFACE UNIT
December 9, 2005
More results

Similar Description - IDT82V2051E

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
IDT82V2051E RENESAS-IDT82V2051E Datasheet
865Kb / 62P
   SINGLE CHANNEL E1 SHORT HAUL LINE INTERFACE UNIT
December 9, 2005
logo
Exar Corporation
XRT83VSH28 EXAR-XRT83VSH28 Datasheet
1Mb / 74P
   8-CHANNEL E1 SHORT-HAUL LINE INTERFACE UNIT
logo
Integrated Device Techn...
IDT82P20516 IDT-IDT82P20516 Datasheet
1Mb / 115P
   16-Channel Short Haul E1 Line Interface Unit
logo
Exar Corporation
XRT83SL216 EXAR-XRT83SL216_06 Datasheet
871Kb / 42P
   16-CHANNEL E1 SHORT-HAUL LINE INTERFACE UNIT
logo
Integrated Device Techn...
IDT82V2052E IDT-IDT82V2052E Datasheet
1Mb / 70P
   DUAL CHANNEL E1 SHORT HAUL LINE INTERFACE UNIT
logo
Renesas Technology Corp
IDT82V2052E RENESAS-IDT82V2052E Datasheet
887Kb / 71P
   DUAL CHANNEL E1 SHORT HAUL LINE INTERFACE UNIT
December 12, 2005
IDT82P20516 RENESAS-IDT82P20516 Datasheet
1Mb / 116P
   16-Channel Short Haul E1 Line Interface Unit
December 17, 2009
logo
Exar Corporation
XRT83SL28 EXAR-XRT83SL28 Datasheet
917Kb / 47P
   8-CHANNEL E1 SHORT-HAUL LINE INTERFACE UNIT
XRT83SL216 EXAR-XRT83SL216 Datasheet
940Kb / 41P
   16-CHANNEL E1 SHORT-HAUL LINE INTERFACE UNIT
logo
Integrated Device Techn...
IDT82V2054 IDT-IDT82V2054 Datasheet
1Mb / 56P
   QUAD E1 SHORT HAUL LINE INTERFACE UNIT
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com