Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

P4C422-35FC Datasheet(PDF) 6 Page - Pyramid Semiconductor Corporation

Part # P4C422-35FC
Description  HIGH SPEED 256 x 4 STATIC CMOS RAM
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PYRAMID [Pyramid Semiconductor Corporation]
Direct Link  http://www.pyramidsemiconductor.com
Logo PYRAMID - Pyramid Semiconductor Corporation

P4C422-35FC Datasheet(HTML) 6 Page - Pyramid Semiconductor Corporation

Back Button P4C422-35FC Datasheet HTML 2Page - Pyramid Semiconductor Corporation P4C422-35FC Datasheet HTML 3Page - Pyramid Semiconductor Corporation P4C422-35FC Datasheet HTML 4Page - Pyramid Semiconductor Corporation P4C422-35FC Datasheet HTML 5Page - Pyramid Semiconductor Corporation P4C422-35FC Datasheet HTML 6Page - Pyramid Semiconductor Corporation P4C422-35FC Datasheet HTML 7Page - Pyramid Semiconductor Corporation P4C422-35FC Datasheet HTML 8Page - Pyramid Semiconductor Corporation P4C422-35FC Datasheet HTML 9Page - Pyramid Semiconductor Corporation P4C422-35FC Datasheet HTML 10Page - Pyramid Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
P4C422
Page 6 of 10
Document # SRAM101 REV. A
*Military temperature range with MIL-STD-883, Class B compliance.
N/A = Not Available
SELECTION GUIDE
The P4C422 is available in the following temperature range, speed, and package options.
ORDERING INFORMATION
10
12
15
20
25
35
Plastic DIP
-10PC
-12PC
-15PC
-20PC
-25PC
-35PC
SOIC
-10SC
-12SC
-15SC
-20SC
-25SC
-35SC
Side Brazed DIP
N/A
N/A
-15CM
-20CM
-25CM
-35CM
CERDIP
N/A
N/A
-15DM
-20DM
-25DM
-35DM
LCC
N/A
N/A
-15LM
-20LM
-25LM
-35LM
CERPACK
N/A
N/A
-15FM
-20FM
-25FM
-35FM
Side Brazed DIP
N/A
N/A
-15CMB
-20CMB
-25CMB
-35CMB
CERDIP
N/A
N/A
-15DMB
-20DMB
-25DMB
-35DMB
LCC
N/A
N/A
-15LMB
-20LMB
-25LMB
-35LMB
CERPACK
N/A
N/A
-15FMB
-20FMB
-25FMB
-35FMB
Military
Temperature
Military
Processed*
Speed (ns)
Temperature
Range
Package
Commercial
Temperature


Similar Part No. - P4C422-35FC

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
P4C422 ETC1-P4C422 Datasheet
65Kb / 6P
   ULTRA HIGH SPEED 256 X 4 STATIC CMOS RAM
More results

Similar Description - P4C422-35FC

ManufacturerPart #DatasheetDescription
logo
Pyramid Semiconductor C...
P4C423 PYRAMID-P4C423 Datasheet
172Kb / 8P
   HIGH SPEED 256 x 4 STATIC CMOS RAM
P93U422 PYRAMID-P93U422 Datasheet
217Kb / 10P
   HIGH SPEED 256 x 4 STATIC CMOS RAM
logo
List of Unclassifed Man...
P4C422 ETC1-P4C422 Datasheet
65Kb / 6P
   ULTRA HIGH SPEED 256 X 4 STATIC CMOS RAM
PDM31564 ETC1-PDM31564 Datasheet
286Kb / 9P
   256 X 16 CMOS 3.3V STATIC RAM
logo
Pyramid Semiconductor C...
P4C1299 PYRAMID-P4C1299 Datasheet
904Kb / 11P
   ULTRA HIGH SPEED 64K x 4 STATIC CMOS RAM
P4C1258 PYRAMID-P4C1258 Datasheet
174Kb / 9P
   ULTRA HIGH SPEED 64K x 4 STATIC CMOS RAM
P4C1298 PYRAMID-P4C1298 Datasheet
124Kb / 11P
   ULTRA HIGH SPEED 64K x 4 STATIC CMOS RAM
P4C1026 PYRAMID-P4C1026 Datasheet
290Kb / 10P
   ULTRA HIGH SPEED 256K x 4 STATIC CMOS RAM
logo
Harris Corporation
HM-6501 HARRIS-HM-6501 Datasheet
275Kb / 6P
   256 x 4 CMOS RAM
logo
Intersil Corporation
HM-6551 INTERSIL-HM-6551 Datasheet
116Kb / 9P
   256 x 4 CMOS RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com