Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

P4C188-20LC Datasheet(PDF) 1 Page - Pyramid Semiconductor Corporation

Part # P4C188-20LC
Description  ULTRA HIGH SPEED 16K x 4 STATIC CMOS RAMS
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PYRAMID [Pyramid Semiconductor Corporation]
Direct Link  http://www.pyramidsemiconductor.com
Logo PYRAMID - Pyramid Semiconductor Corporation

P4C188-20LC Datasheet(HTML) 1 Page - Pyramid Semiconductor Corporation

  P4C188-20LC Datasheet HTML 1Page - Pyramid Semiconductor Corporation P4C188-20LC Datasheet HTML 2Page - Pyramid Semiconductor Corporation P4C188-20LC Datasheet HTML 3Page - Pyramid Semiconductor Corporation P4C188-20LC Datasheet HTML 4Page - Pyramid Semiconductor Corporation P4C188-20LC Datasheet HTML 5Page - Pyramid Semiconductor Corporation P4C188-20LC Datasheet HTML 6Page - Pyramid Semiconductor Corporation P4C188-20LC Datasheet HTML 7Page - Pyramid Semiconductor Corporation P4C188-20LC Datasheet HTML 8Page - Pyramid Semiconductor Corporation P4C188-20LC Datasheet HTML 9Page - Pyramid Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
1
Document # SRAM112 REV A
Revised October 2005
DESCRIPTION
The P4C188 and P4C188L are 65,536-bit ultra high speed
static RAMs organized as 16K x 4. The CMOS memories
require no clocks or refreshing and have equal access and
cycle times. Inputs and outputs are fully TTL-compatible.
The RAMs operate from a single 5V±10% tolerance power
supply. With battery backup, data integrity is maintained for
supply voltages down to 2.0V. Current drain is typically 10
µA from a 2.0V supply.
Single 5V±10% Power Supply
Data Retention with 2.0V Supply
(P4C188L Military)
Three-State Outputs
TTL/CMOS Compatible Outputs
Fully TTL Compatible Inputs
Standard Pinout (JEDEC Approved)
– 22-Pin 300 mil DIP
– 24-Pin 300 mil SOJ
– 22-Pin 290 x 490 mil LCC
FEATURES
Full CMOS, 6T Cell
High Speed (Equal Access and Cycle Times)
– 10/12/15/20/25 ns (Commercial)
– 12/15/20/25/35 (Industrial)
– 15/20/25/35/45 ns (Military)
Low Power (Commercial/Military)
– 715 mW Active – 12/15
– 550/660 mW Active – 20/25/35/45
– 193/220 mW Standby (TTL Input)
– 83/110 mW Standby (CMOS Input) P4C188
– 15 mW Standby (CMOS Input)
(P4C188L Military)
FUNCTIONAL BLOCK DIAGRAM
PIN CONFIGURATIONS
P4C188/P4C188L
ULTRA HIGH SPEED 16K x 4
STATIC CMOS RAMS
DIP (P3, D3, C3)
LCC (L3)
For SOJ pin configuration, please see end of datasheet.
Access times as fast as 10 nanoseconds are available,
permitting greatly enhanced system speeds. CMOS is
utilized to reduce power consumption to a low 715mW
active, 193mW standby and only 5mW in the P4C188L
version.
The P4C188 and P4C188L are available in 22-pin 300 mil
DIP, 24-pin 300 mil SOJ and 22-pin LCC packages provid-
ing excellent board level densities.


Similar Part No. - P4C188-20LC

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
P4C188 ETC-P4C188 Datasheet
74Kb / 8P
   ULTRA HIGH SPEED 16K x 4 STATIC
More results

Similar Description - P4C188-20LC

ManufacturerPart #DatasheetDescription
logo
Pyramid Semiconductor C...
P4C198 PYRAMID-P4C198 Datasheet
231Kb / 13P
   ULTRA HIGH SPEED 16K x 4 STATIC CMOS RAMS
P4C1981 PYRAMID-P4C1981 Datasheet
337Kb / 13P
   ULTRA HIGH SPEED 16K x 4 CMOS STATIC RAMS
logo
List of Unclassifed Man...
P4C1981 ETC1-P4C1981 Datasheet
94Kb / 10P
   ULTRA HIGH SPEED 16K x 4 CMOS STATIC RAMS
logo
Pyramid Semiconductor C...
P4C167 PYRAMID-P4C167 Datasheet
192Kb / 10P
   ULTRA HIGH SPEED 16K X 1 STATIC CMOS RAMS
P4C148 PYRAMID-P4C148 Datasheet
281Kb / 10P
   ULTRA HIGH SPEED 1K x 4 STATIC CMOS RAMS
P4C1281 PYRAMID-P4C1281 Datasheet
895Kb / 11P
   ULTRA HIGH SPEED 64K X 4 cmos STATIC RAMS
P4C1681 PYRAMID-P4C1681 Datasheet
194Kb / 10P
   ULTRA HIGH SPEED 4K x 4 STATIC CMOS RAMS
logo
List of Unclassifed Man...
P4C168 ETC1-P4C168 Datasheet
75Kb / 8P
   ULTRA HIGH SPEED 4K x 4 STATIC CMOS RAMS
logo
Pyramid Semiconductor C...
P4C168 PYRAMID-P4C168 Datasheet
234Kb / 15P
   ULTRA HIGH SPEED 4K x 4 STATIC CMOS RAMS
logo
List of Unclassifed Man...
P4C1681 ETC-P4C1681 Datasheet
59Kb / 6P
   ULTRA HIGH SPEED 4K x 4 STATIC CMOS RAMS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com