Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

P4C174-20PM Datasheet(PDF) 5 Page - Pyramid Semiconductor Corporation

Part # P4C174-20PM
Description  HIGH SPEED 8K x 8 CACHE TAG STATIC RAM
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PYRAMID [Pyramid Semiconductor Corporation]
Direct Link  http://www.pyramidsemiconductor.com
Logo PYRAMID - Pyramid Semiconductor Corporation

P4C174-20PM Datasheet(HTML) 5 Page - Pyramid Semiconductor Corporation

  P4C174-20PM Datasheet HTML 1Page - Pyramid Semiconductor Corporation P4C174-20PM Datasheet HTML 2Page - Pyramid Semiconductor Corporation P4C174-20PM Datasheet HTML 3Page - Pyramid Semiconductor Corporation P4C174-20PM Datasheet HTML 4Page - Pyramid Semiconductor Corporation P4C174-20PM Datasheet HTML 5Page - Pyramid Semiconductor Corporation P4C174-20PM Datasheet HTML 6Page - Pyramid Semiconductor Corporation P4C174-20PM Datasheet HTML 7Page - Pyramid Semiconductor Corporation P4C174-20PM Datasheet HTML 8Page - Pyramid Semiconductor Corporation P4C174-20PM Datasheet HTML 9Page - Pyramid Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
P4C174
Page 5 of 12
Document # SRAM118 REV C
Notes:
1. Transition is measured ±200 mV from steady state voltage with
Output
Load B. This parameter is sampled, not 100% tested.
2. CE is LOW, OE is LOW, WE is HIGH for READ cycle. CE or WE must
be HIGH during address transitions.
3. All address lines are valid no later than the transition of CE to LOW.
4. READ cycle time is measured from the last valid address to the first
transitioning address.
5. Powerup occurs as a result of any of the following conditions:
a) Falling edge of CE.
b) Falling edge of WE (CE active).
c) Any address line transition (CE active).
d) Any Data line transition (CE and WE active).
This device automatically powers down after T
PUPD has elapsed from
any of the prior conditions. Power dissipation is therefore a function
of cycle rate, not CE pulse width.
6. CE is LOW, WE is LOW for WRITE cycle. CE or WE must be HIGH
during address transitions.
7. WRITE cycle time is measured from the last valid address to the first
transitioning address.
8. OE is LOW for this WRITE cycle to show T
WZ and TOW.
READ CYCLE NO. 2 (ADDRESS CONTROLLED)(2)
READ CYCLE NO. 3 (CE
CE
CE
CE
CE CONTROLLED)(2, 3)


Similar Part No. - P4C174-20PM

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
P4C170 ETC1-P4C170 Datasheet
75Kb / 8P
   ULTRA HIGH SPEED 4K x 4 STATIC CMOS RAMS
logo
Pyramid Semiconductor C...
P4C170 PYRAMID-P4C170 Datasheet
234Kb / 15P
   ULTRA HIGH SPEED 4K x 4 STATIC CMOS RAMS
P4C170-12CC PYRAMID-P4C170-12CC Datasheet
234Kb / 15P
   ULTRA HIGH SPEED 4K x 4 STATIC CMOS RAMS
P4C170-12CM PYRAMID-P4C170-12CM Datasheet
234Kb / 15P
   ULTRA HIGH SPEED 4K x 4 STATIC CMOS RAMS
P4C170-12DC PYRAMID-P4C170-12DC Datasheet
234Kb / 15P
   ULTRA HIGH SPEED 4K x 4 STATIC CMOS RAMS
More results

Similar Description - P4C174-20PM

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT71B74 IDT-IDT71B74 Datasheet
105Kb / 9P
   BiCMOS STATIC RAM 64K (8K x 8-BIT) CACHE-TAG RAM
logo
Integrated Silicon Solu...
IS61C64AL_0610 ISSI-IS61C64AL_0610 Datasheet
104Kb / 13P
   8K x 8 HIGH-SPEED CMOS STATIC RAM
IS61C64B ISSI-IS61C64B Datasheet
44Kb / 9P
   8K x 8 HIGH-SPEED CMOS STATIC RAM
IS61C64AL ISSI-IS61C64AL Datasheet
96Kb / 13P
   8K x 8 HIGH-SPEED CMOS STATIC RAM
logo
Winbond
W2465A WINBOND-W2465A Datasheet
207Kb / 9P
   8K X 8 High Speed CMOS Static RAM
logo
Integrated Circuit Solu...
IS61C64AH ICSI-IS61C64AH Datasheet
433Kb / 8P
   8K x 8 HIGH-SPEED CMOS STATIC RAM
logo
Integrated Device Techn...
IDT7005S IDT-IDT7005S_16 Datasheet
733Kb / 21P
   HIGH-SPEED 8K x 8 DUAL-PORT STATIC RAM
IDT7005S IDT-IDT7005S Datasheet
265Kb / 20P
   HIGH-SPEED 8K x 8 DUAL-PORT STATIC RAM
logo
Cypress Semiconductor
CY7C185 CYPRESS-CY7C185 Datasheet
197Kb / 11P
   8K x 8 Static RAM
CY6264 CYPRESS-CY6264_06 Datasheet
271Kb / 9P
   8K x 8 Static RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com