Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IDT7015S15PF Datasheet(PDF) 2 Page - Integrated Device Technology

Part # IDT7015S15PF
Description  HIGH-SPEED 8K x 9 DUAL-PORT STATIC RAM
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

IDT7015S15PF Datasheet(HTML) 2 Page - Integrated Device Technology

  IDT7015S15PF Datasheet HTML 1Page - Integrated Device Technology IDT7015S15PF Datasheet HTML 2Page - Integrated Device Technology IDT7015S15PF Datasheet HTML 3Page - Integrated Device Technology IDT7015S15PF Datasheet HTML 4Page - Integrated Device Technology IDT7015S15PF Datasheet HTML 5Page - Integrated Device Technology IDT7015S15PF Datasheet HTML 6Page - Integrated Device Technology IDT7015S15PF Datasheet HTML 7Page - Integrated Device Technology IDT7015S15PF Datasheet HTML 8Page - Integrated Device Technology IDT7015S15PF Datasheet HTML 9Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 20 page
background image
6.42
IDT7015S/L
High-Speed 8K x 9 Dual-Port Static RAM
Military, Industrial and Commercial Temperature Ranges
2
APRIL 04, 2006
2954 drw 02
12
13
14
15
16
17
18
INDEX
19
20
21
22
9
8
76
5
4
32
1 68 67 66 65
27 28 29 30 31 32 33 34 35 36 37 38 39
VCC
I/O1R
I/O2R
I/O3R
I/O4R
INTL
GND
A4L
A3L
A2L
A1L
A0L
A3R
A0R
A1R
A2R
I/O2L
A5L
11
10
M/
S
23
24
25
26
40 41 42 43
58
57
56
55
54
53
52
51
50
49
48
59
60
47
46
45
44
64 63 62 61
I/O3L
GND
I/O0R
VCC
A4R
BUSYL
GND
BUSYR
INTR
IDT7015J
J68-1(4)
68 Pin PLCC
Top View(5)
I/O4L
I/O5L
I/O6L
I/O7L
I/O5R
I/O6R
,
11/16/01
Description:
The IDT7015 is a high-speed 8K x 9 Dual-Port Static RAM. The
IDT7015 is designed to be used as a stand-alone Dual-Port RAM or as
a combination MASTER/SLAVE Dual-Port RAM for 18-bit-or-more word
systems.UsingtheIDTMASTER/SLAVEDual-PortRAMapproachin18-
bit or wider memory system applications results in full-speed, error-free
operation without the need for additional discrete logic.
This device provides two independent ports with separate control,
address, and I/O pins that permit independent, asynchronous access for
reads or writes to any location in memory. An automatic power down
Pin Configurations(1,2,3)
NOTES:
1. All VCC pins must be connected to power supply.
2. All GND pins must be connected to ground supply.
3. Package body is approximately .95 in x .95 in x .17 in.
4. This package code is used to reference the package diagram.
5. This text does not imply orientation of Part-marking.
feature controlled by
CEpermitstheon-chipcircuitryofeachporttoenter
a very low standby power mode.
Fabricated using IDT’s CMOS high-performance technology, these
devices typically operate on only 750mW of power.
The IDT7015 is packaged in a ceramic 68-pin PGA, a 64-pin PLCC
and an 80-pinTQFP (Thin Quad Flatpack). Military grade product is
manufactured in compliance with the latest revision of MIL-PRF-
38535 QML, making it ideally suited to military temperature applications
demanding the highest level of performance and reliability.
Pin Names
Left Port
Right Port
Names
CEL
CER
Chip Enable
R/
WL
R/
WR
Read/Write Enable
OEL
OER
Output Enable
A0L - A12L
A0R - A12R
Address
I/O0L - I/O8L
I/O0R - I/O8R
Data Input/Output
SEML
SEMR
Semaphore Enable
INTL
INTR
Interrupt Flag
BUSYL
BUSYR
Busy Flag
M/
S
Master or Slave Select
VCC
Power
GND
Ground
2954 tbl 01


Similar Part No. - IDT7015S15PF

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT7015S15PF IDT-IDT7015S15PF Datasheet
263Kb / 20P
   HIGH-SPEED 8K x 9 DUAL-PORT STATIC RAM
IDT7015S15PFB IDT-IDT7015S15PFB Datasheet
263Kb / 20P
   HIGH-SPEED 8K x 9 DUAL-PORT STATIC RAM
More results

Similar Description - IDT7015S15PF

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT7015S IDT-IDT7015S Datasheet
263Kb / 20P
   HIGH-SPEED 8K x 9 DUAL-PORT STATIC RAM
IDT7015S IDT-IDT7015S_16 Datasheet
190Kb / 21P
   HIGH-SPEED 8K x 9 DUAL-PORT STATIC RAM
IDT7015S IDT-IDT7015S_17 Datasheet
190Kb / 21P
   HIGH-SPEED 8K x 9 DUAL-PORT STATIC RAM
IDT70V16 IDT-IDT70V16 Datasheet
168Kb / 18P
   HIGH-SPEED 3.3V 16/8K X 9 DUAL-PORT STATIC RAM
IDT70T16 IDT-IDT70T16 Datasheet
158Kb / 18P
   HIGH-SPEED 2.5V 16/8K X 9 DUAL-PORT STATIC RAM
IDT7035S IDT-IDT7035S_15 Datasheet
672Kb / 19P
   HIGH-SPEED 8K x 18 DUAL-PORT STATIC RAM
IDT7025L15PFG IDT-IDT7025L15PFG Datasheet
192Kb / 22P
   HIGH-SPEED 8K x 16 DUAL-PORT STATIC RAM
IDT7025S IDT-IDT7025S Datasheet
294Kb / 20P
   HIGH-SPEED 8K x 16 DUAL-PORT STATIC RAM
IDT7005S IDT-IDT7005S_16 Datasheet
733Kb / 21P
   HIGH-SPEED 8K x 8 DUAL-PORT STATIC RAM
IDT7005S IDT-IDT7005S Datasheet
265Kb / 20P
   HIGH-SPEED 8K x 8 DUAL-PORT STATIC RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com