Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

P4C1023L-55CJI Datasheet(PDF) 8 Page - Pyramid Semiconductor Corporation

Part # P4C1023L-55CJI
Description  LOW POWER 128K x 8 SINGLE CHIP ENABLE CMOS STATIC RAM
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PYRAMID [Pyramid Semiconductor Corporation]
Direct Link  http://www.pyramidsemiconductor.com
Logo PYRAMID - Pyramid Semiconductor Corporation

P4C1023L-55CJI Datasheet(HTML) 8 Page - Pyramid Semiconductor Corporation

Back Button P4C1023L-55CJI Datasheet HTML 3Page - Pyramid Semiconductor Corporation P4C1023L-55CJI Datasheet HTML 4Page - Pyramid Semiconductor Corporation P4C1023L-55CJI Datasheet HTML 5Page - Pyramid Semiconductor Corporation P4C1023L-55CJI Datasheet HTML 6Page - Pyramid Semiconductor Corporation P4C1023L-55CJI Datasheet HTML 7Page - Pyramid Semiconductor Corporation P4C1023L-55CJI Datasheet HTML 8Page - Pyramid Semiconductor Corporation P4C1023L-55CJI Datasheet HTML 9Page - Pyramid Semiconductor Corporation P4C1023L-55CJI Datasheet HTML 10Page - Pyramid Semiconductor Corporation P4C1023L-55CJI Datasheet HTML 11Page - Pyramid Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 8 / 11 page
background image
P4C1023/P4C1023L
Page 8 of 11
Document # SRAM126 REV OR
SELECTION GUIDE
The P4C1023L is available in the following temperature, speed and package options.
ORDERING INFORMATION
55
70
Side Brazed DIP (400 mil)
-55CC
-70CC
Side Brazed DIP (600 mil)
-55CWC
-70CWC
Ceramic SOJ
-55CJC
-70CJC
Side Brazed DIP (400 mil)
-55CI
-70CI
Side Brazed DIP (600 mil)
-55CWI
-70CWI
Ceramic SOJ
-55CJI
-70CJI
Side Brazed DIP (400 mil)
-55CM
-70CM
Side Brazed DIP (600 mil)
-55CWM
-70CWM
Ceramic SOJ
-55CJM
-70CJM
Side Brazed DIP (400 mil)
-55CMB
-70CMB
Side Brazed DIP (600 mil)
-55CWMB
-70CWMB
Ceramic SOJ
-55CJMB
-70CJMB
Speed (ns)
Temperature
Range
Package
Military
Processed*
Military
Temperature
Industrial
Commercial


Similar Part No. - P4C1023L-55CJI

ManufacturerPart #DatasheetDescription
logo
Pyramid Semiconductor C...
P4C1024 PYRAMID-P4C1024 Datasheet
87Kb / 8P
   HIGH SPEED 128K X 8 CMOS STATIC RAM
P4C1024-15J3C PYRAMID-P4C1024-15J3C Datasheet
87Kb / 8P
   HIGH SPEED 128K X 8 CMOS STATIC RAM
P4C1024-15J3I PYRAMID-P4C1024-15J3I Datasheet
87Kb / 8P
   HIGH SPEED 128K X 8 CMOS STATIC RAM
P4C1024-15J4C PYRAMID-P4C1024-15J4C Datasheet
87Kb / 8P
   HIGH SPEED 128K X 8 CMOS STATIC RAM
P4C1024-15J4I PYRAMID-P4C1024-15J4I Datasheet
87Kb / 8P
   HIGH SPEED 128K X 8 CMOS STATIC RAM
More results

Similar Description - P4C1023L-55CJI

ManufacturerPart #DatasheetDescription
logo
Taiwan Memory Technolog...
T15M1024A TMT-T15M1024A Datasheet
85Kb / 13P
   128K X 8 LOW POWER CMOS STATIC RAM
T15M1024A TMT-T15M1024A_04 Datasheet
87Kb / 13P
   128K X 8 LOW POWER CMOS STATIC RAM
logo
Pyramid Semiconductor C...
P4C1024L PYRAMID-P4C1024L Datasheet
281Kb / 11P
   LOW POWER 128K x 8 CMOS STATIC RAM
logo
List of Unclassifed Man...
IS62C1024AL-35QLI-TR ETC2-IS62C1024AL-35QLI-TR Datasheet
313Kb / 11P
   128K x 8 LOW POWER CMOS STATIC RAM
logo
Integrated Circuit Solu...
IC62C1024L ICSI-IC62C1024L Datasheet
123Kb / 8P
   128K X 8 LOW POWER CMOS STATIC RAM
logo
Integrated Silicon Solu...
62C1024L ISSI-62C1024L Datasheet
65Kb / 11P
   128K x 8 LOW POWER CMOS STATIC RAM
IS62C1024AL ISSI-IS62C1024AL Datasheet
75Kb / 11P
   128K x 8 LOW POWER CMOS STATIC RAM
logo
Integrated Circuit Solu...
IS62C1024LL ICSI-IS62C1024LL Datasheet
122Kb / 8P
   128K x 8 LOW POWER CMOS STATIC RAM
logo
Taiwan Memory Technolog...
T15N1024A TMT-T15N1024A Datasheet
91Kb / 13P
   128K X 8 LOW POWER CMOS STATIC RAM
logo
Winbond
W24100 WINBOND-W24100 Datasheet
172Kb / 11P
   128K X 8 CMOS STATIC RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com