Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

P4C1023L-55CJI Datasheet(PDF) 2 Page - Pyramid Semiconductor Corporation

Part # P4C1023L-55CJI
Description  LOW POWER 128K x 8 SINGLE CHIP ENABLE CMOS STATIC RAM
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PYRAMID [Pyramid Semiconductor Corporation]
Direct Link  http://www.pyramidsemiconductor.com
Logo PYRAMID - Pyramid Semiconductor Corporation

P4C1023L-55CJI Datasheet(HTML) 2 Page - Pyramid Semiconductor Corporation

  P4C1023L-55CJI Datasheet HTML 1Page - Pyramid Semiconductor Corporation P4C1023L-55CJI Datasheet HTML 2Page - Pyramid Semiconductor Corporation P4C1023L-55CJI Datasheet HTML 3Page - Pyramid Semiconductor Corporation P4C1023L-55CJI Datasheet HTML 4Page - Pyramid Semiconductor Corporation P4C1023L-55CJI Datasheet HTML 5Page - Pyramid Semiconductor Corporation P4C1023L-55CJI Datasheet HTML 6Page - Pyramid Semiconductor Corporation P4C1023L-55CJI Datasheet HTML 7Page - Pyramid Semiconductor Corporation P4C1023L-55CJI Datasheet HTML 8Page - Pyramid Semiconductor Corporation P4C1023L-55CJI Datasheet HTML 9Page - Pyramid Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
P4C1023/P4C1023L
Page 2 of 11
Document # SRAM126 REV OR
GND
≤ V
IN ≤ VCC
Comm.
Industrial
Military
I
LO
RECOMMENDED OPERATING TEMPERATURE & SUPPLY VOLTAGE
MAXIMUM RATINGS
Stresses greater than those listed can cause permanent damage to the device. These are absolute stress ratings only.
Functional operation of the device is not implied at these or any other conditions in excess of those given in the opera-
tional sections of this data sheet. Exposure to Maximum Ratings for extended periods can adversely affect device
reliability.
DC ELECTRICAL CHARACTERISTICS
(Over Recommended Operating Temperature & Supply Voltage)
Temperature Range (Ambient)
Supply Voltage
4.5V
≤ V
CC ≤ 5.5V
Industrial (-40°C to 85°C)
4.5V
≤ V
CC ≤ 5.5V
Commercial (0°C to 70°C)
Symbol
Parameter
Min
Max
Unit
V
CC
Supply Voltage with Respect to GND
-0.5
7.0
V
V
TERM
Terminal Voltage with Respect to GND (up to 7.0V)
-0.5
V
CC + 0.5
V
T
A
Operating Ambient Temperature
-55
125
°C
S
TG
-65
150
°C
I
OUT
Output Current into Low Outputs
25
mA
I
LAT
Latch-up Current
>200
mA
Storage Temperature
Symbol
Parameter
V
OH
V
OL
V
IH
V
IL
I
LI
I
SB
I
SB1
Output High Voltage
(I/O
0 - I/O7)
Output Low Voltage
(I/O
0 - I/O7)
Input High Voltage
Input Low Voltage
V
CC Current
CMOS Standby Current
(CMOS Input Levels)
V
CC Current
TTL Standby Current
(TTL Input Levels)
Output Leakage Current
Input Leakage Current
I
OH = –1mA, VCC = 4.5V
I
OL = 2.1mA
V
CC = 5.5V, IOUT = 0 mA
CE
1 ≥ VCC -0.2V, CE2 ≤ 0.2V
V
CC = 5.5V, IOUT = 0 mA
CE
1 = VIH or CE2 = VIL
GND
≤ V
OUT ≤ VCC
Comm.
CE
1 ≥ VIH or CE2 ≤ VIL
Industrial
Military
Test Conditions
Min
Max
Unit
2.4
2.2
-0.3
-2
-5
-10
-2
-5
-10
V
V
V
V
µA
µA
mA
µA
0.4
V
CC + 0.3
0.8
+2
+5
+10
+2
+5
+10
3
100
Military (-55°C to 125°C)
4.5V
≤ V
CC ≤ 5.5V


Similar Part No. - P4C1023L-55CJI

ManufacturerPart #DatasheetDescription
logo
Pyramid Semiconductor C...
P4C1024 PYRAMID-P4C1024 Datasheet
87Kb / 8P
   HIGH SPEED 128K X 8 CMOS STATIC RAM
P4C1024-15J3C PYRAMID-P4C1024-15J3C Datasheet
87Kb / 8P
   HIGH SPEED 128K X 8 CMOS STATIC RAM
P4C1024-15J3I PYRAMID-P4C1024-15J3I Datasheet
87Kb / 8P
   HIGH SPEED 128K X 8 CMOS STATIC RAM
P4C1024-15J4C PYRAMID-P4C1024-15J4C Datasheet
87Kb / 8P
   HIGH SPEED 128K X 8 CMOS STATIC RAM
P4C1024-15J4I PYRAMID-P4C1024-15J4I Datasheet
87Kb / 8P
   HIGH SPEED 128K X 8 CMOS STATIC RAM
More results

Similar Description - P4C1023L-55CJI

ManufacturerPart #DatasheetDescription
logo
Taiwan Memory Technolog...
T15M1024A TMT-T15M1024A Datasheet
85Kb / 13P
   128K X 8 LOW POWER CMOS STATIC RAM
T15M1024A TMT-T15M1024A_04 Datasheet
87Kb / 13P
   128K X 8 LOW POWER CMOS STATIC RAM
logo
Pyramid Semiconductor C...
P4C1024L PYRAMID-P4C1024L Datasheet
281Kb / 11P
   LOW POWER 128K x 8 CMOS STATIC RAM
logo
List of Unclassifed Man...
IS62C1024AL-35QLI-TR ETC2-IS62C1024AL-35QLI-TR Datasheet
313Kb / 11P
   128K x 8 LOW POWER CMOS STATIC RAM
logo
Integrated Circuit Solu...
IC62C1024L ICSI-IC62C1024L Datasheet
123Kb / 8P
   128K X 8 LOW POWER CMOS STATIC RAM
logo
Integrated Silicon Solu...
62C1024L ISSI-62C1024L Datasheet
65Kb / 11P
   128K x 8 LOW POWER CMOS STATIC RAM
IS62C1024AL ISSI-IS62C1024AL Datasheet
75Kb / 11P
   128K x 8 LOW POWER CMOS STATIC RAM
logo
Integrated Circuit Solu...
IS62C1024LL ICSI-IS62C1024LL Datasheet
122Kb / 8P
   128K x 8 LOW POWER CMOS STATIC RAM
logo
Taiwan Memory Technolog...
T15N1024A TMT-T15N1024A Datasheet
91Kb / 13P
   128K X 8 LOW POWER CMOS STATIC RAM
logo
Winbond
W24100 WINBOND-W24100 Datasheet
172Kb / 11P
   128K X 8 CMOS STATIC RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com