Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

P4C187-20DI Datasheet(PDF) 9 Page - Pyramid Semiconductor Corporation

Part # P4C187-20DI
Description  ULTRA HIGH SPEED 64K x 1 STATIC CMOS RAMS
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PYRAMID [Pyramid Semiconductor Corporation]
Direct Link  http://www.pyramidsemiconductor.com
Logo PYRAMID - Pyramid Semiconductor Corporation

P4C187-20DI Datasheet(HTML) 9 Page - Pyramid Semiconductor Corporation

Back Button P4C187-20DI Datasheet HTML 4Page - Pyramid Semiconductor Corporation P4C187-20DI Datasheet HTML 5Page - Pyramid Semiconductor Corporation P4C187-20DI Datasheet HTML 6Page - Pyramid Semiconductor Corporation P4C187-20DI Datasheet HTML 7Page - Pyramid Semiconductor Corporation P4C187-20DI Datasheet HTML 8Page - Pyramid Semiconductor Corporation P4C187-20DI Datasheet HTML 9Page - Pyramid Semiconductor Corporation P4C187-20DI Datasheet HTML 10Page - Pyramid Semiconductor Corporation P4C187-20DI Datasheet HTML 11Page - Pyramid Semiconductor Corporation P4C187-20DI Datasheet HTML 12Page - Pyramid Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
P4C187/187L
Page 9 of 12
Document # SRAM111 REV B
Pkg #
# Pins
Symbol
Min
Max
A
-
0.225
b
0.015
0.020
b2
0.045
0.065
C
0.009
0.012
D
1.060
1.110
E
0.290
0.320
eA
e
L
0.125
0.200
Q
0.015
0.060
S1
0.005
-
15°
D3
22 (300 mil)
0.300 BSC
0.100 BSC
α
CERDIP DUAL IN-LINE PACKAGE
SIDE BRAZED DUAL IN-LINE PACKAGES
Pkg #
# Pins
Symbol
Min
Max
A
0.100
0.200
b
0.014
0.023
b2
0.030
0.060
C
0.008
0.015
D
1.050
1.260
E
0.260
0.310
eA
e
L
0.125
0.200
Q
0.015
0.070
S1
0.005
-
S2
0.005
-
C3
22 (300 mil)
0.300 BSC
0.100 BSC


Similar Part No. - P4C187-20DI

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
P4C187-25DC ETC-P4C187-25DC Datasheet
70Kb / 8P
   ULTRA HIGH SPEED 64K x 1 STATIC CMOS RAMS
P4C187-25DM ETC-P4C187-25DM Datasheet
70Kb / 8P
   ULTRA HIGH SPEED 64K x 1 STATIC CMOS RAMS
P4C187-25DMB ETC-P4C187-25DMB Datasheet
70Kb / 8P
   ULTRA HIGH SPEED 64K x 1 STATIC CMOS RAMS
P4C187-25JC ETC-P4C187-25JC Datasheet
70Kb / 8P
   ULTRA HIGH SPEED 64K x 1 STATIC CMOS RAMS
P4C187-25JM ETC-P4C187-25JM Datasheet
70Kb / 8P
   ULTRA HIGH SPEED 64K x 1 STATIC CMOS RAMS
More results

Similar Description - P4C187-20DI

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
P4C187 ETC-P4C187 Datasheet
70Kb / 8P
   ULTRA HIGH SPEED 64K x 1 STATIC CMOS RAMS
logo
Pyramid Semiconductor C...
P4C1281 PYRAMID-P4C1281 Datasheet
895Kb / 11P
   ULTRA HIGH SPEED 64K X 4 cmos STATIC RAMS
P4C1257 PYRAMID-P4C1257 Datasheet
957Kb / 11P
   ULTRA HIGH SPEED 256K x 1 STATIC CMOS RAMS
P4C167 PYRAMID-P4C167 Datasheet
192Kb / 10P
   ULTRA HIGH SPEED 16K X 1 STATIC CMOS RAMS
P4C163 PYRAMID-P4C163 Datasheet
321Kb / 12P
   ULTRA HIGH SPEED 8K x 9 STATIC CMOS RAMS
P4C164 PYRAMID-P4C164 Datasheet
182Kb / 16P
   ULTRA HIGH SPEED 8K x 8 STATIC CMOS RAMS
P4C198 PYRAMID-P4C198 Datasheet
231Kb / 13P
   ULTRA HIGH SPEED 16K x 4 STATIC CMOS RAMS
logo
Force Technologies Ltd
FT6264 FORCE-FT6264 Datasheet
953Kb / 17P
   ULTRA HIGH SPEED 8K x 8 STATIC CMOS RAMS
logo
Pyramid Semiconductor C...
P4C116 PYRAMID-P4C116 Datasheet
239Kb / 14P
   ULTRA HIGH SPEED 2K x 8 STATIC CMOS RAMS
logo
List of Unclassifed Man...
P4C116 ETC-P4C116 Datasheet
76Kb / 8P
   ULTRA HIGH SPEED 2K x 8 STATIC CMOS RAMS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com