Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CY7C1324H Datasheet(PDF) 2 Page - Cypress Semiconductor

Part # CY7C1324H
Description  2-Mbit (128K x 18) Flow-Through Sync SRAM
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY7C1324H Datasheet(HTML) 2 Page - Cypress Semiconductor

  CY7C1324H Datasheet HTML 1Page - Cypress Semiconductor CY7C1324H Datasheet HTML 2Page - Cypress Semiconductor CY7C1324H Datasheet HTML 3Page - Cypress Semiconductor CY7C1324H Datasheet HTML 4Page - Cypress Semiconductor CY7C1324H Datasheet HTML 5Page - Cypress Semiconductor CY7C1324H Datasheet HTML 6Page - Cypress Semiconductor CY7C1324H Datasheet HTML 7Page - Cypress Semiconductor CY7C1324H Datasheet HTML 8Page - Cypress Semiconductor CY7C1324H Datasheet HTML 9Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 15 page
background image
CY7C1324H
Document #: 001-00208 Rev. *B
Page 2 of 15
Selection Guide
133 MHz
Unit
Maximum Access Time
6.5
ns
Maximum Operating Current
225
mA
Maximum Standby Current
40
mA
Pin Configurations
100-pin TQFP Pinout
A
NC
VDDQ
VSS
NC
DQPB
DQA
DQA
VSS
VDDQ
DQA
DQA
VSS
NC
VDD
DQA
DQA
VDDQ
VSS
DQA
DQA
NC
NC
VSS
VDDQ
NC
NC
NC
NC
NC
NC
VDDQ
VSS
NC
NC
DQB
DQB
VSS
VDDQ
DQB
DQB
NC
VDD
NC
VSS
DQB
DQB
VDDQ
VSS
DQB
DQB
DQPB
NC
VSS
VDDQ
NC
NC
NC
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
21
22
23
24
25
26
27
28
29
30
80
79
78
77
76
75
74
73
72
71
70
69
68
67
66
65
64
63
62
61
60
59
58
57
56
55
54
53
52
51
BYTE A
ZZ
NC
BYTE B
CY7C1324H
[+] Feedback
[+] Feedback


Similar Part No. - CY7C1324H

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C1324F CYPRESS-CY7C1324F Datasheet
325Kb / 15P
   2-Mb (128K x 18) Flow-Through Sync SRAM
CY7C1324F-117AC CYPRESS-CY7C1324F-117AC Datasheet
325Kb / 15P
   2-Mb (128K x 18) Flow-Through Sync SRAM
CY7C1324F-117AI CYPRESS-CY7C1324F-117AI Datasheet
325Kb / 15P
   2-Mb (128K x 18) Flow-Through Sync SRAM
CY7C1324F-133AC CYPRESS-CY7C1324F-133AC Datasheet
325Kb / 15P
   2-Mb (128K x 18) Flow-Through Sync SRAM
More results

Similar Description - CY7C1324H

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C1324F CYPRESS-CY7C1324F Datasheet
325Kb / 15P
   2-Mb (128K x 18) Flow-Through Sync SRAM
CY7C1338G CYPRESS-CY7C1338G_06 Datasheet
396Kb / 17P
   4-Mbit (128K x 32) Flow-Through Sync SRAM
CY7C1345G CYPRESS-CY7C1345G_07 Datasheet
767Kb / 20P
   4-Mbit (128K x 36) Flow Through Sync SRAM
CY7C1338G CYPRESS-CY7C1338G Datasheet
291Kb / 17P
   4-Mbit (128K x 32) Flow-Through Sync SRAM
CY7C1345G CYPRESS-CY7C1345G Datasheet
331Kb / 17P
   4-Mbit (128K x 36) Flow-Through Sync SRAM
CY7C1326H CYPRESS-CY7C1326H Datasheet
678Kb / 15P
   2-Mbit (128K x 18) Pipelined Sync SRAM
CY7C1297H CYPRESS-CY7C1297H Datasheet
354Kb / 15P
   1-Mbit (64K x 18) Flow-Through Sync SRAM
CY7C1325G CYPRESS-CY7C1325G Datasheet
337Kb / 16P
   4-Mbit (256K x 18) Flow-Through Sync SRAM
CY7C1297F CYPRESS-CY7C1297F Datasheet
439Kb / 15P
   1-Mbit (64K x 18) Flow-Through Sync SRAM
CY7C1231H CYPRESS-CY7C1231H Datasheet
534Kb / 12P
   2-Mbit (128K x 18) Flow-Through SRAM with NoBL??Architecture
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com