Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CY7C1328G-250AXC Datasheet(PDF) 8 Page - Cypress Semiconductor

Part # CY7C1328G-250AXC
Description  4-Mbit (256K x 18) Pipelined DCD Sync SRAM
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY7C1328G-250AXC Datasheet(HTML) 8 Page - Cypress Semiconductor

Back Button CY7C1328G-250AXC Datasheet HTML 4Page - Cypress Semiconductor CY7C1328G-250AXC Datasheet HTML 5Page - Cypress Semiconductor CY7C1328G-250AXC Datasheet HTML 6Page - Cypress Semiconductor CY7C1328G-250AXC Datasheet HTML 7Page - Cypress Semiconductor CY7C1328G-250AXC Datasheet HTML 8Page - Cypress Semiconductor CY7C1328G-250AXC Datasheet HTML 9Page - Cypress Semiconductor CY7C1328G-250AXC Datasheet HTML 10Page - Cypress Semiconductor CY7C1328G-250AXC Datasheet HTML 11Page - Cypress Semiconductor CY7C1328G-250AXC Datasheet HTML 12Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
CY7C1328G
Document #: 38-05523 Rev. *E
Page 8 of 16
Maximum Ratings
(Above which the useful life may be impaired. For user guide-
lines, not tested.)
Storage Temperature .................................... –65°C to +150°
Ambient Temperature with
Power Applied............................................. –55°C to +125°C
Supply Voltage on VDD Relative to GND........ –0.5V to +4.6V
Supply Voltage on VDDQ Relative to GND ...... –0.5V to +VDD
DC Voltage Applied to Outputs
in tri-state ............................................ –0.5V to VDDQ + 0.5V
DC Input Voltage ................................... –0.5V to VDD + 0.5V
Current into Outputs (LOW)......................................... 20 mA
Static Discharge Voltage........................................... > 2001V
(per MIL-STD-883,Method 3015)
Latch -up Current.................................................... > 200 mA
Operating Range
Range
Ambient
Temperature (TA)VDD
VDDQ
Commercial
0°C to +70°C
3.3V
−5%/+10% 2.5V−5%
to VDD
Industrial
–40°C to +85°C
Electrical Characteristics Over the Operating Range[7, 8]
Parameter
Description
Test Conditions
Min.
Max.
Unit
VDD
Power Supply Voltage
3.135
3.6
V
VDDQ
I/O Supply Voltage
2.375
VDD
V
VOH
Output HIGH Voltage
VDDQ = 3.3V, VDD = Min., IOH = –4.0 mA
2.4
V
VDDQ = 2.5V, VDD = Min., IOH = –1.0 mA
2.0
V
VOL
Output LOW Voltage
VDDQ = 3.3V, VDD = Max., IOL = 8.0 mA
0.4
V
VDDQ = 2.5V, VDD = Max., IOL = 1.0 mA
0.4
V
VIH
Input HIGH Voltage[7]
VDDQ = 3.3V
2.0
VDD + 0.3V
V
VDDQ = 2.5V
1.7
VDD + 0.3V
V
VIL
Input LOW Voltage[7]
VDDQ = 3.3V
–0.3
0.8
V
VDDQ = 2.5V
–0.3
0.7
V
IX
Input Leakage Current
except ZZ and MODE
GND
≤ V
I ≤ VDDQ
–5
5
µA
Input Current of MODE
Input = VSS
–30
µA
Input = VDD
5
µA
Input Current of ZZ
Input = VSS
–5
µA
Input = VDD
30
µA
IOZ
Output Leakage Current
GND
≤ V
I ≤ VDDQ, Output Disabled
–5
5
µA
IDD
VDD Operating Supply
Current
VDD = Max., IOUT = 0 mA,
f = fMAX = 1/tCYC
4-ns cycle, 250 MHz
325
mA
5-ns cycle, 200 MHz
265
mA
6-ns cycle, 167 MHz
240
mA
7.5-ns cycle, 133 MHz
225
mA
ISB1
Automatic CE
Power-down
Current—TTL Inputs
VDD = Max., Device
Deselected,
VIN ≥ VIH or VIN ≤ VIL,
f = fMAX = 1/tCYC
4-ns cycle, 250 MHz
120
mA
5-ns cycle, 200 MHz
110
mA
6-ns cycle, 167 MHz
100
mA
7.5-ns cycle, 133 MHz
90
mA
ISB2
Automatic CE Power-down
Current—CMOS Inputs
VDD = Max., Device
Deselected, VIN ≤ 0.3V or
VIN > VDDQ – 0.3V, f = 0
All speeds
40
mA
ISB3
Automatic CE
Power-down
Current—CMOS Inputs
VDD = Max., Device
Deselected, or VIN ≤ 0.3V or
VIN > VDDQ – 0.3V, f = fMAX =
1/tCYC
4-ns cycle, 250 MHz
105
mA
5-ns cycle, 200 MHz
95
mA
6-ns cycle, 167 MHz
85
mA
7.5-ns cycle, 133 MHz
75
mA
Notes:
7. Overshoot: VIH(AC) < VDD +1.5V (Pulse width less than tCYC/2), undershoot: VIL(AC)> –2V (Pulse width less than tCYC/2).
8. TPower-up: Assumes a linear ramp from 0V to VDD(min.) within 200 ms. During this time VIH < VDD and VDDQ < VDD.
[+] Feedback
[+] Feedback


Similar Part No. - CY7C1328G-250AXC

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C1328G-133AXI CYPRESS-CY7C1328G-133AXI Datasheet
584Kb / 22P
   4-Mbit (256 K 횞 18) Pipelined DCD Sync SRAM
CY7C1328G-133AXI CYPRESS-CY7C1328G-133AXI Datasheet
602Kb / 23P
   4-Mbit (256 K x 18) Pipelined DCD Sync SRAM
More results

Similar Description - CY7C1328G-250AXC

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C1328F CYPRESS-CY7C1328F Datasheet
341Kb / 17P
   4-Mb (256K x 18) Pipelined DCD Sync SRAM
CY7C1327G CYPRESS-CY7C1327G Datasheet
340Kb / 18P
   4-Mbit (256K x 18) Pipelined Sync SRAM
CY7C1327G CYPRESS-CY7C1327G_06 Datasheet
373Kb / 18P
   4-Mbit (256K x 18) Pipelined Sync SRAM
CY7C1366C CYPRESS-CY7C1366C_06 Datasheet
549Kb / 29P
   9-Mbit (256K x 36/512K x 18) Pipelined DCD Sync SRAM
CY7C1366C CYPRESS-CY7C1366C Datasheet
458Kb / 27P
   9-Mbit (256K x 36/512K x 18) Pipelined DCD Sync SRAM
CY7C1368C CYPRESS-CY7C1368C Datasheet
402Kb / 18P
   9-Mbit (256K x 32) Pipelined DCD Sync SRAM
CY7C1328G CYPRESS-CY7C1328G_13 Datasheet
602Kb / 23P
   4-Mbit (256 K x 18) Pipelined DCD Sync SRAM
CY7C1298H CYPRESS-CY7C1298H Datasheet
383Kb / 16P
   1-Mbit (64K x 18) Pipelined DCD Sync SRAM
CY7C1223H CYPRESS-CY7C1223H Datasheet
708Kb / 16P
   2-Mbit (128K x 18) Pipelined DCD Sync SRAM
CY7C1298F CYPRESS-CY7C1298F Datasheet
332Kb / 15P
   1-Mbit (64K x 18) Pipelined DCD Sync SRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com