Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

P4C1048L-45TM Datasheet(PDF) 1 Page - Pyramid Semiconductor Corporation

Part # P4C1048L-45TM
Description  LOW POWER 512K x 8 CMOS STATIC RAM
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PYRAMID [Pyramid Semiconductor Corporation]
Direct Link  http://www.pyramidsemiconductor.com
Logo PYRAMID - Pyramid Semiconductor Corporation

P4C1048L-45TM Datasheet(HTML) 1 Page - Pyramid Semiconductor Corporation

  P4C1048L-45TM Datasheet HTML 1Page - Pyramid Semiconductor Corporation P4C1048L-45TM Datasheet HTML 2Page - Pyramid Semiconductor Corporation P4C1048L-45TM Datasheet HTML 3Page - Pyramid Semiconductor Corporation P4C1048L-45TM Datasheet HTML 4Page - Pyramid Semiconductor Corporation P4C1048L-45TM Datasheet HTML 5Page - Pyramid Semiconductor Corporation P4C1048L-45TM Datasheet HTML 6Page - Pyramid Semiconductor Corporation P4C1048L-45TM Datasheet HTML 7Page - Pyramid Semiconductor Corporation P4C1048L-45TM Datasheet HTML 8Page - Pyramid Semiconductor Corporation P4C1048L-45TM Datasheet HTML 9Page - Pyramid Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
1
Document # SRAM129 REV D
Revised July 2007
P4C1048L
LOW POWER 512K x 8
CMOS STATIC RAM
locations are specified on address pins A
0 to A18. Read-
ing is accomplished by device selection (
CE low) and
output enabling (
OE) while write enable (WE) remains
HIGH. By presenting the address under these condi-
tions, the data in the addressed memory location is pre-
sented on the data input/output pins. The input/output
pins stay in the HIGH Z state when either
CE is HIGH or
WE is LOW.
The P4C1048L is packaged in a 32-pin 445 mil plastic
SOP, 32-pin TSOP II, or 600 mil plastic or ceramic side-
brazed DIP.
The P4C1048L is a 4 Megabit low power CMOS static
RAM organized as 512K x 8. The CMOS memory re-
quires no clocks or refreshing, and has equal access
and cycle times. Inputs are fully TTL-compatible. The
RAM operates from a single 5V±10% tolerance power
supply.
Access times as fast as 45 ns are availale. CMOS is
utilized to reduce power consumption to a low level.
The P4C1048L device provides asynchronous opera-
tion with matching access and cycle times. Memory
Common Data I/O
Three-State Outputs
Fully TTL Compatible Inputs and Outputs
Advanced CMOS Technology
Automatic Power Down
Packages
—32-Pin 600 mil Plastic and Ceramic DIP
—32-Pin 445 mil SOP
—32-Pin TSOP II
V
CC Current
— Operating: 35mA
— CMOS Standby: 100µA
Access Times
—45/55/70/100 ns
Single 5 Volts ±10% Power Supply
Easy Memory Expansion Using
CE
CE
CE
CE
CE and OE
OE
OE
OE
OE
Inputs
DESCRIPTION
FEATURES
FUNCTIONAL BLOCK DIAGRAM
PIN CONFIGURATION
DIP (P600, C10),
SOP (S12), TSOP II (T4)
TOP VIEW


Similar Part No. - P4C1048L-45TM

ManufacturerPart #DatasheetDescription
logo
Pyramid Semiconductor C...
P4C1041 PYRAMID-P4C1041 Datasheet
445Kb / 10P
   HIGH SPEED 256K x 16 (4 MEG) STATIC CMOS RAM
P4C1041-10JC PYRAMID-P4C1041-10JC Datasheet
445Kb / 10P
   HIGH SPEED 256K x 16 (4 MEG) STATIC CMOS RAM
P4C1041-10JI PYRAMID-P4C1041-10JI Datasheet
445Kb / 10P
   HIGH SPEED 256K x 16 (4 MEG) STATIC CMOS RAM
P4C1041-10TC PYRAMID-P4C1041-10TC Datasheet
445Kb / 10P
   HIGH SPEED 256K x 16 (4 MEG) STATIC CMOS RAM
P4C1041-10TI PYRAMID-P4C1041-10TI Datasheet
445Kb / 10P
   HIGH SPEED 256K x 16 (4 MEG) STATIC CMOS RAM
More results

Similar Description - P4C1048L-45TM

ManufacturerPart #DatasheetDescription
logo
Taiwan Memory Technolog...
T15V4M08A TMT-T15V4M08A Datasheet
74Kb / 11P
   512K X 8 LOW POWER CMOS STATIC RAM
logo
Mosel Vitelic, Corp
V62C1804096 MOSEL-V62C1804096 Datasheet
157Kb / 10P
   512K X 8, CMOS STATIC RAM
V62C2804096 MOSEL-V62C2804096 Datasheet
163Kb / 10P
   512K X 8, CMOS STATIC RAM
V62C2184096 MOSEL-V62C2184096 Datasheet
49Kb / 10P
   512K X 8, CMOS STATIC RAM
logo
Integrated Silicon Solu...
62WV5128ALL ISSI-62WV5128ALL Datasheet
85Kb / 14P
   512K x 8 LOW VOLTAGE, ULTRA LOW POWER CMOS STATIC RAM
IS62WV5128DALL ISSI-IS62WV5128DALL Datasheet
525Kb / 18P
   512K x 8 LOW VOLTAGE, ULTRA LOW POWER CMOS STATIC RAM
logo
Integrated Device Techn...
IDT7MB4048 IDT-IDT7MB4048 Datasheet
80Kb / 6P
   512K x 8 CMOS STATIC RAM MODULE
logo
Integrated Silicon Solu...
IS62LV5128LL ISSI-IS62LV5128LL Datasheet
61Kb / 10P
   512K x 8 LOW POWER and LOW Vcc CMOS STATIC RAM
IS62WV5128BLL-55HLI ISSI-IS62WV5128BLL-55HLI Datasheet
286Kb / 17P
   512K x 8 LOW VOLTAGE, ULTRA LOW POWER CMOS STATIC RAM
logo
List of Unclassifed Man...
T15V8M16A ETC-T15V8M16A Datasheet
87Kb / 12P
   512K X 16 LOW POWER CMOS STATIC RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com