Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ICS83023AMILFT Datasheet(PDF) 5 Page - Integrated Device Technology

Part # ICS83023AMILFT
Description  DUAL, 1-TO-1 DIFFERENTIAL-TOLVCMOS TRANSLATOR/BUFFER
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

ICS83023AMILFT Datasheet(HTML) 5 Page - Integrated Device Technology

  ICS83023AMILFT Datasheet HTML 1Page - Integrated Device Technology ICS83023AMILFT Datasheet HTML 2Page - Integrated Device Technology ICS83023AMILFT Datasheet HTML 3Page - Integrated Device Technology ICS83023AMILFT Datasheet HTML 4Page - Integrated Device Technology ICS83023AMILFT Datasheet HTML 5Page - Integrated Device Technology ICS83023AMILFT Datasheet HTML 6Page - Integrated Device Technology ICS83023AMILFT Datasheet HTML 7Page - Integrated Device Technology ICS83023AMILFT Datasheet HTML 8Page - Integrated Device Technology ICS83023AMILFT Datasheet HTML 9Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 13 page
background image
83023AMI
www.icst.com/products/hiperclocks.html
REV. B JANUARY 18, 2006
5
Integrated
Circuit
Systems, Inc.
ICS83023I
DUAL, 1-TO-1
DIFFERENTIAL-TO-LVCMOS TRANSLATOR/BUFFER
ADDITIVE PHASE JITTER
Additive Phase Jitter @ 100MHz
(12kHz to 20MHz)
= 0.14ps typical
0
-10
-20
-30
-40
-50
-60
-70
-80
-90
-100
-110
-120
-130
-140
-150
-160
-170
-180
-190
1k
10k
100k
1M
10M
100M
The spectral purity in a band at a specific offset from the
fundamental compared to the power of the fundamental is
called the dBc Phase Noise. This value is normally expressed
using a Phase noise plot and is most often the specified plot
in many applications. Phase noise is defined as the ratio of
the noise power present in a 1Hz band at a specified offset
from the fundamental frequency to the power value of the
fundamental. This ratio is expressed in decibels (dBm) or a
As with most timing specifications, phase noise measure-
ments have issues. The primary issue relates to the limita-
tions of the equipment. Often the noise floor of the equipment
is higher than the noise floor of the device. This is illustrated
ratio of the power in the 1Hz band to the power in the funda-
mental. When the required offset is specified, the phase noise
is called a dBc value, which simply means dBm at a specified
offset from the fundamental. By investigating jitter in the fre-
quency domain, we get a better understanding of its effects
on the desired application over the entire time record of the
signal. It is mathematically possible to calculate an expected
bit error rate given a phase noise plot.
above. The device meets the noise floor of what is shown, but
can actually be lower. The phase noise is dependant on the
input source and measurement equipment.
OFFSET FROM CARRIER FREQUENCY (HZ)
ICS83023I
DUAL, 1-TO-1 DIFFERENTIAL-TO-LVCMOS TRANSLATOR/BUFFER
TSD
IDT™ / ICS™ DUAL, 1-TO-1 DIFFERENTIAL-TO-LVCMOS TRANSLATOR/BUFFER
ICS83023I
5


Similar Part No. - ICS83023AMILFT

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
ICS83023AMILFT ICST-ICS83023AMILFT Datasheet
158Kb / 12P
   DIFFERENTIAL-TO-LVCMOS TRANSLATOR/BUFFER
More results

Similar Description - ICS83023AMILFT

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
ICS830S21I-01 IDT-ICS830S21I-01 Datasheet
4Mb / 11P
   1-TO-1 2.5V, 3.3V DIFFERENTIAL-TOLVCMOS/LVTTL TRANSLATOR
ICS830S21I IDT-ICS830S21I Datasheet
693Kb / 11P
   1-TO-1 2.5V, 3.3V DIFFERENTIAL-TOLVCMOS/LVTTL TRANSLATOR
83023I IDT-83023I Datasheet
129Kb / 13P
   Dual, 1-TO-1 Differential-to-LVCMOS Translator/Buffer
logo
Renesas Technology Corp
83023I RENESAS-83023I Datasheet
323Kb / 14P
   Dual, 1-TO-1 Differential-to-LVCMOS Translator/Buffer
December 14, 2015
logo
Integrated Device Techn...
ICS87951I-147 IDT-ICS87951I-147 Datasheet
635Kb / 15P
   LOW SKEW, 1-TO-9 DIFFERENTIAL-TOLVCMOS ZERO DELAY BUFFER
logo
ON Semiconductor
NB3L8504S ONSEMI-NB3L8504S_16 Datasheet
249Kb / 11P
   1:4 Differential Input to LVDS Fanout Buffer / Translator
April, 2016 ??Rev. 2
logo
Renesas Technology Corp
83021I RENESAS-83021I Datasheet
513Kb / 13P
   1-to-1 Differential-to-LVCMOS/LVTTL Translator
December 14, 2015
logo
Integrated Device Techn...
83021I IDT-83021I Datasheet
320Kb / 12P
   1-to-1 Differential-to-LVCMOS/LVTTL Translator
ICS83021I IDT-ICS83021I Datasheet
654Kb / 12P
   1-TO-1 DIFFERENTIAL- TO-LVCMOS/LVTTL TRANSLATOR
logo
Pericom Semiconductor C...
PI6C49X0201 PERICOM-PI6C49X0201 Datasheet
1Mb / 6P
   1-To-1 Differential-to-LVCMOS/LVTTL Translator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com