Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

P4C168-35FSM Datasheet(PDF) 5 Page - Pyramid Semiconductor Corporation

Part # P4C168-35FSM
Description  ULTRA HIGH SPEED 4K x 4 STATIC CMOS RAMS
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PYRAMID [Pyramid Semiconductor Corporation]
Direct Link  http://www.pyramidsemiconductor.com
Logo PYRAMID - Pyramid Semiconductor Corporation

P4C168-35FSM Datasheet(HTML) 5 Page - Pyramid Semiconductor Corporation

  P4C168-35FSM Datasheet HTML 1Page - Pyramid Semiconductor Corporation P4C168-35FSM Datasheet HTML 2Page - Pyramid Semiconductor Corporation P4C168-35FSM Datasheet HTML 3Page - Pyramid Semiconductor Corporation P4C168-35FSM Datasheet HTML 4Page - Pyramid Semiconductor Corporation P4C168-35FSM Datasheet HTML 5Page - Pyramid Semiconductor Corporation P4C168-35FSM Datasheet HTML 6Page - Pyramid Semiconductor Corporation P4C168-35FSM Datasheet HTML 7Page - Pyramid Semiconductor Corporation P4C168-35FSM Datasheet HTML 8Page - Pyramid Semiconductor Corporation P4C168-35FSM Datasheet HTML 9Page - Pyramid Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 15 page
background image
P4C168, P4C169, P4C170
Page 5 of 15
Document # SRAM107 REV A
AC ELECTRICAL CHARACTERISTICS - WRITE CYCLE
(V
CC = 5V ± 10%, All Temperature Ranges)
(2)
Min Max Min Max Min Max Min Max Min Max
tWC
Write Cycle Time
12
15
18
20
30
ns
tcw
Chip Enable Time to End of Write
1215182030
ns
tAW
Address Valid to End of Write
1215182030
ns
tAS
Address Set-up Time
00000
ns
tWP
Write Pulse Width
1215182030
ns
tAH
Address Hold Time
00000
ns
tDW
Data Valid to End of Write
7
8
10
10
15
ns
tDH
Data Hold Time
00000
ns
tWZ
Write Enable to Output in High Z
4567
13
ns
tOW
Output Active from End of Write
00000
ns
Sym
Parameter
Unit
-35
-12
-15
-20
-25
AC ELECTRICAL CHARACTERISTICS - WRITE CYCLE (CONTINUED)
(V
CC = 5V ± 10%, All Temperature Ranges)
(2)
Min Max Min Max Min Max
tWC
Write Cycle Time
45
55
70
ns
tcw
Chip Enable Time to End of Write
40
50
60
ns
tAW
Address Valid to End of Write
40
50
60
ns
tAS
Address Set-up Time
0
0
0
ns
tWP
Write Pulse Width
40
50
60
ns
tAH
Address Hold Time
0
0
0
ns
tDW
Data Valid to End of Write
20
20
25
ns
tDH
Data Hold Time
3
3
3
ns
tWZ
Write Enable to Output in High Z
20
25
30
ns
tOW
Output Active from End of Write
0
0
0
ns
Sym
Parameter
Unit
-45
-55
-70


Similar Part No. - P4C168-35FSM

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
P4C168 ETC1-P4C168 Datasheet
75Kb / 8P
   ULTRA HIGH SPEED 4K x 4 STATIC CMOS RAMS
P4C1681 ETC-P4C1681 Datasheet
59Kb / 6P
   ULTRA HIGH SPEED 4K x 4 STATIC CMOS RAMS
logo
Pyramid Semiconductor C...
P4C1681 PYRAMID-P4C1681 Datasheet
194Kb / 10P
   ULTRA HIGH SPEED 4K x 4 STATIC CMOS RAMS
P4C1681-12CC PYRAMID-P4C1681-12CC Datasheet
194Kb / 10P
   ULTRA HIGH SPEED 4K x 4 STATIC CMOS RAMS
P4C1681-12CM PYRAMID-P4C1681-12CM Datasheet
194Kb / 10P
   ULTRA HIGH SPEED 4K x 4 STATIC CMOS RAMS
More results

Similar Description - P4C168-35FSM

ManufacturerPart #DatasheetDescription
logo
Pyramid Semiconductor C...
P4C1681 PYRAMID-P4C1681 Datasheet
194Kb / 10P
   ULTRA HIGH SPEED 4K x 4 STATIC CMOS RAMS
logo
List of Unclassifed Man...
P4C168 ETC1-P4C168 Datasheet
75Kb / 8P
   ULTRA HIGH SPEED 4K x 4 STATIC CMOS RAMS
P4C1681 ETC-P4C1681 Datasheet
59Kb / 6P
   ULTRA HIGH SPEED 4K x 4 STATIC CMOS RAMS
logo
Pyramid Semiconductor C...
P4C198 PYRAMID-P4C198 Datasheet
231Kb / 13P
   ULTRA HIGH SPEED 16K x 4 STATIC CMOS RAMS
P4C148 PYRAMID-P4C148 Datasheet
281Kb / 10P
   ULTRA HIGH SPEED 1K x 4 STATIC CMOS RAMS
P4C1281 PYRAMID-P4C1281 Datasheet
895Kb / 11P
   ULTRA HIGH SPEED 64K X 4 cmos STATIC RAMS
P4C1981 PYRAMID-P4C1981 Datasheet
337Kb / 13P
   ULTRA HIGH SPEED 16K x 4 CMOS STATIC RAMS
P4C188 PYRAMID-P4C188 Datasheet
203Kb / 12P
   ULTRA HIGH SPEED 16K x 4 STATIC CMOS RAMS
logo
List of Unclassifed Man...
P4C1981 ETC1-P4C1981 Datasheet
94Kb / 10P
   ULTRA HIGH SPEED 16K x 4 CMOS STATIC RAMS
P4C187 ETC-P4C187 Datasheet
70Kb / 8P
   ULTRA HIGH SPEED 64K x 1 STATIC CMOS RAMS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com