Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CY7C1310BV18-167BZXC Datasheet(PDF) 6 Page - Cypress Semiconductor

Part # CY7C1310BV18-167BZXC
Description  18-Mbit QDR??II SRAM 2 Word Burst Architecture
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY7C1310BV18-167BZXC Datasheet(HTML) 6 Page - Cypress Semiconductor

Back Button CY7C1310BV18-167BZXC Datasheet HTML 2Page - Cypress Semiconductor CY7C1310BV18-167BZXC Datasheet HTML 3Page - Cypress Semiconductor CY7C1310BV18-167BZXC Datasheet HTML 4Page - Cypress Semiconductor CY7C1310BV18-167BZXC Datasheet HTML 5Page - Cypress Semiconductor CY7C1310BV18-167BZXC Datasheet HTML 6Page - Cypress Semiconductor CY7C1310BV18-167BZXC Datasheet HTML 7Page - Cypress Semiconductor CY7C1310BV18-167BZXC Datasheet HTML 8Page - Cypress Semiconductor CY7C1310BV18-167BZXC Datasheet HTML 9Page - Cypress Semiconductor CY7C1310BV18-167BZXC Datasheet HTML 10Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 28 page
background image
CY7C1310BV18
CY7C1910BV18
CY7C1312BV18
CY7C1314BV18
Document #: 38-05619 Rev. *E
Page 6 of 28
Pin Definitions
Pin Name
IO
Pin Description
D[x:0]
Input-
Synchronous
Data Input Signals, sampled on the rising edge of K and K clocks during valid write operations.
CY7C1310BV18 - D[7:0]
CY7C1910BV18 - D[8:0]
CY7C1312BV18 - D[17:0]
CY7C1314BV18 - D[35:0]
WPS
Input-
Synchronous
Write Port Select, Active LOW. Sampled on the rising edge of the K clock. When asserted active,
a write operation is initiated. Deasserting deselects the write port. Deselecting the write port ignores
D[x:0].
NWS0,NWS1
Nibble Write Select 0, 1
− Active LOW. (CY7C1310BV18 Only) Sampled on the rising edge of the
K and K clocks during write operations. Used to select which nibble is written into the device during
the current portion of the write operations. Nibbles that are not written remain unaltered. NWS0
controls D[3:0] and NWS1 controls D[7:4]. All Nibble Write Selects are sampled on the same edge as
the data. Deselecting a Nibble Write Select ignores the corresponding nibble of data and is not written
into the device.
BWS0, BWS1,
BWS2, BWS3
Input-
Synchronous
Byte Write Select 0, 1, 2 and 3
− Active LOW. Sampled on the rising edge of the K and K clocks
during write operations. Used to select the byte that is written into the device during the current portion
of the write operations. Bytes that are not written remain unaltered.
CY7C1910BV18
− BWS0 controls D[8:0]
CY7C1312BV18
− BWS0 controls D[8:0], BWS1 controls D[17:9].
CY7C1314BV18
− BWS0 controls D[8:0], BWS1 controls D[17:9],BWS2 controls D[26:18] and BWS3
controls D[35:27].
All the Byte Write Selects are sampled on the same edge as the data. Deselecting a Byte Write Select
ignores the corresponding byte of data and is not written into the device.
A
Input-
Synchronous
Address Inputs. Sampled on the rising edge of the K (read address) and K (write address) clocks
during active read and write operations. These address inputs are multiplexed for both read and write
operations. Internally, the device is organized as 2M x 8 (2 arrays each of 1M x 8) for CY7C1310BV18,
2M x 9 (2 arrays each of 1M x 9) for CY7C1910BV18, 1M x 18 (2 arrays each of 512K x 18) for
CY7C1312BV18, and 512K x 36 (2 arrays each of 256K x 36) for CY7C1314BV18. Therefore, only
20 address inputs are needed to access the entire memory array of CY7C1310BV18 and
CY7C1910BV18, 19 address inputs for CY7C1312BV18, and 18 address inputs for CY7C1314BV18.
These inputs are ignored when the appropriate port is deselected.
Q[x:0]
Outputs-
Synchronous
Data Output signals. These pins drive out the requested data during a read operation. Valid data is
driven out on the rising edge of both the C and C clocks during read operations or K and K when in
single clock mode. When the read port is deselected, Q[x:0] are automatically tri-stated.
CY7C1310BV18
− Q[7:0]
CY7C1910BV18
− Q[8:0]
CY7C1312BV18
− Q[17:0]
CY7C1314BV18
− Q[35:0]
RPS
Input-
Synchronous
Read Port Select, Active LOW. Sampled on the rising edge of Positive Input Clock (K). When active,
a read operation is initiated. Deasserting deselects the read port. When deselected, the pending
access is allowed to complete and the output drivers are automatically tri-stated following the next
rising edge of the C clock. Each read access consists of a burst of two sequential transfers.
C
Input-Clock
Positive Input Clock for Output Data. C is used in conjunction with C to clock out the read data
from the device. C and C are used together to deskew the flight times of various devices on the board
back to the controller. For more information see “Application Example” on page 9.
C
Input-Clock
Negative Input Clock for Output Data. C is used in conjunction with C to clock out the read data
from the device. C and C are used together to deskew the flight times of various devices on the board
back to the controller. For more information see “Application Example” on page 9.
K
Input-Clock
Positive Input Clock Input. The rising edge of K captures synchronous inputs to the device and
drives out data through Q[x:0] when in single clock mode. All accesses are initiated on the rising edge
of K.


Similar Part No. - CY7C1310BV18-167BZXC

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C1310BV18-167BZC CYPRESS-CY7C1310BV18-167BZC Datasheet
262Kb / 25P
   18-Mbit QDR-II SRAM 2-Word Burst Architecture
More results

Similar Description - CY7C1310BV18-167BZXC

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C1310CV18 CYPRESS-CY7C1310CV18 Datasheet
1Mb / 26P
   18-Mbit QDR-II??SRAM 2-Word Burst Architecture
CY7C1310BV18 CYPRESS-CY7C1310BV18 Datasheet
262Kb / 25P
   18-Mbit QDR-II SRAM 2-Word Burst Architecture
CY7C1310JV18 CYPRESS-CY7C1310JV18 Datasheet
639Kb / 26P
   18 Mbit QDR-II SRAM 2-Word Burst Architecture
CY7C1311BV18 CYPRESS-CY7C1311BV18 Datasheet
259Kb / 23P
   18-Mbit QDR-II SRAM 4-Word Burst Architecture
CY7C1311BV18 CYPRESS-CY7C1311BV18_06 Datasheet
505Kb / 28P
   18-Mbit QDR??II SRAM 4-Word Burst Architecture
CY7C1311CV18 CYPRESS-CY7C1311CV18 Datasheet
695Kb / 31P
   18-Mbit QDR??II SRAM 4-Word Burst Architecture
CY7C1311BV18 CYPRESS-CY7C1311BV18_11 Datasheet
1Mb / 32P
   18-Mbit QDR??II SRAM 4-Word Burst Architecture
CY7C1311JV18 CYPRESS-CY7C1311JV18 Datasheet
689Kb / 27P
   18-Mbit QDR II SRAM 4-Word Burst Architecture
CY7C1510KV18 CYPRESS-CY7C1510KV18_09 Datasheet
836Kb / 30P
   72-Mbit QDR-II SRAM 2-Word Burst Architecture
CY7C1410AV18 CYPRESS-CY7C1410AV18 Datasheet
277Kb / 23P
   36-Mbit QDR-II??SRAM 2-Word Burst Architecture
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com