Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IDT70125L55JGI Datasheet(PDF) 8 Page - Integrated Device Technology

Part # IDT70125L55JGI
Description  HIGH-SPEED 2K x 9 DUAL-PORT STATIC RAM WITH BUSY & INTERRUPT
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

IDT70125L55JGI Datasheet(HTML) 8 Page - Integrated Device Technology

Back Button IDT70125L55JGI Datasheet HTML 4Page - Integrated Device Technology IDT70125L55JGI Datasheet HTML 5Page - Integrated Device Technology IDT70125L55JGI Datasheet HTML 6Page - Integrated Device Technology IDT70125L55JGI Datasheet HTML 7Page - Integrated Device Technology IDT70125L55JGI Datasheet HTML 8Page - Integrated Device Technology IDT70125L55JGI Datasheet HTML 9Page - Integrated Device Technology IDT70125L55JGI Datasheet HTML 10Page - Integrated Device Technology IDT70125L55JGI Datasheet HTML 11Page - Integrated Device Technology IDT70125L55JGI Datasheet HTML 12Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 15 page
background image
6.42
IDT70121/IDT70125
High-Speed 2K x 9 Dual-Port Static RAM with Busy & Interrupt
Industrial and Commercial Temperature Ranges
8
APRIL 05, 2006
AC Electrical Characteristics Over the
Operating Temperature and Supply Voltage Range(4)
NOTES:
1. Transition is measured 0mV from Low or High-impedance voltage with Output Test Load (Figure 2).
2. This parameter guaranteed by device characterization, but is not production tested.
3. For MASTER/SLAVE combination, tWC = tBAA + tWP, since R/W = VIL must occur after tBAA .
4. 'X' in part numbers indicates power rating (S or L).
5. The specified tDH must be met by the device supplying write date to the RAM under all operating conditions.
Although tDH and tOW values will vary over voltage and temperature. The actual tDH will always be smaller than the actual tOW.
6. If
OE is LOW during a R/W controlled write cycle, the write pulse width must be the larger of tWP or (tWZ + tDW) to allow the I/O drivers to turn off data to be
placed on the bus for the required tDW. If
OE is HIGH during a R/W controlled write cycle, this requirement does not apply and the write pulse can be as short
as the specified tWP.
Symbol
Parameter
70121X25
70125X25
Com'l Only
70121X35
70125X35
Com'l
& Ind
Unit
Min.
Max.
Min.
Max.
WRITE CYCLE
tWC
Write Cycle Time (4)
25
____
35
____
ns
tEW
Chip Enable to End-of-Write
20
____
30
____
ns
tAW
Address Valid to End-of-Write
20
____
30
____
ns
tAS
Address Set-up Time
0
____
0
____
ns
tWP
Write Pulse Width
(6)
20
____
30
____
ns
tWR
Write Recovery Time
0
____
0
____
ns
tDW
Data Valid to End-of-Write
12
____
20
____
ns
tHZ
Output High-Z Time(1,2,3)
____
10
____
15
ns
tDH
Data Hold Time(5)
0
____
0
____
ns
tWZ
Write Enable to Output in High-Z(1,3)
____
10
____
15
ns
tOW
Output Active from End-of-Write(1,2,3,5)
0
____
0
____
ns
2654 tbl 10a
Symbol
Parameter
70121X45
70125X45
Com'l Only
70121X55
70125X55
Com'l Only
Unit
Min.
Max.
Min.
Max.
WRITE CYCLE
tWC
Write Cycle Time(4)
45
____
55
____
ns
tEW
Chip Enable to End-of-Write
35
____
40
____
ns
tAW
Address Valid to End-of-Write
35
____
40
____
ns
tAS
Address Set-up Time
0
____
0
____
ns
tWP
Write Pulse Width(6)
35
____
40
____
ns
tWR
Write Recovery Time
0
____
0
____
ns
tDW
Data Valid to End-of-Write
20
____
20
____
ns
tHZ
Output High-Z Time
(1,2,3)
____
20
____
30
ns
tDH
Data Hold Time
(5)
0
____
0
____
ns
tWZ
Write Enable to Output in High-Z(1,3)
____
20
____
30
ns
tOW
Output Active from End-of-Write(1,2,3,5)
0
____
0
____
ns
2654 tbl 10b


Similar Part No. - IDT70125L55JGI

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT70125L55J IDT-IDT70125L55J Datasheet
168Kb / 12P
   HIGH-SPEED 2K x 9 DUAL-PORT STATIC RAM WITH BUSY & INTERRUPT
More results

Similar Description - IDT70125L55JGI

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT70121S IDT-IDT70121S Datasheet
168Kb / 12P
   HIGH-SPEED 2K x 9 DUAL-PORT STATIC RAM WITH BUSY & INTERRUPT
IDT70121S IDT-IDT70121S_14 Datasheet
199Kb / 16P
   HIGH-SPEED 2K x 9 DUAL-PORT STATIC RAM WITH BUSY & INTERRUPT
logo
Renesas Technology Corp
70121L RENESAS-70121L Datasheet
416Kb / 17P
   HIGH-SPEED 2K x 9 DUAL-PORT STATIC RAM WITH BUSY & INTERRUPT
SEPTEMBER 2019
logo
Integrated Device Techn...
IDT70121S IDT-IDT70121S_17 Datasheet
170Kb / 16P
   HIGH-SPEED 2K x 9 DUAL-PORT STATIC RAM
IDT71V321S IDT-IDT71V321S Datasheet
129Kb / 14P
   HIGH-SPEED 3.3V 2K x 8 DUAL-PORT STATIC RAM WITH INTERRUPT
IDT7132SA IDT-IDT7132SA_15 Datasheet
203Kb / 16P
   HIGH SPEED 2K x 8 DUAL PORT STATIC RAM
IDT71321SA IDT-IDT71321SA_08 Datasheet
143Kb / 17P
   HIGH SPEED 2K X 8 DUAL-PORT STATIC RAM
IDT7132SA IDT-IDT7132SA_18 Datasheet
169Kb / 16P
   HIGH SPEED 2K x 8 DUAL PORT STATIC RAM
IDT71321SA IDT-IDT71321SA_18 Datasheet
184Kb / 18P
   HIGH SPEED 2K X 8 DUAL-PORT STATIC RAM
7132SA100J IDT-7132SA100J Datasheet
292Kb / 16P
   HIGH SPEED 2K x 8 DUAL PORT STATIC RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com