Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IDTIDT71P71604167BQ Datasheet(PDF) 5 Page - Integrated Device Technology

Part # IDTIDT71P71604167BQ
Description  18Mb Pipelined DDR?줚I SRAM Burst of 2
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

IDTIDT71P71604167BQ Datasheet(HTML) 5 Page - Integrated Device Technology

  IDTIDT71P71604167BQ Datasheet HTML 1Page - Integrated Device Technology IDTIDT71P71604167BQ Datasheet HTML 2Page - Integrated Device Technology IDTIDT71P71604167BQ Datasheet HTML 3Page - Integrated Device Technology IDTIDT71P71604167BQ Datasheet HTML 4Page - Integrated Device Technology IDTIDT71P71604167BQ Datasheet HTML 5Page - Integrated Device Technology IDTIDT71P71604167BQ Datasheet HTML 6Page - Integrated Device Technology IDTIDT71P71604167BQ Datasheet HTML 7Page - Integrated Device Technology IDTIDT71P71604167BQ Datasheet HTML 8Page - Integrated Device Technology IDTIDT71P71604167BQ Datasheet HTML 9Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 23 page
background image
6.42
5
IDT71P71804 (1M x 18-Bit) 71P71604 (512K x 36-Bit)
18 Mb DDR II SRAM Burst of 2
Commercial Temperature Range
Pin Configuration IDT71P71804 (1M x 18)
1
234
567
89
10
11
A
CQ
VSS/
SA (2)
SA
R/W
BW
1
K
NC
LD
SA
VSS/
SA (1)
CQ
B
NC
DQ9
NC
SA
NC
K
BW
0
SA
NC
NC
DQ8
C
NC
NC
NC
VSS
SA
SA0
SA
VSS
NC
DQ7
NC
D
NC
NC
DQ10
VSS
VSS
VSS
VSS
VSS
NC
NC
NC
E
NC
NC
DQ11
VDDQ
VSS
VSS
VSS
VDDQ
NC
NC
DQ6
F
NC
DQ12
NC
VDDQ
VDD
VSS
VDD
VDDQ
NC
NC
DQ5
G
NC
NC
DQ13
VDDQ
VDD
VSS
VDD
VDDQ
NC
NC
NC
H
Doff
VREF
VDDQ
VDDQ
VDD
VSS
VDD
VDDQ
VDDQ
VREF
ZQ
J
NC
NC
NC
VDDQ
VDD
VSS
VDD
VDDQ
NC
DQ4
NC
K
NC
NC
DQ14
VDDQ
VDD
VSS
VDD
VDDQ
NC
NC
DQ3
L
NC
DQ15
NC
VDDQ
VSS
VSS
VSS
VDDQ
NC
NC
DQ2
M
NC
NC
NC
VSS
VSS
VSS
VSS
VSS
NC
DQ1
NC
N
NC
NC
DQ16
VSS
SA
SA
SA
VSS
NC
NC
NC
P
NC
NC
DQ17
SA
SA
C
SASANC
NC
DQ0
R
TDO
TCK
SA
SA
SA
C
SA
SA
SA
TMS
TDI
6112 tbl 12b
165-ball FBGA Pinout
TOP VIEW
NOTES:
1. A10 is reserved for the 36Mb expansion address. This must be tied or driven to Vss on the 1M x 18 DDRII Burst of 2 (71P71804) devices.
2. A2 is reserved for the 72Mb expansion address. This must be tied or driven to VSS on the 1M x 18 DDRII Burst of 2 (71P71804) devices.


Similar Part No. - IDTIDT71P71604167BQ

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDTIDT71P79104167BQ IDT-IDTIDT71P79104167BQ Datasheet
629Kb / 23P
   18Mb Pipelined DDR?줚I SIO SRAM Burst of 2
IDTIDT71P79104167BQI IDT-IDTIDT71P79104167BQI Datasheet
629Kb / 23P
   18Mb Pipelined DDR?줚I SIO SRAM Burst of 2
IDTIDT71P79104200BQ IDT-IDTIDT71P79104200BQ Datasheet
629Kb / 23P
   18Mb Pipelined DDR?줚I SIO SRAM Burst of 2
IDTIDT71P79104200BQI IDT-IDTIDT71P79104200BQI Datasheet
629Kb / 23P
   18Mb Pipelined DDR?줚I SIO SRAM Burst of 2
IDTIDT71P79104250BQ IDT-IDTIDT71P79104250BQ Datasheet
629Kb / 23P
   18Mb Pipelined DDR?줚I SIO SRAM Burst of 2
More results

Similar Description - IDTIDT71P71604167BQ

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT71P79204 IDT-IDT71P79204 Datasheet
629Kb / 23P
   18Mb Pipelined DDR?줚I SIO SRAM Burst of 2
IDT71P73204 IDT-IDT71P73204 Datasheet
635Kb / 25P
   18Mb Pipelined DDR?줚I SRAM Burst of 4
IDT71P72204 IDT-IDT71P72204 Datasheet
589Kb / 22P
   18Mb Pipelined QDRII SRAM Burst of 2
logo
GSI Technology
GS8182S18D GSI-GS8182S18D Datasheet
1Mb / 31P
   18Mb Burst of 2 DDR SigmaSIO-II SRAM
GS8182S08 GSI-GS8182S08 Datasheet
764Kb / 36P
   18Mb Burst of 2 SigmaSIO DDR-IITM SRAM
logo
Integrated Device Techn...
IDT71P74204 IDT-IDT71P74204 Datasheet
578Kb / 22P
   18Mb Pipelined QDR II SRAM Burst of 4
logo
GSI Technology
GS8180QV36BD-200I GSI-GS8180QV36BD-200I Datasheet
414Kb / 28P
   18Mb Burst of 2 SigmaQuad SRAM
GS8180QV18BD-200I GSI-GS8180QV18BD-200I Datasheet
414Kb / 28P
   18Mb Burst of 2 SigmaQuad SRAM
GS8180QV18BGD-167 GSI-GS8180QV18BGD-167 Datasheet
414Kb / 28P
   18Mb Burst of 2 SigmaQuad SRAM
GS8180QV18BD-167 GSI-GS8180QV18BD-167 Datasheet
414Kb / 28P
   18Mb Burst of 2 SigmaQuad SRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com