Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IDT74FCT163374CPA Datasheet(PDF) 5 Page - Integrated Device Technology

Part # IDT74FCT163374CPA
Description  3.3V CMOS 16-BIT REGISTER (3-STATE)
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

IDT74FCT163374CPA Datasheet(HTML) 5 Page - Integrated Device Technology

  IDT74FCT163374CPA Datasheet HTML 1Page - Integrated Device Technology IDT74FCT163374CPA Datasheet HTML 2Page - Integrated Device Technology IDT74FCT163374CPA Datasheet HTML 3Page - Integrated Device Technology IDT74FCT163374CPA Datasheet HTML 4Page - Integrated Device Technology IDT74FCT163374CPA Datasheet HTML 5Page - Integrated Device Technology IDT74FCT163374CPA Datasheet HTML 6Page - Integrated Device Technology IDT74FCT163374CPA Datasheet HTML 7Page - Integrated Device Technology  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
5
IDT74FCT163374A/C
3.3V CMOS 16-BIT REGISTER (3-STATE)
INDUSTRIALTEMPERATURERANGE
FCT163374A
FCT163374C
Symbol
Parameter
Condition(2)
Min.(3)
Max.
Min.(3)
Max.
Unit
tPLH
Propagation Delay
CL = 50pF
2
6.5
2
5.2
ns
tPHL
xCLK to xOx
RL = 500
Ω
tPZH
Output Enable Time
1.5
6.5
1.5
5.5
ns
tPZL
tPHZ
Output Disable Time
1.5
5.5
1.5
5
ns
tPLZ
tSU
Set-up Time HIGH or LOW, xDx to xCLK
2
2
ns
tH
Hold Time HIGH or LOW, xDx to xCLK
1.5
1.5
ns
tW
xCLK Pulse Width HIGH
5
5
ns
tSK(o)
Output Skew(4)
0.5
0.5
ns
SWITCHING CHARACTERISTICS OVER OPERATING RANGE(1)
NOTES:
1. Propagation Delays and Enable/Disable times are with VCC = 3.3V ±0.3V, Normal Range. For VCC = 2.7V to 3.6V, Extended Range, all Propagation Delays and Enable/Disable
times should be degraded by 20%.
2. See test circuit and waveforms.
3. Minimum limits are guaranteed but not tested on Propagation Delays.
4. Skew between any two outputs, of the same package, switching in the same direction. This parameter is guaranteed by design.


Similar Part No. - IDT74FCT163374CPA

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT74FCT163374C IDT-IDT74FCT163374C Datasheet
91Kb / 7P
   3.3V CMOS 16-BIT REGISTER
logo
Renesas Technology Corp
IDT74FCT163374C RENESAS-IDT74FCT163374C Datasheet
250Kb / 8P
   3.3V CMOS 16-BIT REGISTER (3-STATE)
MAY 2018
More results

Similar Description - IDT74FCT163374CPA

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
IDT74FCT163374A RENESAS-IDT74FCT163374A Datasheet
250Kb / 8P
   3.3V CMOS 16-BIT REGISTER (3-STATE)
MAY 2018
logo
Pericom Semiconductor C...
PI74FCT163374 PERICOM-PI74FCT163374 Datasheet
94Kb / 5P
   Fast CMOS 3.3V 16-Bit Register (3-State)
PI74LCX16374 PERICOM-PI74LCX16374 Datasheet
151Kb / 6P
   Fast CMOS 3.3V 16-Bit Register (3-State)
PI74LPT16374 PERICOM-PI74LPT16374 Datasheet
50Kb / 5P
   Fast CMOS 3.3V 16-Bit Register (3-State)
logo
Renesas Technology Corp
IDT74FCT16374AT RENESAS-IDT74FCT16374AT Datasheet
259Kb / 8P
   FAST CMOS 16-BIT REGISTER (3-STATE)
MARCH 2019
logo
Integrated Device Techn...
IDT74FCT162374AT IDT-IDT74FCT162374AT Datasheet
73Kb / 7P
   FAST CMOS 16-BIT REGISTER (3-STATE)
IDT54FCT16374T IDT-IDT54FCT16374T Datasheet
126Kb / 8P
   FAST CMOS 16-BIT REGISTER (3-STATE)
logo
Renesas Technology Corp
IDT74FCT162374AT RENESAS-IDT74FCT162374AT Datasheet
239Kb / 8P
   FAST CMOS 16-BIT REGISTER (3-STATE)
SEPTEMBER 2009
logo
Integrated Device Techn...
IDT74FCT163374A IDT-IDT74FCT163374A_18 Datasheet
91Kb / 7P
   3.3V CMOS 16-BIT REGISTER
logo
NXP Semiconductors
74ALVT16652 PHILIPS-74ALVT16652 Datasheet
108Kb / 14P
   2.5V/3.3V 16-bit bus transceiver/register 3-State
1998 Feb 13
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com