Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IDT74FCT162374ETPA Datasheet(PDF) 4 Page - Integrated Device Technology

Part # IDT74FCT162374ETPA
Description  FAST CMOS 16-BIT REGISTER (3-STATE)
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

IDT74FCT162374ETPA Datasheet(HTML) 4 Page - Integrated Device Technology

  IDT74FCT162374ETPA Datasheet HTML 1Page - Integrated Device Technology IDT74FCT162374ETPA Datasheet HTML 2Page - Integrated Device Technology IDT74FCT162374ETPA Datasheet HTML 3Page - Integrated Device Technology IDT74FCT162374ETPA Datasheet HTML 4Page - Integrated Device Technology IDT74FCT162374ETPA Datasheet HTML 5Page - Integrated Device Technology IDT74FCT162374ETPA Datasheet HTML 6Page - Integrated Device Technology IDT74FCT162374ETPA Datasheet HTML 7Page - Integrated Device Technology  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
4
INDUSTRIALTEMPERATURERANGE
IDT74FCT162374AT/CT/ET
FAST CMOS 16-BIT REGISTER (3-STATE)
Symbol
Parameter
Test Conditions(1)
Min.
Typ.(2)
Max.
Unit
ΔICC
Quiescent Power Supply Current
VCC = Max.
0.5
1.5
mA
TTL Inputs HIGH
VIN = 3.4V(3)
ICCD
Dynamic Power Supply
VCC = Max.
VIN = VCC
60
100
µA/
Current(4)
Outputs Open
VIN = GND
MHz
x
OE = GND
One Input Togging
50% Duty Cycle
IC
Total Power Supply Current(6)
VCC = Max.
VIN = VCC
0.6
1.5
mA
Outputs Open
VIN = GND
fCP = 10MHz
50% Duty Cycle
VIN = 3.4V
1.1
3
x
OE = GND
VIN = GND
fi = 5MHz
50% Duty Cycle
One Bit Toggling
VCC = Max.
VIN = VCC
3
5.5(5)
Outputs Open
VIN = GND
fCP = 10MHz
50% Duty Cycle
x
OE = GND
VIN = 3.4V
7.5
19(5)
Sixteen BitsTogging
VIN = GND
fi = 2.5MHz
50% Duty Cycle
POWER SUPPLY CHARACTERISTICS
NOTES:
1. For conditions shown as Min. or Max., use appropriate value specified under Electrical Characteristics for the applicable device type.
2. Typical values are at VCC = 5.0V, +25°C ambient.
3. Per TTL driven input (VIN = 3.4V). All other inputs at VCC or GND.
4. This parameter is not directly testable, but is derived for use in Total Power Supply Calculations.
5. Values for these conditions are examples of the ICC formula. These limits are guaranteed but not tested.
6. IC = IQUIESCENT + IINPUTS + IDYNAMIC
IC = ICC +
ΔICC DHNT + ICCD (fCPNCP/2 + fiNi)
ICC = Quiescent Current (ICCL, ICCH and ICCZ)
ΔICC = Power Supply Current for a TTL High Input (VIN = 3.4V)
DH = Duty Cycle for TTL Inputs High
NT = Number of TTL Inputs at DH
ICCD = Dynamic Current caused by an Input Transition Pair (HLH or LHL)
fCP = Clock Frequency for Register Devices (Zero for Non-Register Devices)
NCP = Number of Clock Inputs at fCP
fi = Input Frequency
Ni = Number of Inputs at fi


Similar Part No. - IDT74FCT162374ETPA

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT74FCT162374ETPA IDT-IDT74FCT162374ETPA Datasheet
126Kb / 8P
   FAST CMOS 16-BIT REGISTER (3-STATE)
IDT74FCT162374ETPAB IDT-IDT74FCT162374ETPAB Datasheet
126Kb / 8P
   FAST CMOS 16-BIT REGISTER (3-STATE)
More results

Similar Description - IDT74FCT162374ETPA

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
IDT74FCT16374AT RENESAS-IDT74FCT16374AT Datasheet
259Kb / 8P
   FAST CMOS 16-BIT REGISTER (3-STATE)
MARCH 2019
logo
Integrated Device Techn...
IDT54FCT16374T IDT-IDT54FCT16374T Datasheet
126Kb / 8P
   FAST CMOS 16-BIT REGISTER (3-STATE)
logo
Renesas Technology Corp
IDT74FCT162374AT RENESAS-IDT74FCT162374AT Datasheet
239Kb / 8P
   FAST CMOS 16-BIT REGISTER (3-STATE)
SEPTEMBER 2009
logo
Pericom Semiconductor C...
PI74FCT163374 PERICOM-PI74FCT163374 Datasheet
94Kb / 5P
   Fast CMOS 3.3V 16-Bit Register (3-State)
PI74LCX16374 PERICOM-PI74LCX16374 Datasheet
151Kb / 6P
   Fast CMOS 3.3V 16-Bit Register (3-State)
PI74LPT16374 PERICOM-PI74LPT16374 Datasheet
50Kb / 5P
   Fast CMOS 3.3V 16-Bit Register (3-State)
logo
Integrated Device Techn...
IDT74FCT163374A IDT-IDT74FCT163374A Datasheet
76Kb / 7P
   3.3V CMOS 16-BIT REGISTER (3-STATE)
logo
Renesas Technology Corp
IDT74FCT163374A RENESAS-IDT74FCT163374A Datasheet
250Kb / 8P
   3.3V CMOS 16-BIT REGISTER (3-STATE)
MAY 2018
logo
Pericom Semiconductor C...
PI74FCT162374T PERICOM-PI74FCT162374T Datasheet
90Kb / 7P
   Fast CMOS 16-Bit Registers (3-State)
logo
Integrated Device Techn...
IDT74FCT646T IDT-IDT74FCT646T_02 Datasheet
103Kb / 8P
   FAST CMOS OCTAL TRANSCEIVER/ REGISTER (3-STATE)
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com